Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT6219VP5330GT4 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CAT6219VP5330GT4
Description  500 mA CMOS LDO Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT6219VP5330GT4 Datasheet(HTML) 3 Page - ON Semiconductor

  CAT6219VP5330GT4 Datasheet HTML 1Page - ON Semiconductor CAT6219VP5330GT4 Datasheet HTML 2Page - ON Semiconductor CAT6219VP5330GT4 Datasheet HTML 3Page - ON Semiconductor CAT6219VP5330GT4 Datasheet HTML 4Page - ON Semiconductor CAT6219VP5330GT4 Datasheet HTML 5Page - ON Semiconductor CAT6219VP5330GT4 Datasheet HTML 6Page - ON Semiconductor CAT6219VP5330GT4 Datasheet HTML 7Page - ON Semiconductor CAT6219VP5330GT4 Datasheet HTML 8Page - ON Semiconductor CAT6219VP5330GT4 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
CAT6219
http://onsemi.com
3
Table 4. ELECTRICAL OPERATING CHARACTERISTICS (Note 3)
(VIN = VOUT + 1.0 V, VEN = High, IOUT = 100 mA, CIN = 1 mF, COUT = 2.2 mF, ambient temperature of 25°C (over recommended operating
conditions unless specified otherwise). Bold numbers apply for the entire junction temperature range.)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VOUT−ACC
Output Voltage Accuracy
Initial accuracy for VOUT ≥ 2.0 V
(Note 6)
−1.0
+1.0
%
−2.0
+2.0
TCOUT
Output Voltage Temp. Coefficient
40
ppm/°C
VR−LINE
Line Regulation
VIN = VOUT + 1.0 V to 5.5 V
−0.2
±0.1
+0.2
%/V
−0.4
+0.4
VR−LOAD
Load Regulation
IOUT = 100 mA to 500 mA
1
1.5
%
2
VDROP
Dropout Voltage (Note 4)
IOUT = 500 mA
300
400
mV
500
IGND
Ground Current
IOUT = 0 mA
55
75
mA
90
IOUT = 500 mA
85
IGND−SD
Shutdown Ground Current
VEN < 0.4 V
1
mA
2
PSRR
Power Supply Rejection Ratio
f = 1 kHz, CBYP = 10 nF
64
dB
f = 20 kHz, CBYP = 10 nF
54
ISC
Output short circuit current limit
VOUT = 0 V
200
mA
TON
Turn−On Time
CBYP = 10 nF
150
ms
eN
Output Noise Voltage (Note 5)
BW = 10 Hz to 100 kHz
45
mVrms
ROUT−SH
Shutdown Switch Resistance
250
W
REN
Enable pull−down resistor
2.5
MW
VUVLO
Under voltage lockout threshold
2.15
V
ESR
COUT equivalent series resistance
5
500
mW
VADJ
Adjustable input voltage
IOUT = 100 mA
1.2
1.24
1.27
V
ENABLE INPUT
VHI
Logic High Level
VIN = 2.3 to 5.5 V
1.8
V
VIN = 2.3 to 5.5 V, 0°C to +125°C
junction temperature
1.6
VLO
Logic Low Level
VIN = 2.3 to 5.5 V
0.4
V
IEN
Enable Input Current
VEN = 0.4 V
0.15
1
mA
VEN = VIN
1.5
4
THERMAL PROTECTION
TSD
Thermal Shutdown
160
°C
THYS
Thermal Hysteresis
10
°C
3. Specification for 2.80 V output version unless specified otherwise.
4. Dropout voltage is defined as the input−to−output differential at which the output voltage drops 2% below its nominal value measured at 1 V
differential. During test, the input voltage stays always above the minimum 2.3 V.
5. Specification for 1.8 V output version.
6. For VOUT < 2.0 V, the initial accuracy is ±2% and across temperature ±3%.


Similar Part No. - CAT6219VP5330GT4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT6219VP5330GT4 ONSEMI-CAT6219VP5330GT4 Datasheet
185Kb / 11P
   500 mA CMOS LDO Regulator
September, 2012 ??Rev. 14
CAT6219VP5330GT4 ONSEMI-CAT6219VP5330GT4 Datasheet
185Kb / 11P
   500 mA CMOS LDO Regulator
September, 2012 ??Rev. 14
More results

Similar Description - CAT6219VP5330GT4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT6219 ONSEMI-CAT6219_12 Datasheet
185Kb / 11P
   500 mA CMOS LDO Regulator
September, 2012 ??Rev. 14
CAT6219-ADJTDGT3 ONSEMI-CAT6219-ADJTDGT3 Datasheet
185Kb / 11P
   500 mA CMOS LDO Regulator
September, 2012 ??Rev. 14
logo
Vishay Siliconix
SI9185 VISHAY-SI9185 Datasheet
138Kb / 12P
   Micropower 500-mA CMOS LDO Regulator
Rev. B, 06-May-02
logo
ON Semiconductor
CAT6202VP2-GT3 ONSEMI-CAT6202VP2-GT3 Datasheet
149Kb / 10P
   500 mA / 13 V Adjustable CMOS LDO Regulator
October, 2012 ??Rev. 0
CAT6202 ONSEMI-CAT6202 Datasheet
149Kb / 10P
   500 mA / 13 V Adjustable CMOS LDO Regulator
October, 2012 ??Rev. 0
CAT6202 ONSEMI-CAT6202_14 Datasheet
155Kb / 10P
   500 mA / 13 V Adjustable CMOS LDO Regulator
January, 2014 ??Rev. 1
NCP5501DT33RKG ONSEMI-NCP5501DT33RKG Datasheet
213Kb / 13P
   500 mA LDO Voltage Regulator
April, 2013 ??Rev. 12
logo
Richtek Technology Corp...
RT9184 RICHTEK-RT9184 Datasheet
186Kb / 10P
   500 MA DUAL LDO REGULATOR
logo
Fortune Semiconductor C...
FS8855 FORTUNE-FS8855 Datasheet
824Kb / 14P
   500 mA LDO Linear Regulator
logo
Microchip Technology
MIC5212 MICROCHIP-MIC5212 Datasheet
1Mb / 18P
   Dual 500 mA LDO Regulator
09/14/21
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com