Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT6219-285TDGT3 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CAT6219-285TDGT3
Description  500 mA CMOS LDO Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT6219-285TDGT3 Datasheet(HTML) 1 Page - ON Semiconductor

  CAT6219-285TDGT3 Datasheet HTML 1Page - ON Semiconductor CAT6219-285TDGT3 Datasheet HTML 2Page - ON Semiconductor CAT6219-285TDGT3 Datasheet HTML 3Page - ON Semiconductor CAT6219-285TDGT3 Datasheet HTML 4Page - ON Semiconductor CAT6219-285TDGT3 Datasheet HTML 5Page - ON Semiconductor CAT6219-285TDGT3 Datasheet HTML 6Page - ON Semiconductor CAT6219-285TDGT3 Datasheet HTML 7Page - ON Semiconductor CAT6219-285TDGT3 Datasheet HTML 8Page - ON Semiconductor CAT6219-285TDGT3 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© Semiconductor Components Industries, LLC, 2010
February, 2010 − Rev. 9
1
Publication Order Number:
CAT6219/D
CAT6219
500 mA CMOS LDO
Regulator
Description
The CAT6219 is a 500 mA CMOS low dropout regulator that
provides fast response time during load current and line voltage
changes.
The quick-start feature allows the use of an external bypass
capacitor to reduce the overall output noise without affecting the
turn-on time of just 150
ms.
With zero shutdown current and low ground current of 55
mA
typical, the CAT6219 is ideal for battery-operated devices with supply
voltages from 2.3 V to 5.5 V. An internal under voltage lockout circuit
disables the output at supply voltages under 2.15 V typical.
The CAT6219 offers 1% initial accuracy and low dropout voltage,
300 mV typical at 500 mA. Stable operation is provided with a small
value ceramic capacitor, reducing required board space and
component cost.
Other features include current limit and thermal protection.
The LDO is available in fixed and adjustable output in the low
profile (1 mm max height) 5−lead TSOT23 and in the 6−pad 2 mm x
2 mm TDFN packages.
Features
Guaranteed 500 mA Peak Output Current
Low Dropout Voltage of 300 mV Typical at 500 mA
Stable with Ceramic Output Capacitor
External 10 nF Bypass Capacitor for Low Noise
Quick−start Feature
Under Voltage Lockout
No−load Ground Current of 55 mA Typical
Full−load Ground Current of 85 mA Typical
±1.0% Initial Accuracy (VOUT ≥ 2.0 V)
±2.0% Accuracy Over Temperature (VOUT ≥ 2.0 V)
“Zero” Current Shutdown Mode
Fold−back Current Limit
Thermal Protection
5−lead TSOT−23 and 6−pad TDFN Packages
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
Applications
Cellular Phones
Battery−powered Devices
Consumer Electronics
http://onsemi.com
TSOT−23
TD SUFFIX
CASE 419AE
PIN CONNECTIONS
RVYM
MARKING DIAGRAMS
1
5
VOUT
BYP/ADJ
VIN
GND
EN
1
See detailed ordering and shipping information in the package
dimensions section on page 9 of this data sheet.
ORDERING INFORMATION
TDFN−6
VP5 SUFFIX
CASE 511AH
1
ABYM
1
VOUT
BYP/ADJ
NC
VIN
GND
EN
TAB
(Top View)
AB = CAT6219180, CAT6219VP5 Device Code
Y = Production Year (last digit)
M = Production Month: 1 − 9, A, B, C
US= CAT6219−125, CAT6219−250,
= CAT6219−300 Device Code
RV = CAT6219−180, CAT6219−280,
= CAT6219−285, CAT6219−330 Device Code
UM = CAT6219−ADJ Device Code
Y = Production Year (last digit)
M = Production Month: 1 − 9, A, B, C
USYM
UMYM


Similar Part No. - CAT6219-285TDGT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT6219-285TDGT3 ONSEMI-CAT6219-285TDGT3 Datasheet
185Kb / 11P
   500 mA CMOS LDO Regulator
September, 2012 ??Rev. 14
More results

Similar Description - CAT6219-285TDGT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT6219 ONSEMI-CAT6219_12 Datasheet
185Kb / 11P
   500 mA CMOS LDO Regulator
September, 2012 ??Rev. 14
CAT6219-ADJTDGT3 ONSEMI-CAT6219-ADJTDGT3 Datasheet
185Kb / 11P
   500 mA CMOS LDO Regulator
September, 2012 ??Rev. 14
logo
Vishay Siliconix
SI9185 VISHAY-SI9185 Datasheet
138Kb / 12P
   Micropower 500-mA CMOS LDO Regulator
Rev. B, 06-May-02
logo
ON Semiconductor
CAT6202VP2-GT3 ONSEMI-CAT6202VP2-GT3 Datasheet
149Kb / 10P
   500 mA / 13 V Adjustable CMOS LDO Regulator
October, 2012 ??Rev. 0
CAT6202 ONSEMI-CAT6202 Datasheet
149Kb / 10P
   500 mA / 13 V Adjustable CMOS LDO Regulator
October, 2012 ??Rev. 0
CAT6202 ONSEMI-CAT6202_14 Datasheet
155Kb / 10P
   500 mA / 13 V Adjustable CMOS LDO Regulator
January, 2014 ??Rev. 1
NCP5501DT33RKG ONSEMI-NCP5501DT33RKG Datasheet
213Kb / 13P
   500 mA LDO Voltage Regulator
April, 2013 ??Rev. 12
logo
Richtek Technology Corp...
RT9184 RICHTEK-RT9184 Datasheet
186Kb / 10P
   500 MA DUAL LDO REGULATOR
logo
Fortune Semiconductor C...
FS8855 FORTUNE-FS8855 Datasheet
824Kb / 14P
   500 mA LDO Linear Regulator
logo
Microchip Technology
MIC5212 MICROCHIP-MIC5212 Datasheet
1Mb / 18P
   Dual 500 mA LDO Regulator
09/14/21
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com