Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT5411WI00 Datasheet(PDF) 9 Page - ON Semiconductor

Part # CAT5411WI00
Description  Dual Digitally Programmable Potentiometers (DPP?? with 64 Taps and SPI Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5411WI00 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button CAT5411WI00 Datasheet HTML 5Page - ON Semiconductor CAT5411WI00 Datasheet HTML 6Page - ON Semiconductor CAT5411WI00 Datasheet HTML 7Page - ON Semiconductor CAT5411WI00 Datasheet HTML 8Page - ON Semiconductor CAT5411WI00 Datasheet HTML 9Page - ON Semiconductor CAT5411WI00 Datasheet HTML 10Page - ON Semiconductor CAT5411WI00 Datasheet HTML 11Page - ON Semiconductor CAT5411WI00 Datasheet HTML 12Page - ON Semiconductor CAT5411WI00 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
CAT5411
© 2009 SCILLC. All rights reserved.
9
Doc. No. MD-2114 Rev. L
Characteristics subject to change without notice
WIPER CONTROL AND DATA REGISTERS
Wiper Control Register (WCR)
The CAT5411 contains two 6-bit Wiper Control
Registers, one for each potentiometer. The Wiper
Control Register output is decoded to select one of 64
switches along its resistor array. The contents of the
WCR can be altered in four ways: it may be written by
the host via Write Wiper Control Register instruction; it
may be written by transferring the contents of one of
four associated Data Registers via the XFR Data
Register instruction, it can be modified one step at a
time by the Increment/decrement instruction (see
Instruction section for more details). Finally, it is
loaded with the content of its data register zero (DR0)
upon power-up.
The Wiper Control Register is a volatile register that
loses its contents when the CAT5411 is powered-
down. Although the register is automatically loaded
with the value in DR0 upon power-up, this may be
different from the value present at power-down.
Data Registers (DR)
Each potentiometer has four 6-bit non-volatile Data
Registers. These can be read or written directly by the
host. Data can also be transferred between any of the
four Data Registers and the associated Wiper Control
Register. Any data changes in one of the Data
Registers is a non-volatile operation and will take a
maximum of 5 ms.
Write in Process
The contents of the Data Registers are saved to
nonvolatile memory when the CS
¯¯¯ input goes HIGH
after a write sequence is received. The status of the
internal write cycle can be monitored by issuing a
Read Status command to read the Write in Process
(WIP) bit.
INSTRUCTIONS
Four of the ten instructions are three bytes in length.
These instructions are:
— Read Wiper Control Register – read the current
wiper position of the selected potentiometer in
the WCR
— Write Wiper Control Register – change current
wiper position in the WCR of the selected
potentiometer
— Read Data Register – read the contents of the
selected Data Register
— Write Data Register – write a new value to the
selected Data Register
— Read Status – Read the status of the WIP bit
which when set to "1" signifies a write cycle is in
progress.
Table 3. Instruction Set
Instruction Set
Instruction
I3
I2
I1
I0
R1
R0
0
WCR0/ P0 Operations
Read Wiper Control Register 1
0
0
1
0
0
0
1/0
Read the contents of the Wiper Control Register
pointed to by P0
Write Wiper Control Register 1
0
1
0
0
0
0
1/0
Write new value to the Wiper Control Register
pointed to by P0
Read Data Register
1
0
1
1 1/0 1/0
0
1/0
Read the contents of the Data Register pointed to by
P0 and R1-R0
Write Data Register
1
1
0
0 1/0 1/0
0
1/0
Write new value to the Data Register pointed to by
P0 and R1-R0
XFR Data Register to Wiper
Control Register
1
1
0
1 1/0 1/0
0
1/0
Transfer the contents of the Data Register pointed to
by P0 and R1-R0 to its associated Wiper Control
Register
XFR Wiper Control Register
to Data Register
1
1
1
0 1/0 1/0
0
1/0
Transfer the contents of the Wiper Control Register
pointed to by P0 to the Data Register pointed to by
R1-R0
Global XFR Data Registers
to Wiper Control Registers
0
0
0
1 1/0 1/0
0
0
Transfer the contents of the Data Registers pointed to
by R1-R0 of all four pots to their respective Wiper
Control Registers
Global XFR Wiper Control
Registers to Data Register
1
0
0
0 1/0 1/0
0
0
Transfer the contents of both Wiper Control Registers
to their respective data Registers pointed to by
R1-R0 of all four pots
Increment/Decrement Wiper
Control Register
0
0
1
0
0
0
0
1/0
Enable Increment/decrement of the Control Latch
pointed to by P0
Read Status
0
1
0
1
0
0
0
1
Read WIP bit to check internal write cycle status
Note: 1/0 = data is one or zero


Similar Part No. - CAT5411WI00

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5411WI00 ONSEMI-CAT5411WI00 Datasheet
207Kb / 14P
   Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 13
More results

Similar Description - CAT5411WI00

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5411 CATALYST-CAT5411 Datasheet
93Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP) with 64 Taps and SPI Interface
CAT5411_0710 CATALYST-CAT5411_0710 Datasheet
275Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP?? with 64 Taps and SPI Interface
CAT5411 CATALYST-CAT5411_07 Datasheet
279Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP TM) with 64 Taps and SPI Interface
CAT5401 CATALYST-CAT5401_07 Datasheet
331Kb / 15P
   Quad Digitally Programmable Potentiometers (DPP?? with 64 Taps and SPI Interface
logo
ON Semiconductor
CAT5401 ONSEMI-CAT5401 Datasheet
244Kb / 15P
   Quad Digitally Programmable Potentiometers (DPP?? with 64 Taps and SPI Interface
Doc. No. MD-2012 Rev. J
logo
Catalyst Semiconductor
CAT5261 CATALYST-CAT5261_08 Datasheet
241Kb / 15P
   Dual Digitally Programmable Potentiometers (DPP?? with 256 Taps and SPI Interface
logo
ON Semiconductor
CAT5261 ONSEMI-CAT5261 Datasheet
253Kb / 15P
   Dual Digitally Programmable Potentiometers (DPP?? with 256 Taps and SPI Interface
Doc. No. MD-2122 Rev. G
CAT5411WI-25 ONSEMI-CAT5411WI-25 Datasheet
269Kb / 16P
   Dual Digitally Programmable Potentiometers with 64 Taps and SPI Interface
Doc. No. MD-2114 Rev. K
logo
Catalyst Semiconductor
CAT5221 CATALYST-CAT5221 Datasheet
112Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP) with 64 Taps and 2-wire Interface
CAT5419 CATALYST-CAT5419 Datasheet
95Kb / 18P
   Dual Digitally Programmable Potentiometers (DPP) with 64 Taps and 2-wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com