Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT6217-285TDGT3 Datasheet(PDF) 7 Page - ON Semiconductor

Part # CAT6217-285TDGT3
Description  150 mA CMOS LDO Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT6217-285TDGT3 Datasheet(HTML) 7 Page - ON Semiconductor

  CAT6217-285TDGT3 Datasheet HTML 1Page - ON Semiconductor CAT6217-285TDGT3 Datasheet HTML 2Page - ON Semiconductor CAT6217-285TDGT3 Datasheet HTML 3Page - ON Semiconductor CAT6217-285TDGT3 Datasheet HTML 4Page - ON Semiconductor CAT6217-285TDGT3 Datasheet HTML 5Page - ON Semiconductor CAT6217-285TDGT3 Datasheet HTML 6Page - ON Semiconductor CAT6217-285TDGT3 Datasheet HTML 7Page - ON Semiconductor CAT6217-285TDGT3 Datasheet HTML 8Page - ON Semiconductor CAT6217-285TDGT3 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
CAT6217
http://onsemi.com
7
TRANSIENT CHARACTERISTICS (shown for 2.80 V output option)
(VIN = 3.85 V, IOUT = 100 mA, CIN = COUT = 1 mF, CBYP = 10 nF, TA = 25°C unless otherwise specified.)
Figure 17. Enable Turn−on (100 mA Load)
Figure 18. Enable Turn−off (100 mA Load)
Figure 19. Enable Turn−on (150 mA Load)
Figure 20. Enable Turn−off (150 mA Load)
Figure 21. Line Transient Response
(3.85 V to 4.85 V)
Figure 22. Load Transient Response
(0.1 mA to 150 mA)
Note: All transient characteristics are generated using the evaluation board CAT621XEVAL1.


Similar Part No. - CAT6217-285TDGT3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT6217-285TD-GT3 CATALYST-CAT6217-285TD-GT3 Datasheet
266Kb / 10P
   150mA CMOS LDO Regulator
CAT6217-285TD-GT3 CATALYST-CAT6217-285TD-GT3 Datasheet
274Kb / 10P
   150mA CMOS LDO Regulator
More results

Similar Description - CAT6217-285TDGT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT6217 ONSEMI-CAT6217_11 Datasheet
156Kb / 9P
   150 mA CMOS LDO Regulator
January, 2011 ??Rev. 6
FAN2502 ONSEMI-FAN2502 Datasheet
972Kb / 14P
   150 mA CMOS LDO Regulator
May 2013 Rev. 1.1.0
NCV8170 ONSEMI-NCV8170 Datasheet
594Kb / 20P
   Ultra?륧ow IQ 150 mA CMOS LDO Regulator
May, 2015 ??Rev. 2
NCP170 ONSEMI-NCP170 Datasheet
664Kb / 20P
   Ultra?륧ow IQ 150 mA CMOS LDO Regulator
February, 2015 ??Rev. 6
NCP170 ONSEMI-NCP170_17 Datasheet
769Kb / 23P
   Ultra?륧ow IQ 150 mA CMOS LDO Regulator
October, 2017 ??Rev. 14
logo
Fairchild Semiconductor
FAN2502 FAIRCHILD-FAN2502_10 Datasheet
264Kb / 10P
   150 mA CMOS LDO Regulators
FAN2502 FAIRCHILD-FAN2502 Datasheet
255Kb / 10P
   150 mA CMOS LDO Regulators
logo
Vishay Siliconix
SI9183 VISHAY-SI9183_05 Datasheet
181Kb / 11P
   High-Performance, Size Saving 150-mA CMOS LDO Regulator
Rev. G, 20-Jun-05
logo
Fairchild Semiconductor
FAN2534 FAIRCHILD-FAN2534 Datasheet
492Kb / 11P
   150 mA CMOS LDO Regulator with Fast Start, Enable
logo
ON Semiconductor
NCP582 ONSEMI-NCP582 Datasheet
77Kb / 14P
   Low Noise 150 mA CMOS LDO Regulator with Enable
September, 2004 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com