Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT6218-240TDGT3 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CAT6218-240TDGT3
Description  300 mA CMOS LDO Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT6218-240TDGT3 Datasheet(HTML) 1 Page - ON Semiconductor

  CAT6218-240TDGT3 Datasheet HTML 1Page - ON Semiconductor CAT6218-240TDGT3 Datasheet HTML 2Page - ON Semiconductor CAT6218-240TDGT3 Datasheet HTML 3Page - ON Semiconductor CAT6218-240TDGT3 Datasheet HTML 4Page - ON Semiconductor CAT6218-240TDGT3 Datasheet HTML 5Page - ON Semiconductor CAT6218-240TDGT3 Datasheet HTML 6Page - ON Semiconductor CAT6218-240TDGT3 Datasheet HTML 7Page - ON Semiconductor CAT6218-240TDGT3 Datasheet HTML 8Page - ON Semiconductor CAT6218-240TDGT3 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© Semiconductor Components Industries, LLC, 2009
December, 2009 − Rev. 4
1
Publication Order Number:
CAT6218/D
CAT6218
300 mA CMOS LDO
Regulator
Description
The CAT6218 is a 300 mA CMOS low dropout regulator that
provides fast response time during load current and line voltage
changes.
The quick−start feature allows the use of an external bypass
capacitor to reduce the overall output noise without affecting the
turn−on time of just 150
ms.
With zero shutdown current and low ground current of 55
mA
typical, the CAT6218 is ideal for battery−operated devices with supply
voltages from 2.3 V to 5.5 V. An internal under voltage lockout circuit
disables the output at supply voltages under 2.1 V typical.
The CAT6218 offers 1% initial accuracy and low dropout voltage,
180 mV typical at 300 mA. Stable operation is provided with a small
value ceramic capacitor, reducing required board space and
component cost.
Other features include fold−back current limit and thermal
protection.
The device is available in the low profile (1 mm max height) 5−lead
thin SOT23 package.
Features
Guaranteed 300 mA Output Current
Low Dropout Voltage of 180 mV Typical at 300 mA
Stable with 1 mF Ceramic Output Capacitor
External 10 nF Bypass Capacitor for Low Noise
Quick−start Feature
No−load Ground Current of 55 mA Typical
Full−load Ground Current of 80 mA Typical
±1.0% Initial Accuracy (VOUT ≥ 2.0 V)
±2.0% Accuracy Over Temperature (VOUT ≥ 2.0 V)
“Zero” Current Shutdown Mode
Fold−back Current Limit and Under−voltage Lockout
Thermal Protection
Thin SOT23−5 Package
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
Applications
Cellular Phones
Battery−powered Devices
Consumer Electronics
http://onsemi.com
TSOT−23
TD SUFFIX
CASE 419AE
PIN CONNECTIONS
RUYM
MARKING DIAGRAM
1
5
(Top View)
VOUT
BYP
VIN
GND
EN
1
See detailed ordering and shipping information in the package
dimensions section on page 9 of this data sheet.
ORDERING INFORMATION
Supply voltage input.
1
Ground reference.
2
Enable input (active high); a 2.5 MW
pull−down resistor is provided.
3
Optional bypass capacitor connec-
tion for noise reduction and PSRR
enhancing.
4
LDO Output Voltage.
5
Function
Pin #
PIN FUNCTION
Name
VIN
GND
EN
BYP
VOUT
RU= CAT6218 Device Code
Y = Production Year (last digit)
M = Production Month: 1 − 9, A, B, C


Similar Part No. - CAT6218-240TDGT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT6218-240TDGT3 ONSEMI-CAT6218-240TDGT3 Datasheet
158Kb / 9P
   300 mA CMOS LDO Regulator
January, 2011 ??Rev. 5
More results

Similar Description - CAT6218-240TDGT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT6218 ONSEMI-CAT6218_11 Datasheet
158Kb / 9P
   300 mA CMOS LDO Regulator
January, 2011 ??Rev. 5
CAT6221 ONSEMI-CAT6221 Datasheet
597Kb / 10P
   300 mA CMOS Dual LDO Regulator
December, 2009 ??Rev. 1
CAT6221 ONSEMI-CAT6221_12 Datasheet
586Kb / 10P
   300 mA CMOS Dual LDO Regulator
February, 2011 ??Rev. 2
NCP603 ONSEMI-NCP603_13 Datasheet
153Kb / 13P
   300 mA High Performance CMOS LDO Regulator
January, 2013 ??Rev. 3
logo
Nisshinbo Micro Devices...
RP114X NISSHINBO-RP114X Datasheet
1Mb / 36P
   300 mA LDO REGULATOR
logo
ON Semiconductor
CAT6201VP2-GT3 ONSEMI-CAT6201VP2-GT3 Datasheet
343Kb / 10P
   300 mA / 13 V Adjustable CMOS LDO Regulator
September, 2012 ??Rev. 2
CAT6201 ONSEMI-CAT6201_V01 Datasheet
434Kb / 11P
   LDO Regulator - Adjustable CMOS 300 mA, 13 V
September, 2019 - Rev. 3
CAT6201 ONSEMI-CAT6201_13 Datasheet
338Kb / 10P
   300 mA / 13 V Adjustable CMOS LDO Regulator
December, 2013 ??Rev. 3
CAT6201 ONSEMI-CAT6201 Datasheet
343Kb / 10P
   300 mA / 13 V Adjustable CMOS LDO Regulator
September, 2012 ??Rev. 2
logo
Fortune Semiconductor C...
FS8853 FORTUNE-FS8853 Datasheet
889Kb / 15P
   300 mA LDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com