Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT6217-180TDGT3 Datasheet(PDF) 9 Page - ON Semiconductor

Part # CAT6217-180TDGT3
Description  150 mA CMOS LDO Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT6217-180TDGT3 Datasheet(HTML) 9 Page - ON Semiconductor

  CAT6217-180TDGT3 Datasheet HTML 1Page - ON Semiconductor CAT6217-180TDGT3 Datasheet HTML 2Page - ON Semiconductor CAT6217-180TDGT3 Datasheet HTML 3Page - ON Semiconductor CAT6217-180TDGT3 Datasheet HTML 4Page - ON Semiconductor CAT6217-180TDGT3 Datasheet HTML 5Page - ON Semiconductor CAT6217-180TDGT3 Datasheet HTML 6Page - ON Semiconductor CAT6217-180TDGT3 Datasheet HTML 7Page - ON Semiconductor CAT6217-180TDGT3 Datasheet HTML 8Page - ON Semiconductor CAT6217-180TDGT3 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
CAT6217
http://onsemi.com
9
Example of Ordering Information (Note 9)
Prefix
Device #
Suffix
Company ID
CAT
6217
Product Number
6217
T3
T: Tape & Reel
3: 3,000 / Reel
Tape & Reel (Note 11)
(Optional)
TD
Package
TD: TSOT−23
G
G: NiPdAu
Lead Finish
−280
150: 1.50 V
180: 1.80 V
250: 2.50 V
280: 2.80 V
285: 2.85 V
330: 3.30 V
VOUT Voltage (Note 10)
ORDERING INFORMATION
Orderable Part Number
VOUT Voltage
Package
Shipping
CAT6217−150TDGT3
1.50 V
TSOT−23
3,000 / Tape & Reel
CAT6217−180TDGT3
1.80 V
TSOT−23
3,000 / Tape & Reel
CAT6217−250TDGT3
2.50 V
TSOT−23
3,000 / Tape & Reel
CAT6217−280TDGT3
2.80 V
TSOT−23
3,000 / Tape & Reel
CAT6217−285TDGT3 (Note 10)
2.85 V
TSOT−23
3,000 / Tape & Reel
CAT6217−330TDGT3
3.30 V
TSOT−23
3,000 / Tape & Reel
7. All packages are RoHS−compliant (Lead−free, Halogen−free).
8. The standard finish is NiPdAu.
9. The device used in the above example is a CAT6217−280TDGT3 (VOUT = 2.80 V, in a TSOT−23 package, NiPdAu, Tape & Reel, 3,000/Reel).
10.For other voltage options, please contact your nearest ON Semiconductor Sales office.
11. For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
CAT6217/D
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5773−3850
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Similar Part No. - CAT6217-180TDGT3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT6217-180TD-GT3 CATALYST-CAT6217-180TD-GT3 Datasheet
266Kb / 10P
   150mA CMOS LDO Regulator
CAT6217-180TD-GT3 CATALYST-CAT6217-180TD-GT3 Datasheet
274Kb / 10P
   150mA CMOS LDO Regulator
More results

Similar Description - CAT6217-180TDGT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT6217 ONSEMI-CAT6217_11 Datasheet
156Kb / 9P
   150 mA CMOS LDO Regulator
January, 2011 ??Rev. 6
FAN2502 ONSEMI-FAN2502 Datasheet
972Kb / 14P
   150 mA CMOS LDO Regulator
May 2013 Rev. 1.1.0
NCV8170 ONSEMI-NCV8170 Datasheet
594Kb / 20P
   Ultra?륧ow IQ 150 mA CMOS LDO Regulator
May, 2015 ??Rev. 2
NCP170 ONSEMI-NCP170 Datasheet
664Kb / 20P
   Ultra?륧ow IQ 150 mA CMOS LDO Regulator
February, 2015 ??Rev. 6
NCP170 ONSEMI-NCP170_17 Datasheet
769Kb / 23P
   Ultra?륧ow IQ 150 mA CMOS LDO Regulator
October, 2017 ??Rev. 14
logo
Fairchild Semiconductor
FAN2502 FAIRCHILD-FAN2502_10 Datasheet
264Kb / 10P
   150 mA CMOS LDO Regulators
FAN2502 FAIRCHILD-FAN2502 Datasheet
255Kb / 10P
   150 mA CMOS LDO Regulators
logo
Vishay Siliconix
SI9183 VISHAY-SI9183_05 Datasheet
181Kb / 11P
   High-Performance, Size Saving 150-mA CMOS LDO Regulator
Rev. G, 20-Jun-05
logo
Fairchild Semiconductor
FAN2534 FAIRCHILD-FAN2534 Datasheet
492Kb / 11P
   150 mA CMOS LDO Regulator with Fast Start, Enable
logo
ON Semiconductor
NCP582 ONSEMI-NCP582 Datasheet
77Kb / 14P
   Low Noise 150 mA CMOS LDO Regulator with Enable
September, 2004 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com