Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT5411YI-25-T2 Datasheet(PDF) 8 Page - ON Semiconductor

Part # CAT5411YI-25-T2
Description  Dual Digitally Programmable Potentiometers (DPP?? with 64 Taps and SPI Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5411YI-25-T2 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button CAT5411YI-25-T2 Datasheet HTML 4Page - ON Semiconductor CAT5411YI-25-T2 Datasheet HTML 5Page - ON Semiconductor CAT5411YI-25-T2 Datasheet HTML 6Page - ON Semiconductor CAT5411YI-25-T2 Datasheet HTML 7Page - ON Semiconductor CAT5411YI-25-T2 Datasheet HTML 8Page - ON Semiconductor CAT5411YI-25-T2 Datasheet HTML 9Page - ON Semiconductor CAT5411YI-25-T2 Datasheet HTML 10Page - ON Semiconductor CAT5411YI-25-T2 Datasheet HTML 11Page - ON Semiconductor CAT5411YI-25-T2 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
CAT5411
Doc. No. MD-2114 Rev. L
8
© 2009 SCILLC. All rights reserved.
Characteristics subject to change without notice
INSTRUCTION AND REGISTER
DESCRIPTION
DEVICE TYPE / ADDRESS BYTE
The first byte sent to the CAT5411 from the master/
processor is called the Device Address Byte. The
most significant four bits of the Device Type address
are a device type identifier. These bits for the
CAT5411 are fixed at 0101[B] (refer to Table 1).
The two least significant bits in the slave address
byte, A1 - A0, are the internal slave address and must
match the physical device address which is defined by
the state of the A1 - A0 input pins for the CAT5411 to
successfully continue the command sequence. Only
the device which slave address matches the incoming
device address sent by the master executes the
instruction. The A1 - A0 inputs can be actively driven
by CMOS input signals or tied to VCC or VSS. The
remaining two bits in the device address byte must be
set to 0.
INSTRUCTION BYTE
The next byte sent to the CAT5411 contains the
instruction and register pointer information. The four
most significant bits used provide the instruction
opcode I [3:0]. The R1 and R0 bits point to one of the
four data registers of each associated potentiometer.
The least two significant bits point to one of two Wiper
Control Registers. The format is shown in Table 2.
Data Register Selection
Data Register Selected
R1
R0
DR0
0
0
DR1
0
1
DR2
1
0
DR3
1
1
Table 1. Identification Byte Format 0101 Device Type Identifier (MSB)
Table 2. Instruction Byte Format
Figure 3. Potentiometer Timing (for All Load Instructions)
ID3
ID2
ID1
ID0
0
0
A1
A0
0101
(MSB)
(LSB)
Device Type
Identifier
Slave Address
CS
SCK
SI
B
S
L
B
S
M
VW/RW
tWRL
SO
High Impedance
• • •
• • •
I3
I2
I1
I0
R1
R0
0
P0
(MSB)
(LSB)
Instruction
Data Register
WCR/Pot
Selection
Opcode
Selection


Similar Part No. - CAT5411YI-25-T2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5411YI-25-T2 ONSEMI-CAT5411YI-25-T2 Datasheet
207Kb / 14P
   Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 13
More results

Similar Description - CAT5411YI-25-T2

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5411 CATALYST-CAT5411 Datasheet
93Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP) with 64 Taps and SPI Interface
CAT5411_0710 CATALYST-CAT5411_0710 Datasheet
275Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP?? with 64 Taps and SPI Interface
CAT5411 CATALYST-CAT5411_07 Datasheet
279Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP TM) with 64 Taps and SPI Interface
CAT5401 CATALYST-CAT5401_07 Datasheet
331Kb / 15P
   Quad Digitally Programmable Potentiometers (DPP?? with 64 Taps and SPI Interface
logo
ON Semiconductor
CAT5401 ONSEMI-CAT5401 Datasheet
244Kb / 15P
   Quad Digitally Programmable Potentiometers (DPP?? with 64 Taps and SPI Interface
Doc. No. MD-2012 Rev. J
logo
Catalyst Semiconductor
CAT5261 CATALYST-CAT5261_08 Datasheet
241Kb / 15P
   Dual Digitally Programmable Potentiometers (DPP?? with 256 Taps and SPI Interface
logo
ON Semiconductor
CAT5261 ONSEMI-CAT5261 Datasheet
253Kb / 15P
   Dual Digitally Programmable Potentiometers (DPP?? with 256 Taps and SPI Interface
Doc. No. MD-2122 Rev. G
CAT5411WI-25 ONSEMI-CAT5411WI-25 Datasheet
269Kb / 16P
   Dual Digitally Programmable Potentiometers with 64 Taps and SPI Interface
Doc. No. MD-2114 Rev. K
logo
Catalyst Semiconductor
CAT5221 CATALYST-CAT5221 Datasheet
112Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP) with 64 Taps and 2-wire Interface
CAT5419 CATALYST-CAT5419 Datasheet
95Kb / 18P
   Dual Digitally Programmable Potentiometers (DPP) with 64 Taps and 2-wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com