Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT5409YI-50-T2 Datasheet(PDF) 10 Page - ON Semiconductor

Part # CAT5409YI-50-T2
Description  Quad Digitally Programmable Potentiometers (DPP?? with 64 Taps and I짼C Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5409YI-50-T2 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button CAT5409YI-50-T2 Datasheet HTML 6Page - ON Semiconductor CAT5409YI-50-T2 Datasheet HTML 7Page - ON Semiconductor CAT5409YI-50-T2 Datasheet HTML 8Page - ON Semiconductor CAT5409YI-50-T2 Datasheet HTML 9Page - ON Semiconductor CAT5409YI-50-T2 Datasheet HTML 10Page - ON Semiconductor CAT5409YI-50-T2 Datasheet HTML 11Page - ON Semiconductor CAT5409YI-50-T2 Datasheet HTML 12Page - ON Semiconductor CAT5409YI-50-T2 Datasheet HTML 13Page - ON Semiconductor CAT5409YI-50-T2 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
CAT5409
Doc. No. MD-2010 Rev. M
10
© 2009 SCILLC. All rights reserved.
Characteristics subject to change without notice
position), to a Data Register is a write to non-volatile
memory and takes a minimum of tWR to complete. The
transfer can occur between one of the four poten-
tiometers and one of its associated registers; or the
transfer can occur between all potentiometers and
one associated register.
Four instructions require a two-byte sequence to
complete, as illustrated in Figure 7. These instructions
transfer data between the host/processor and the
CAT5409; either between the host and one of the data
registers or directly between the host and the Wiper
Control Register. These instructions are:
— XFR Data Register to Wiper Control Register
This transfers the contents of one specified Data
Register to the associated Wiper Control Register.
— XFR Wiper Control Register to Data Register
This transfers the contents of the specified Wiper
Control Register to the specified associated Data
Register.
— Global XFR Data Register to Wiper Control
Register
This transfers the contents of all specified Data
Registers to the associated Wiper Control
Registers.
— Global XFR Wiper Counter Register to Data
Register
This transfers the contents of all Wiper Control
Registers to the specified associated Data
Registers.
INCREMENT/DECREMENT COMMAND
The final command is Increment/Decrement (Figure 5
and 9). The Increment/Decrement command is
different from the other commands. Once the
command is issued and the CAT5409 has responded
with an acknowledge, the master can clock the
selected wiper up and/or down in one segment steps;
thereby providing a fine tuning capability to the host.
For each SCL clock pulse (t
HIGH) while SDA is HIGH,
the selected wiper will move one resistor segment
towards the R
H terminal. Similarly, for each SCL clock
pulse while SDA is LOW, the selected wiper will move
one resistor segment towards the R
L terminal.
See Instructions format for more detail.
Figure 7. Two-Byte Instruction Sequence
Figure 8. Three-Byte Instruction Sequence
Figure 9. Increment/Decrement Instruction Sequence
S
T
A
R
T
01
0
1
A2
A0
A
C
K
I2
I1
I0
R1 R0 P1
A
C
K
SDA
S
T
O
P
ID3 ID2 ID1 ID0
P0
Device ID
Internal
Instruction
Opcode
Address
Register
Address
Pot/WCR
Address
A1
A3
I3
I3
I2
I1 I0
R1 R0
ID3 ID2 ID1ID0
Device ID
Internal
Instruction
Opcode
Address
Data
Register
Address
Pot/WCR
Address
WCR[7:0]
or
Data Register D[7:0]
S
T
A
R
T
01
0
1
A2
A1
A0 A
C
K
P1 P0 A
C
K
SDA
S
T
O
P
A
C
K
D7 D6 D5 D4 D3 D2 D1 D0
A3
I3
I2
I1
I0
ID3 ID2 ID1 ID0
Device ID
Internal
Instruction
Opcode
Address
Data
Register
Address
Pot/WCR
Address
S
T
A
R
T
0101
A2 A1 A0
A
C
K
R0 P1 P0
A
C
K
SDA
S
T
O
P
I
N
C
1
I
N
C
2
I
N
C
n
D
E
C
1
D
E
C
n
R1
A3


Similar Part No. - CAT5409YI-50-T2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5409YI-50-T2 ONSEMI-CAT5409YI-50-T2 Datasheet
215Kb / 15P
   Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 15
More results

Similar Description - CAT5409YI-50-T2

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5409 CATALYST-CAT5409_08 Datasheet
308Kb / 16P
   Quad Digitally Programmable Potentiometers (DPP?? with 64 Taps and I짼C Interface
logo
ON Semiconductor
CAT5259 ONSEMI-CAT5259 Datasheet
730Kb / 16P
   Quad Digitally Programmable Potentiometers (DPP?? with 256 Taps and I짼C Interface
Doc. No. MD-2000 Rev. J
logo
Catalyst Semiconductor
CAT5259 CATALYST-CAT5259_08 Datasheet
283Kb / 16P
   Quad Digitally Programmable Potentiometers (DPP?? with 256 Taps and I짼C Interface
logo
ON Semiconductor
CAT5409WI-25 ONSEMI-CAT5409WI-25 Datasheet
234Kb / 16P
   Quad Digitally Programmable Potentiometers with 64 Taps and I짼C Interface
Doc. No. MD-2010 Rev. L
logo
Catalyst Semiconductor
CAT5241 CATALYST-CAT5241_08 Datasheet
301Kb / 16P
   Quad Digitally Programmable Potentiometer (DPP?? with 64 Taps and I짼C Interface
logo
ON Semiconductor
CAT5241 ONSEMI-CAT5241 Datasheet
250Kb / 16P
   Quad Digitally Programmable Potentiometer (DPP?? with 64 Taps and I짼C Interface
Doc. No. MD-2011 Rev. R
logo
Catalyst Semiconductor
CAT5401 CATALYST-CAT5401_07 Datasheet
331Kb / 15P
   Quad Digitally Programmable Potentiometers (DPP?? with 64 Taps and SPI Interface
logo
ON Semiconductor
CAT5401 ONSEMI-CAT5401 Datasheet
244Kb / 15P
   Quad Digitally Programmable Potentiometers (DPP?? with 64 Taps and SPI Interface
Doc. No. MD-2012 Rev. J
logo
Catalyst Semiconductor
CAT5241 CATALYST-CAT5241 Datasheet
111Kb / 16P
   Quad Digitally Programmable Potentiometers (DPP?? with 64 Taps and 2-wire Interface
logo
ON Semiconductor
CAT5259WI-50 ONSEMI-CAT5259WI-50 Datasheet
271Kb / 16P
   Quad Digitally Programmable Potentiometers with 256 Taps and I짼C Interface
Doc. No. MD-2000 Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com