Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT5409YI-25-T2 Datasheet(PDF) 5 Page - ON Semiconductor

Part # CAT5409YI-25-T2
Description  Quad Digitally Programmable Potentiometers (DPP?? with 64 Taps and I짼C Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5409YI-25-T2 Datasheet(HTML) 5 Page - ON Semiconductor

  CAT5409YI-25-T2 Datasheet HTML 1Page - ON Semiconductor CAT5409YI-25-T2 Datasheet HTML 2Page - ON Semiconductor CAT5409YI-25-T2 Datasheet HTML 3Page - ON Semiconductor CAT5409YI-25-T2 Datasheet HTML 4Page - ON Semiconductor CAT5409YI-25-T2 Datasheet HTML 5Page - ON Semiconductor CAT5409YI-25-T2 Datasheet HTML 6Page - ON Semiconductor CAT5409YI-25-T2 Datasheet HTML 7Page - ON Semiconductor CAT5409YI-25-T2 Datasheet HTML 8Page - ON Semiconductor CAT5409YI-25-T2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
CAT5409
© 2009 SCILLC. All rights reserved.
5
Doc. No. MD-2010 Rev. M
Characteristics subject to change without notice
WRITE CYCLE LIMITS
Symbol
Parameter
Max
Units
tWR
Write Cycle Time
5
ms
The write cycle is the time from a valid stop condition of a write sequence to the end of the internal program/erase cycle. During the write
cycle, the bus interface circuits are disabled, SDA is allowed to remain high, and the device does not respond to its slave address.
RELIABILITY CHARACTERISTICS
Symbol
Parameter
Reference Test Method
Min
Max
Units
NEND
(1)
Endurance
MIL-STD-883, Test Method 1033
1,000,000
Cycles/Byte
TDR
(1)
Data Retention
MIL-STD-883, Test Method 1008
100
Years
VZAP
(1)
ESD Susceptibility
MIL-STD-883, Test Method 3015
2000
V
ILTH
(1) (2)
Latch-Up
JEDEC Standard 17
100
mA
Figure 1. Bus Timing
Figure 2. Write Cycle Timing
Figure 3. Start/Stop Timing
Notes:
(1) This parameter is tested initially and after a design or process change that affects the parameter.
(2) tPUR and tPUW are delays required from the time VCC is stable until the specified operation can be initiated.
tHIGH
SCL
SDA IN
SDAOUT
tLOW
tF
tLOW
tR
tBUF
tSU:STO
tSU:DAT
tHD:DAT
tHD:STA
tSU:STA
tAA
tDH
tWR
STOP
CONDITION
START
CONDITION
ADDRESS
ACK
8TH BIT
BYTE n
SCL
SDA
START CONDITION
SDA
STOP CONDITION
SCL


Similar Part No. - CAT5409YI-25-T2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5409YI-25-T2 ONSEMI-CAT5409YI-25-T2 Datasheet
215Kb / 15P
   Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 15
More results

Similar Description - CAT5409YI-25-T2

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5409 CATALYST-CAT5409_08 Datasheet
308Kb / 16P
   Quad Digitally Programmable Potentiometers (DPP?? with 64 Taps and I짼C Interface
logo
ON Semiconductor
CAT5259 ONSEMI-CAT5259 Datasheet
730Kb / 16P
   Quad Digitally Programmable Potentiometers (DPP?? with 256 Taps and I짼C Interface
Doc. No. MD-2000 Rev. J
logo
Catalyst Semiconductor
CAT5259 CATALYST-CAT5259_08 Datasheet
283Kb / 16P
   Quad Digitally Programmable Potentiometers (DPP?? with 256 Taps and I짼C Interface
logo
ON Semiconductor
CAT5409WI-25 ONSEMI-CAT5409WI-25 Datasheet
234Kb / 16P
   Quad Digitally Programmable Potentiometers with 64 Taps and I짼C Interface
Doc. No. MD-2010 Rev. L
logo
Catalyst Semiconductor
CAT5241 CATALYST-CAT5241_08 Datasheet
301Kb / 16P
   Quad Digitally Programmable Potentiometer (DPP?? with 64 Taps and I짼C Interface
logo
ON Semiconductor
CAT5241 ONSEMI-CAT5241 Datasheet
250Kb / 16P
   Quad Digitally Programmable Potentiometer (DPP?? with 64 Taps and I짼C Interface
Doc. No. MD-2011 Rev. R
logo
Catalyst Semiconductor
CAT5401 CATALYST-CAT5401_07 Datasheet
331Kb / 15P
   Quad Digitally Programmable Potentiometers (DPP?? with 64 Taps and SPI Interface
logo
ON Semiconductor
CAT5401 ONSEMI-CAT5401 Datasheet
244Kb / 15P
   Quad Digitally Programmable Potentiometers (DPP?? with 64 Taps and SPI Interface
Doc. No. MD-2012 Rev. J
logo
Catalyst Semiconductor
CAT5241 CATALYST-CAT5241 Datasheet
111Kb / 16P
   Quad Digitally Programmable Potentiometers (DPP?? with 64 Taps and 2-wire Interface
logo
ON Semiconductor
CAT5259WI-50 ONSEMI-CAT5259WI-50 Datasheet
271Kb / 16P
   Quad Digitally Programmable Potentiometers with 256 Taps and I짼C Interface
Doc. No. MD-2000 Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com