Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT93C57ZD4A-GT3E Datasheet(PDF) 11 Page - ON Semiconductor

Part # CAT93C57ZD4A-GT3E
Description  2-Kb Microwire Serial CMOS EEPROM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT93C57ZD4A-GT3E Datasheet(HTML) 11 Page - ON Semiconductor

Back Button CAT93C57ZD4A-GT3E Datasheet HTML 7Page - ON Semiconductor CAT93C57ZD4A-GT3E Datasheet HTML 8Page - ON Semiconductor CAT93C57ZD4A-GT3E Datasheet HTML 9Page - ON Semiconductor CAT93C57ZD4A-GT3E Datasheet HTML 10Page - ON Semiconductor CAT93C57ZD4A-GT3E Datasheet HTML 11Page - ON Semiconductor CAT93C57ZD4A-GT3E Datasheet HTML 12Page - ON Semiconductor CAT93C57ZD4A-GT3E Datasheet HTML 13Page - ON Semiconductor CAT93C57ZD4A-GT3E Datasheet HTML 14Page - ON Semiconductor CAT93C57ZD4A-GT3E Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
CAT93C56, CAT93C57
http://onsemi.com
11
PACKAGE DIMENSIONS
SOIC 8, 150 mils
CASE 751BD−01
ISSUE O
E1
E
A
A1
h
θ
L
c
e
b
D
PIN # 1
IDENTIFICATION
TOP VIEW
SIDE VIEW
END VIEW
Notes:
(1) All dimensions are in millimeters. Angles in degrees.
(2) Complies with JEDEC MS-012.
SYMBOL
MIN
NOM
MAX
θ
A
A1
b
c
D
E
E1
e
h
0.10
0.33
0.19
0.25
4.80
5.80
3.80
1.27 BSC
1.75
0.25
0.51
0.25
0.50
5.00
6.20
4.00
L
0.40
1.27
1.35


Similar Part No. - CAT93C57ZD4A-GT3E

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT93C57ZD4A-GT3E CATALYST-CAT93C57ZD4A-GT3E Datasheet
411Kb / 9P
   2K-Bit Microwire Serial EEPROM
More results

Similar Description - CAT93C57ZD4A-GT3E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT93C56LI-G ONSEMI-CAT93C56LI-G Datasheet
155Kb / 17P
   2-Kb Microwire Serial CMOS EEPROM
August, 2009 ??Rev. 18
logo
Catalyst Semiconductor
CAT93C56 CATALYST-CAT93C56_07 Datasheet
374Kb / 18P
   2-Kb Microwire Serial CMOS EEPROM
logo
ON Semiconductor
CAV93C56 ONSEMI-CAV93C56 Datasheet
136Kb / 10P
   2 Kb Microwire Serial CMOS EEPROM
December, 2013 ??Rev. 0
CAT93C66V-TE13 ONSEMI-CAT93C66V-TE13 Datasheet
175Kb / 16P
   4 kb Microwire Serial CMOS EEPROM
April, 2012 ??Rev. 11
logo
Catalyst Semiconductor
CAT93C66 CATALYST-CAT93C66_07 Datasheet
261Kb / 17P
   4-Kb Microwire Serial CMOS EEPROM
logo
ON Semiconductor
CAT93C66 ONSEMI-CAT93C66 Datasheet
438Kb / 17P
   4-Kb Microwire Serial CMOS EEPROM
Doc. No. MD-1089 Rev. T
CAT93C66P ONSEMI-CAT93C66P Datasheet
175Kb / 16P
   4 kb Microwire Serial CMOS EEPROM
April, 2012 ??Rev. 11
CAV93C66 ONSEMI-CAV93C66 Datasheet
134Kb / 10P
   4 Kb Microwire Serial CMOS EEPROM
December, 2013 ??Rev. P0
CAT93C66VE ONSEMI-CAT93C66VE Datasheet
175Kb / 16P
   4 kb Microwire Serial CMOS EEPROM
April, 2012 ??Rev. 11
CAT93C66 ONSEMI-CAT93C66_15 Datasheet
116Kb / 13P
   4 kb Microwire Serial CMOS EEPROM
August, 2015 ??Rev. 13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com