Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT5401WI-50-T1 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CAT5401WI-50-T1
Description  Quad Digitally Programmable Potentiometers (DPP?? with 64 Taps and SPI Interface
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5401WI-50-T1 Datasheet(HTML) 3 Page - ON Semiconductor

  CAT5401WI-50-T1 Datasheet HTML 1Page - ON Semiconductor CAT5401WI-50-T1 Datasheet HTML 2Page - ON Semiconductor CAT5401WI-50-T1 Datasheet HTML 3Page - ON Semiconductor CAT5401WI-50-T1 Datasheet HTML 4Page - ON Semiconductor CAT5401WI-50-T1 Datasheet HTML 5Page - ON Semiconductor CAT5401WI-50-T1 Datasheet HTML 6Page - ON Semiconductor CAT5401WI-50-T1 Datasheet HTML 7Page - ON Semiconductor CAT5401WI-50-T1 Datasheet HTML 8Page - ON Semiconductor CAT5401WI-50-T1 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
CAT5401
© 2009 SCILLC. All rights reserved.
3
Doc. No. MD-2012 Rev. J
Characteristics subject to change without notice
SERIAL BUS PROTOCOL
The CAT5041 supports the SPI bus data transmission
protocol. The synchronous Serial Peripheral Interface
(SPI) helps the CAT5401 to interface directly with
many of today's popular microcontrollers. The
CAT5041 contains an 8-bit instruction register. The
instruction set and the operation codes are detailed in
the instruction set table 3.
After the device is selected with CS
¯¯¯ going low the first
byte will be received. The part is accessed via the SI
pin, with data being clocked in on the rising edge of
SCK. The first byte contains one of the six op-codes
that define the operation to be performed.
DEVICE OPERATION
The CAT5401 is four resistor arrays integrated with
SPI serial interface logic, four 6-bit wiper control
registers and sixteen 6-bit, non-volatile memory data
registers. Each resistor array contains 63 separate
resistive elements connected in series. The physical
ends of each array are equivalent to the fixed
terminals of a mechanical potentiometer (RH and RL).
RH and RL are symmetrical and may be interchanged.
The tap positions between and at the ends of the
series resistors are connected to the output wiper
terminals (RW) by a CMOS transistor switch. Only one
tap point for each potentiometer is connected to its
wiper terminal at a time and is determined by the
value of the wiper control register. Data can be read
or written to the wiper control registers or the non-
volatile memory data registers via the SPI bus.
Additional instructions allows data to be transferred
between the wiper control registers and each
respective potentiometer's non-volatile data registers.
Also, the device can be instructed to operate in an
"increment/decrement" mode.


Similar Part No. - CAT5401WI-50-T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5401WI-50-T1 ONSEMI-CAT5401WI-50-T1 Datasheet
208Kb / 15P
   Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 11
More results

Similar Description - CAT5401WI-50-T1

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5401 CATALYST-CAT5401_07 Datasheet
331Kb / 15P
   Quad Digitally Programmable Potentiometers (DPP?? with 64 Taps and SPI Interface
logo
ON Semiconductor
CAT5411 ONSEMI-CAT5411 Datasheet
280Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP?? with 64 Taps and SPI Interface
Doc. No. MD-2114 Rev. L
logo
Catalyst Semiconductor
CAT5411 CATALYST-CAT5411 Datasheet
93Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP) with 64 Taps and SPI Interface
CAT5411_0710 CATALYST-CAT5411_0710 Datasheet
275Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP?? with 64 Taps and SPI Interface
logo
ON Semiconductor
CAT5409 ONSEMI-CAT5409 Datasheet
252Kb / 16P
   Quad Digitally Programmable Potentiometers (DPP?? with 64 Taps and I짼C Interface
Doc. No. MD-2010 Rev. M
logo
Catalyst Semiconductor
CAT5409 CATALYST-CAT5409_08 Datasheet
308Kb / 16P
   Quad Digitally Programmable Potentiometers (DPP?? with 64 Taps and I짼C Interface
logo
ON Semiconductor
CAT5401WI-25 ONSEMI-CAT5401WI-25 Datasheet
219Kb / 15P
   Quad Digitally Programmable Potentiometers with 64 Taps and SPI Interface
Doc. No. MD-2012 Rev. I
logo
Catalyst Semiconductor
CAT5411 CATALYST-CAT5411_07 Datasheet
279Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP TM) with 64 Taps and SPI Interface
CAT5241 CATALYST-CAT5241 Datasheet
111Kb / 16P
   Quad Digitally Programmable Potentiometers (DPP?? with 64 Taps and 2-wire Interface
CAT5261 CATALYST-CAT5261_08 Datasheet
241Kb / 15P
   Dual Digitally Programmable Potentiometers (DPP?? with 256 Taps and SPI Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com