Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT2127A-B42D Datasheet(PDF) 1 Page - Princeton Technology Corp

Part # PT2127A-B42D
Description  Fan Controller IC?
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2127A-B42D Datasheet(HTML) 1 Page - Princeton Technology Corp

  PT2127A-B42D Datasheet HTML 1Page - Princeton Technology Corp PT2127A-B42D Datasheet HTML 2Page - Princeton Technology Corp PT2127A-B42D Datasheet HTML 3Page - Princeton Technology Corp PT2127A-B42D Datasheet HTML 4Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Tel: 886-2-29162151
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
Fan Controller IC
PT2127A
Princeton Technology Corp.
Description
PT2127A is a high performance electronic fan controller LSI. Speed control, off-timer, rhythm wind,
sleep mode, head swing and/or light control are all built into a single chip. Indicator LED output,
buzzer output and key control input are also provided to build a full function electronic fan having
the highest performance with the least external components. Furthermore, the pin assignments and
application circuit of PT2127A are optimized for easy PCB layout and cost saving for electronic fan
application.
Features
Y High Performance CMOS Technology
Y Low Power Consumption
Y DIP or SO package (22 pin SO not available)
Y Up to 3 Dependent/Independent Swing-Head/Light Output
Y Available in 16, 18, 20, 22, 24 Pin Package for None, One Set or Two Sets of Swing-Head and/or
Light Control
Y 90 Seconds Cycle/6 Seconds per Step (Off Step 3 Seconds) Rhythm Wind Pattern
Y Optional Independent Light Control Output
Y Four Operation Modes: Ordinary, Rhythm, Ordinary Sleep and Rhythm Sleep
Y Memory Start-up Mode
Y 3 or 4 Levels Timer
Y 2~3 Seconds Middle Wind Start-up (Mask Option)
Applications
Y Optimized for fan application
Y Suitable for heater fan
Y Cooling fan
Y Other home appliances with timer and/or output level control


Similar Part No. - PT2127A-B42D

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2120 PTC-PT2120 Datasheet
94Kb / 4P
   One Hour Programmable Fan Controller
PT2120-S PTC-PT2120-S Datasheet
94Kb / 4P
   One Hour Programmable Fan Controller
PT2124 PTC-PT2124 Datasheet
496Kb / 8P
   FAN CONTROLLER
PT2124-C4 PTC-PT2124-C4 Datasheet
496Kb / 8P
   FAN CONTROLLER
PT2124-C4-NNXI-C PTC-PT2124-C4-NNXI-C Datasheet
496Kb / 8P
   FAN CONTROLLER
More results

Similar Description - PT2127A-B42D

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2129A PTC-PT2129A Datasheet
548Kb / 6P
   Remote Fan Controller IC?
PT2128A PTC-PT2128A Datasheet
408Kb / 5P
   Remote Fan Controller IC
logo
Linear Technology
LTC1695 LINER-LTC1695_15 Datasheet
215Kb / 20P
   SMBus/IC Fan Speed Controller in SOT-23
logo
Princeton Technology Co...
PT2125 PTC-PT2125 Datasheet
253Kb / 5P
   FAN CONTROLLER?
logo
List of Unclassifed Man...
SD308 ETC-SD308 Datasheet
2Mb / 7P
   Fan Controller
SD7005 ETC-SD7005 Datasheet
1Mb / 7P
   FAN CONTROLLER
SD306 ETC-SD306 Datasheet
1Mb / 7P
   FAN CONTROLLER
logo
Princeton Technology Co...
PT2126 PTC-PT2126 Datasheet
167Kb / 4P
   FAN CONTROLLER?
logo
SamHop Microelectronics...
SM3501 SAMHOP-SM3501 Datasheet
78Kb / 12P
   FAN CONTROLLER
SM3502 SAMHOP-SM3502 Datasheet
76Kb / 12P
   FAN CONTROLLER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com