Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT5122TBI-10GT3 Datasheet(PDF) 5 Page - ON Semiconductor

Part # CAT5122TBI-10GT3
Description  16-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5122TBI-10GT3 Datasheet(HTML) 5 Page - ON Semiconductor

  CAT5122TBI-10GT3 Datasheet HTML 1Page - ON Semiconductor CAT5122TBI-10GT3 Datasheet HTML 2Page - ON Semiconductor CAT5122TBI-10GT3 Datasheet HTML 3Page - ON Semiconductor CAT5122TBI-10GT3 Datasheet HTML 4Page - ON Semiconductor CAT5122TBI-10GT3 Datasheet HTML 5Page - ON Semiconductor CAT5122TBI-10GT3 Datasheet HTML 6Page - ON Semiconductor CAT5122TBI-10GT3 Datasheet HTML 7Page - ON Semiconductor CAT5122TBI-10GT3 Datasheet HTML 8Page - ON Semiconductor CAT5122TBI-10GT3 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
CAT5120, CAT5121, CAT5122
© 2009 SCILLC. All rights reserved.
5
Doc. No. MD-2121 Rev. G
Characteristics subject to change without notice
30V
W
L
H
+5V
VOUT
30V
L
H
+5V
VOUT
VCC
L
H
VIN
VOUT
VCC
L
H
W
VIN
VOUT
CAT5120
CAT5121
CAT5121
CAT5120
APPLICATIONS INFORMATION
The MiniPots are intended for circuits requiring
digitally controlled adjustable resistance, such as LCD
contrast control, where voltage biasing adjusts the
display contrast.
Alternative Positive LCD Bias Control
Use an op amp to provide buffering and gain on the
output of the CAT5120. Connect the mechanical
potentiometer to the positive input of a noninverting op
amp (Figure 3) to select a portion of the input signal
by digitally controlling the wiper terminal. Figure 4
shows a similar circuit for the CAT5121.
Adjustable Gain
Figure 5 shows how to use the variable resistor to
digitally adjust the gain of a noninverting op amp
configuration. Connect the CAT5121 in series with a
resistor to ground to form the adjustable gain control
of a noninverting amplifier. The Minipots have a low
5ppm/°C ratiometric tempco that allows for a very
stable adjustable gain configuration over temperature.
Figure 3. Positive LCD Bias Control
Figure 5a. Adjustable Gain Circuit
Figure 5b. Adjustable Gain Circuit
Figure 4. Positive LCD Bias Control


Similar Part No. - CAT5122TBI-10GT3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5122TBI-10GT3 CATALYST-CAT5122TBI-10GT3 Datasheet
298Kb / 12P
   16-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
logo
ON Semiconductor
CAT5122TBI-10GT3 ONSEMI-CAT5122TBI-10GT3 Datasheet
203Kb / 11P
   16?릘ap Digital Potentiometers (POTs)
July, 2013 ??Rev. 8
CAT5122TBI-10GT3 ONSEMI-CAT5122TBI-10GT3 Datasheet
203Kb / 11P
   16?릘ap Digital Potentiometers (POTs)
July, 2013 ??Rev. 8
CAT5122TBI-10GT3 ONSEMI-CAT5122TBI-10GT3 Datasheet
203Kb / 11P
   16?릘ap Digital Potentiometers (POTs)
July, 2013 ??Rev. 8
More results

Similar Description - CAT5122TBI-10GT3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5120 CATALYST-CAT5120 Datasheet
163Kb / 11P
   16-Tap MiniPot Digitally Programmable Potentiometers with 2-Wire Interface
CAT5120 CATALYST-CAT5120_08 Datasheet
298Kb / 12P
   16-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
CAT5120 CATALYST-CAT5120_07 Datasheet
689Kb / 13P
   16-Tap MiniPot TM Digitally Programmable Potentiometers with 2-Wire Interface
logo
ON Semiconductor
CAT5110SDI-10-GT3 ONSEMI-CAT5110SDI-10-GT3 Datasheet
212Kb / 15P
   32-Tap MiniPot Digitally Programmable Potentiometers with 2-Wire Interface
Doc. No. MD-2120 Rev. K
CAT5110 ONSEMI-CAT5110 Datasheet
212Kb / 15P
   32-Tap MiniPot Digitally Programmable Potentiometers with 2-Wire Interface
Doc. No. MD-2120 Rev. K
logo
Catalyst Semiconductor
CAT5110 CATALYST-CAT5110_08 Datasheet
295Kb / 15P
   32-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
CAT5110 CATALYST-CAT5110 Datasheet
163Kb / 11P
   32-Tap MiniPot Digitally Programmable Potentiometers with 2-Wire Interface
CAT5110 CATALYST-CAT5110_07 Datasheet
711Kb / 16P
   32-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
CAT5123 CATALYST-CAT5123 Datasheet
708Kb / 16P
   32-Tap MiniPot TM Digitally Programmable Potentiometers with 2-Wire Interface
logo
ON Semiconductor
CAT5419WI-25 ONSEMI-CAT5419WI-25 Datasheet
219Kb / 16P
   Dual Digitally Programmable Potentiometers with 64 Taps and 2-wire Interface
Doc. No. MD-2115 Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com