Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT5221WI50 Datasheet(PDF) 9 Page - ON Semiconductor

Part # CAT5221WI50
Description  Dual Digitally Programmable Potentiometer (DPP?? with 64 Taps and I2C Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5221WI50 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button CAT5221WI50 Datasheet HTML 5Page - ON Semiconductor CAT5221WI50 Datasheet HTML 6Page - ON Semiconductor CAT5221WI50 Datasheet HTML 7Page - ON Semiconductor CAT5221WI50 Datasheet HTML 8Page - ON Semiconductor CAT5221WI50 Datasheet HTML 9Page - ON Semiconductor CAT5221WI50 Datasheet HTML 10Page - ON Semiconductor CAT5221WI50 Datasheet HTML 11Page - ON Semiconductor CAT5221WI50 Datasheet HTML 12Page - ON Semiconductor CAT5221WI50 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
CAT5221
© 2009 SCILLC. All rights reserved.
9
Doc. No. MD-2113 Rev. M
Characteristics subject to change without notice
WIPER CONTROL AND DATA REGISTERS
Wiper Control Register (WCR)
The CAT5221 contains two 6-bit Wiper Control
Registers, one for each potentiometer. The Wiper
Control Register output is decoded to select one of 64
switches along its resistor array. The contents of the
WCR can be altered in four ways: it may be written by
the host via Write Wiper Control Register instruction; it
may be written by transferring the contents of one of
four associated Data Registers via the XFR Data
Register instruction, it can be modified one step at a
time by the Increment/decrement instruction (see
Instruction section for more details). Finally, it is
loaded with the content of its data register zero (DR0)
upon power-up.
The Wiper Control Register is a volatile register that
loses its contents when the CAT5221 is powered-
down. Although the register is automatically loaded
with the value in DR0 upon power-up, this may be
different from the value present at power-down.
Data Registers (DR)
Each potentiometer has four 6-bit non-volatile Data
Registers. These can be read or written directly by the
host. Data can also be transferred between any of the
four Data Registers and the associated Wiper Control
Register. Any data changes in one of the Data
Registers is a non-volatile operation and will take a
maximum of 5ms.
If the application does not require storage of multiple
settings for the potentiometer, the Data Registers can
be used as standard memory locations for system
parameters or user preference data.
Instructions
Four of the nine instructions are three bytes in length.
These instructions are:
— Read Wiper Control Register – read the current
wiper position of the selected potentiometer in
the WCR
— Write Wiper Control Register – change current
wiper position in the WCR of the selected
potentiometer
— Read Data Register – read the contents of the
selected Data Register
— Write Data Register – write a new value to the
selected Data Register
The basic sequence of the three byte instructions is
illustrated in Figure 8. These three-byte instructions
Table 3. Instruction Set
Instruction Set
Instruction
I3 I2 I1 I0
0
WCR0/
P0
R1
R0
Operation
Read Wiper Control
Register
1 0 0 1 0
1/0
0
0
Read the contents of the Wiper Control
Register pointed to by P0
Write Wiper Control
Register
1 0 1 0 0
1/0
0
0
Write new value to the Wiper Control Register
pointed to by P0
Read Data Register
1 0 1 1 0
1/0
1/0
1/0
Read the contents of the Data Register
pointed to by P0 and R1-R0
Write Data Register
1 1 0 0 0
1/0
1/0
1/0
Write new value to the Data Register pointed
to by P0 and R1-R0
XFR Data Register to
Wiper Control Register
1 1 0 1 0
1/0
1/0
1/0
Transfer the contents of the Data Register
pointed to by P0 and R1-R0 to its associated
Wiper Control Register
XFR Wiper Control
Register to Data Register
1 1 1 0 0
1/0
1/0
1/0
Transfer the contents of the Wiper Control
Register pointed to by P0 to the Data
Register pointed to by R1-R0
Global XFR Data Registers
to Wiper Control Registers
0 0 0 1 0
0
1/0
1/0
Transfer the contents of the Data Registers
pointed to by R1-R0 of all four pots to their
respective Wiper Control Registers
Global XFR Wiper Control
Registers to Data Register
1 0 0 0 0
0
1/0
1/0
Transfer the contents of both Wiper Control
Registers to their respective data Registers
pointed to by R1-R0 of all four pots
Increment/Decrement
Wiper Control Register
0 0 1 0 0
1/0
0
0
Enable Increment/decrement of the Control
Latch pointed to by P0
Note: 1/0 = data is one or zero


Similar Part No. - CAT5221WI50

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5221WI50 ONSEMI-CAT5221WI50 Datasheet
211Kb / 15P
   Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 14
More results

Similar Description - CAT5221WI50

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5221 CATALYST-CAT5221_08 Datasheet
304Kb / 16P
   Dual Digitally Programmable Potentiometer (DPP?? with 64 Taps and I2C Interface
logo
ON Semiconductor
CAT5221WI-25 ONSEMI-CAT5221WI-25 Datasheet
169Kb / 16P
   Dual Digitally Programmable Potentiometer with 64 Taps and I2C Interface
Doc. No. MD-2113 Rev. L
logo
Catalyst Semiconductor
CAT5241 CATALYST-CAT5241_08 Datasheet
301Kb / 16P
   Quad Digitally Programmable Potentiometer (DPP?? with 64 Taps and I짼C Interface
logo
ON Semiconductor
CAT5241 ONSEMI-CAT5241 Datasheet
250Kb / 16P
   Quad Digitally Programmable Potentiometer (DPP?? with 64 Taps and I짼C Interface
Doc. No. MD-2011 Rev. R
logo
Catalyst Semiconductor
CAT5132 CATALYST-CAT5132_08 Datasheet
205Kb / 14P
   16 Volt Digitally Programmable Potentiometer (DPP?? with 128 Taps and I2C Interface
logo
ON Semiconductor
CAT5132 ONSEMI-CAT5132 Datasheet
163Kb / 14P
   16 Volt Digitally Programmable Potentiometer (DPP) with 128 Taps and I2C Interface
July, 2010 ??Rev. 5
CAT5411 ONSEMI-CAT5411 Datasheet
280Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP?? with 64 Taps and SPI Interface
Doc. No. MD-2114 Rev. L
logo
Catalyst Semiconductor
CAT523 CATALYST-CAT523_07 Datasheet
236Kb / 15P
   Dual Digitally Programmable Potentiometer (DPP?? with 256 Taps and Microwire Interface
logo
ON Semiconductor
CAT523 ONSEMI-CAT523 Datasheet
201Kb / 15P
   Dual Digitally Programmable Potentiometer (DPP?? with 256 Taps and Microwire Interface
Doc. No. MD-2005 Rev. I
logo
Catalyst Semiconductor
CAT5411_0710 CATALYST-CAT5411_0710 Datasheet
275Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP?? with 64 Taps and SPI Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com