Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT93C56XE-1.8-GT3E Datasheet(PDF) 6 Page - ON Semiconductor

Part # CAT93C56XE-1.8-GT3E
Description  2-Kb Microwire Serial CMOS EEPROM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT93C56XE-1.8-GT3E Datasheet(HTML) 6 Page - ON Semiconductor

Back Button CAT93C56XE-1.8-GT3E Datasheet HTML 2Page - ON Semiconductor CAT93C56XE-1.8-GT3E Datasheet HTML 3Page - ON Semiconductor CAT93C56XE-1.8-GT3E Datasheet HTML 4Page - ON Semiconductor CAT93C56XE-1.8-GT3E Datasheet HTML 5Page - ON Semiconductor CAT93C56XE-1.8-GT3E Datasheet HTML 6Page - ON Semiconductor CAT93C56XE-1.8-GT3E Datasheet HTML 7Page - ON Semiconductor CAT93C56XE-1.8-GT3E Datasheet HTML 8Page - ON Semiconductor CAT93C56XE-1.8-GT3E Datasheet HTML 9Page - ON Semiconductor CAT93C56XE-1.8-GT3E Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
CAT93C56, CAT93C57
http://onsemi.com
6
The format for all instructions sent to the device is a
logical “1” start bit, a 2−bit (or 4−bit) opcode, 7−bit address
(CAT93C57) / 8−bit address (CAT93C56) (an additional bit
when organized X8) and for write operations a 16−bit data
field (8−bit for X8 organizations). The instruction format is
shown in Instruction Set table.
Table 10. INSTRUCTION SET
Instruction
Device Type
Start
Bit
Opcode
Address
Data
Comments
x8
x16
x8
x16
READ
93C56 (Note 8)
1
10
A8−A0
A7−A0
Read Address
AN–A0
93C57
1
10
A7−A0
A6−A0
ERASE
93C56 (Note 8)
1
11
A8−A0
A7−A0
Clear Address
AN–A0
93C57
1
11
A7−A0
A6−A0
WRITE
93C56 (Note 8)
1
01
A8−A0
A7−A0
D7−D0
D15−D0
Write Address
AN–A0
93C57
1
01
A7−A0
A6−A0
D7−D0
D15−D0
EWEN
93C56 (Note 8)
1
00
11XXXXXXX
11XXXXXX
Write Enable
93C57
1
00
11XXXXXX
11XXXXX
EWDS
93C56 (Note 8)
1
00
00XXXXXXX
00XXXXXX
Write Disable
93C57
1
00
00XXXXXX
00XXXXX
ERAL
93C56 (Note 8)
1
00
10XXXXXXX
10XXXXXX
Clear All
Addresses
93C57
1
00
10XXXXXX
10XXXXX
WRAL
93C56 (Note 8)
1
00
01XXXXXXX
01XXXXXX
D7−D0
D15−D0
Write All
Addresses
93C57
1
00
01XXXXXX
01XXXXX
D7−D0
D15−D0
8. Address bit A8 for 256x8 organization and A7 for 128x16 organization are “Don’t Care” bits, but must be kept at either a “1” or “0” for READ,
WRITE and ERASE commands.


Similar Part No. - CAT93C56XE-1.8-GT3E

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT93C56XE-1.8-GT3E CATALYST-CAT93C56XE-1.8-GT3E Datasheet
411Kb / 9P
   2K-Bit Microwire Serial EEPROM
More results

Similar Description - CAT93C56XE-1.8-GT3E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT93C56LI-G ONSEMI-CAT93C56LI-G Datasheet
155Kb / 17P
   2-Kb Microwire Serial CMOS EEPROM
August, 2009 ??Rev. 18
logo
Catalyst Semiconductor
CAT93C56 CATALYST-CAT93C56_07 Datasheet
374Kb / 18P
   2-Kb Microwire Serial CMOS EEPROM
logo
ON Semiconductor
CAV93C56 ONSEMI-CAV93C56 Datasheet
136Kb / 10P
   2 Kb Microwire Serial CMOS EEPROM
December, 2013 ??Rev. 0
CAT93C66V-TE13 ONSEMI-CAT93C66V-TE13 Datasheet
175Kb / 16P
   4 kb Microwire Serial CMOS EEPROM
April, 2012 ??Rev. 11
logo
Catalyst Semiconductor
CAT93C66 CATALYST-CAT93C66_07 Datasheet
261Kb / 17P
   4-Kb Microwire Serial CMOS EEPROM
logo
ON Semiconductor
CAT93C66 ONSEMI-CAT93C66 Datasheet
438Kb / 17P
   4-Kb Microwire Serial CMOS EEPROM
Doc. No. MD-1089 Rev. T
CAT93C66P ONSEMI-CAT93C66P Datasheet
175Kb / 16P
   4 kb Microwire Serial CMOS EEPROM
April, 2012 ??Rev. 11
CAV93C66 ONSEMI-CAV93C66 Datasheet
134Kb / 10P
   4 Kb Microwire Serial CMOS EEPROM
December, 2013 ??Rev. P0
CAT93C66VE ONSEMI-CAT93C66VE Datasheet
175Kb / 16P
   4 kb Microwire Serial CMOS EEPROM
April, 2012 ??Rev. 11
CAT93C66 ONSEMI-CAT93C66_15 Datasheet
116Kb / 13P
   4 kb Microwire Serial CMOS EEPROM
August, 2015 ??Rev. 13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com