Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT5114YI-00-GT3 Datasheet(PDF) 7 Page - ON Semiconductor

Part # CAT5114YI-00-GT3
Description  32-Tap Digitally Programmable Potentiometer (DPP??
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5114YI-00-GT3 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button CAT5114YI-00-GT3 Datasheet HTML 3Page - ON Semiconductor CAT5114YI-00-GT3 Datasheet HTML 4Page - ON Semiconductor CAT5114YI-00-GT3 Datasheet HTML 5Page - ON Semiconductor CAT5114YI-00-GT3 Datasheet HTML 6Page - ON Semiconductor CAT5114YI-00-GT3 Datasheet HTML 7Page - ON Semiconductor CAT5114YI-00-GT3 Datasheet HTML 8Page - ON Semiconductor CAT5114YI-00-GT3 Datasheet HTML 9Page - ON Semiconductor CAT5114YI-00-GT3 Datasheet HTML 10Page - ON Semiconductor CAT5114YI-00-GT3 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
CAT5114
© 2009 SCILLC. All rights reserved.
7
Doc. No. MD-2007 Rev. S
Characteristics subject to change without notice
Programmable Bandpass Filter
Automatic Gain Control
+5V
R3
100k
R2
10k
R1
C2
C1
0.001µF
0.001µF
1µF
2
7
3
4
6
+
2
8
1
7
4
+5V
CAT5113/5114
DPP
VO
A1
VS
+2.5V
50k
+5V
+5V
VS
0 ≤ VS ≤ 2.5V
2.5 ≤ VO ≤ 5V
VO
+2.5V
+5V
IC3
CAT5114
CLO
R1
R3
R2
VLL
IC1
393
AI
IC4
VUL
2
3
+
1
2
8
1
7
4
+5V
10k
10k
OSC
IC2
74HC132
0.1µF
CHI
6
5
5
6
3
+
7
DPP


Similar Part No. - CAT5114YI-00-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5114YI-00-GT3 ONSEMI-CAT5114YI-00-GT3 Datasheet
210Kb / 15P
   32?릘ap Digital Potentiometer (POT)
June, 2013 ??Rev. 23
More results

Similar Description - CAT5114YI-00-GT3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5127 CATALYST-CAT5127_07 Datasheet
245Kb / 13P
   32-Tap Digitally Programmable Potentiometer (DPP??
CAT5112 CATALYST-CAT5112 Datasheet
36Kb / 6P
   32-Tap Digitally Programmable Potentiometer (DPP??
CAT5114 CATALYST-CAT5114 Datasheet
41Kb / 6P
   32-Tap Digitally Programmable Potentiometer (DPP)
logo
ON Semiconductor
CAT5127 ONSEMI-CAT5127 Datasheet
638Kb / 13P
   32-Tap Digitally Programmable Potentiometer (DPP??
Doc. No. MD-2127 Rev. E
logo
Catalyst Semiconductor
CAT5114 CATALYST-CAT5114_08 Datasheet
306Kb / 15P
   32-Tap Digitally Programmable Potentiometer (DPP??
CAT5115 CATALYST-CAT5115_08 Datasheet
304Kb / 14P
   32-Tap Digitally Programmable Potentiometer (DPP??
CAT5114 CATALYST-CAT5114_07 Datasheet
306Kb / 15P
   32-Tap Digitally Programmable Potentiometer (DPP??
CAT5127_0708 CATALYST-CAT5127_0708 Datasheet
232Kb / 13P
   32-Tap Digitally Programmable Potentiometer (DPP??
CAT5115 CATALYST-CAT5115_07 Datasheet
304Kb / 14P
   32-Tap Digitally Programmable Potentiometer (DPP??
logo
ON Semiconductor
CAT5115 ONSEMI-CAT5115 Datasheet
286Kb / 14P
   32-Tap Digitally Programmable Potentiometer (DPP??
Doc. No. MD-2117 Rev. J
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com