Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT5112YI-00-GT3 Datasheet(PDF) 4 Page - ON Semiconductor

Part # CAT5112YI-00-GT3
Description  32-Tap Digitally Programmable Potentiometer (DPP?? with Buffered Wiper
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5112YI-00-GT3 Datasheet(HTML) 4 Page - ON Semiconductor

  CAT5112YI-00-GT3 Datasheet HTML 1Page - ON Semiconductor CAT5112YI-00-GT3 Datasheet HTML 2Page - ON Semiconductor CAT5112YI-00-GT3 Datasheet HTML 3Page - ON Semiconductor CAT5112YI-00-GT3 Datasheet HTML 4Page - ON Semiconductor CAT5112YI-00-GT3 Datasheet HTML 5Page - ON Semiconductor CAT5112YI-00-GT3 Datasheet HTML 6Page - ON Semiconductor CAT5112YI-00-GT3 Datasheet HTML 7Page - ON Semiconductor CAT5112YI-00-GT3 Datasheet HTML 8Page - ON Semiconductor CAT5112YI-00-GT3 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
CAT5112
Doc. No. MD-2002 Rev. O
4
© 2009 SCILLC. All rights reserved.
Characteristics subject to change without notice
Logic Inputs
Symbol
Parameter
Conditions
Min
Typ
Max
Units
IIH
Input Leakage Current
VIN = VCC
10
µA
IIL
Input Leakage Current
VIN = 0 V
-10
µA
VIH1
TTL High Level Input Voltage
2
VCC
V
VIL1
TTL Low Level Input Voltage
4.5 V
≤ V
CC ≤ 5.5 V
0
0.8
V
VIH2
CMOS High Level Input Voltage
VCC x 0.7
VCC + 0.3
V
VIL2
CMOS Low Level Input Voltage
2.5 V
≤ V
CC ≤ 6 V
-0.3
VCC x 0.2
V
Potentiometer Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units
-10 Device
10
-50 Device
50
RPOT
Potentiometer Resistance
-00 Device
100
k
Pot. Resistance Tolerance
±20
%
VRH
Voltage on RH pin
0
VCC
V
VRL
Voltage on RL pin
0
VCC
V
Resolution
1
%
INL
Integral Linearity Error
IW ≤ 2 µA
0.5
1
LSB
DNL
Differential Linearity Error
IW ≤ 2 µA
0.25
0.5
LSB
ROUT
Buffer Output Resistance
0.05VCC ≤ VWB ≤ 0.95VCC,
VCC = 5 V
1
IOUT
Buffer Output Current
0.05VCC ≤ VWB ≤ 0.95VCC,
VCC = 5 V
3
mA
TCRPOT
TC of Pot Resistance
300
ppm/ºC
TCRATIO
Ratiometric TC
20
ppm/ºC
CRH/CRL/CRW
Potentiometer Capacitances
8/8/25
pF
fc
Frequency Response
Passive Attenuator, 10k
1.7
MHz
VWB(SWING)
Output Voltage Range
IOUT ≤ 100 µA, VCC = 5 V
0.01VCC
0.99VCC


Similar Part No. - CAT5112YI-00-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5112YI-00-GT3 ONSEMI-CAT5112YI-00-GT3 Datasheet
162Kb / 10P
   32?릘ap Digital Potentiometer (POT) ith Buffered Wiper
June, 2013 ??Rev. 16
More results

Similar Description - CAT5112YI-00-GT3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5112 CATALYST-CAT5112_07 Datasheet
250Kb / 11P
   32-Tap Digitally Programmable Potentiometer (DPP?? with Buffered Wiper
CAT5111 CATALYST-CAT5111_08 Datasheet
276Kb / 13P
   100-Tap Digitally Programmable Potentiometer (DPP?? with Buffered Wiper
CAT5111 CATALYST-CAT5111_07 Datasheet
256Kb / 11P
   100-Tap Digitally Programmable Potentiometer (DPP?? with Buffered Wiper
logo
ON Semiconductor
CAT5111 ONSEMI-CAT5111 Datasheet
253Kb / 13P
   100-Tap Digitally Programmable Potentiometer (DPP?? with Buffered Wiper
Doc. No. MD-2008 Rev. S
logo
Catalyst Semiconductor
CAT5111 CATALYST-CAT5111 Datasheet
67Kb / 7P
   100-Tap Digitally Programmable Potentiometer (DPP) with Buffered Wiper
logo
ON Semiconductor
CAT5112LI-10-G ONSEMI-CAT5112LI-10-G Datasheet
203Kb / 11P
   32-Tap Digitally Programmable Potentiometer with Buffered Wiper
Doc. No. MD-2002 Rev. N
logo
Catalyst Semiconductor
CAT5127 CATALYST-CAT5127_07 Datasheet
245Kb / 13P
   32-Tap Digitally Programmable Potentiometer (DPP??
CAT5112 CATALYST-CAT5112 Datasheet
36Kb / 6P
   32-Tap Digitally Programmable Potentiometer (DPP??
CAT5114 CATALYST-CAT5114 Datasheet
41Kb / 6P
   32-Tap Digitally Programmable Potentiometer (DPP)
logo
ON Semiconductor
CAT5127 ONSEMI-CAT5127 Datasheet
638Kb / 13P
   32-Tap Digitally Programmable Potentiometer (DPP??
Doc. No. MD-2127 Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com