Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT4238TD-GT3 Datasheet(PDF) 8 Page - ON Semiconductor

Part # CAT4238TD-GT3
Description  High Efficiency 10 LED Boost Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT4238TD-GT3 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button CAT4238TD-GT3 Datasheet HTML 4Page - ON Semiconductor CAT4238TD-GT3 Datasheet HTML 5Page - ON Semiconductor CAT4238TD-GT3 Datasheet HTML 6Page - ON Semiconductor CAT4238TD-GT3 Datasheet HTML 7Page - ON Semiconductor CAT4238TD-GT3 Datasheet HTML 8Page - ON Semiconductor CAT4238TD-GT3 Datasheet HTML 9Page - ON Semiconductor CAT4238TD-GT3 Datasheet HTML 10Page - ON Semiconductor CAT4238TD-GT3 Datasheet HTML 11Page - ON Semiconductor CAT4238TD-GT3 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
CAT4238
http://onsemi.com
8
Open LED Protection
In the event of an “Open LED” fault condition, the
CAT4238 will continue to boost the output voltage with
maximum power until the output voltage reaches
approximately 40 V. Once the output exceeds this level, the
internal circuitry immediately places the device into a very
low power mode where the total input power is limited to
about 6 mW (about 1.6 mA input current with a 3.6 V
supply). The SW pin clamps at a voltage below its maximum
rating of 60 V. There is no need to use an external zener diode
between Vout and the FB pin. A 50 V rated C2 capacitor is
required to prevent any overvoltage damage in the open
LED condition.
Figure 18. Open LED Protection without Zener
VIN
CAT4238
L
Schottky 100 V
(Central CMSH1−100)
15 W
4.7 mF
0.22 mF
FB
SW
GND
OFF ON
47 mH
VIN
C1
VOUT
SHDN
VFB = 300 mV
C2
R1
Figure 19. Open LED Switching Waveforms without
Zener
2 ms/div
Figure 20. Open LED Supply Current vs. VIN without
Zener
INPUT VOLTAGE (V)
5.0
4.5
4.0
3.5
3.0
0
2.0
1.0
4.0
5.0
5.5
3.0
Figure 21. Open LED Output Voltage vs. VIN without
Zener
INPUT VOLTAGE (V)
5.0
4.5
4.0
3.5
3.0
35
40
45
50
5.5
55


Similar Part No. - CAT4238TD-GT3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT4238TD-GT3 CATALYST-CAT4238TD-GT3 Datasheet
279Kb / 14P
   High Efficiency 10 LED Boost Converter
CAT4238TD-GT3 CATALYST-CAT4238TD-GT3 Datasheet
286Kb / 14P
   High Efficiency 10 LED Boost Converter
logo
ON Semiconductor
CAT4238TD-GT3 ONSEMI-CAT4238TD-GT3 Datasheet
260Kb / 14P
   High Efficiency 10 LED Boost Converter
Doc. No. MD-5019 Rev. E
CAT4238TD-GT3 ONSEMI-CAT4238TD-GT3 Datasheet
133Kb / 12P
   High Efficiency 10 LED Boost Converter
April, 2016 ??Rev. 5
More results

Similar Description - CAT4238TD-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT4238TD-GT3 ONSEMI-CAT4238TD-GT3 Datasheet
260Kb / 14P
   High Efficiency 10 LED Boost Converter
Doc. No. MD-5019 Rev. E
logo
Catalyst Semiconductor
CAT4238 CATALYST-CAT4238_07 Datasheet
286Kb / 14P
   High Efficiency 10 LED Boost Converter
CAT4238 CATALYST-CAT4238 Datasheet
279Kb / 14P
   High Efficiency 10 LED Boost Converter
logo
ON Semiconductor
CAT4238 ONSEMI-CAT4238_16 Datasheet
133Kb / 12P
   High Efficiency 10 LED Boost Converter
April, 2016 ??Rev. 5
logo
Copal Electronics
W-6238 COPAL-W-6238 Datasheet
193Kb / 14P
   High Efficiency 10 LED Boost Converter
logo
Richtek Technology Corp...
RT4812 RICHTEK-RT4812 Datasheet
549Kb / 14P
   High Efficiency Boost Converter
RT4813A RICHTEK-RT4813A Datasheet
1,002Kb / 15P
   High Efficiency Boost Converter
RT4813 RICHTEK-RT4813 Datasheet
1,011Kb / 16P
   High Efficiency Boost Converter
logo
Copal Electronics
AN32 COPAL-AN32 Datasheet
124Kb / 7P
   10-LED Boost Converter
logo
Micrel Semiconductor
MIC2145 MICREL-MIC2145 Datasheet
219Kb / 15P
   High Efficiency 2.5W Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com