Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSM2180F3V-15K6 Datasheet(PDF) 6 Page - STMicroelectronics

Part # DSM2180F3V-15K6
Description  DSM (Digital Signal Processor System Memory) for analog devices ADSP-218X family (5 V supply)
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DSM2180F3V-15K6 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button DSM2180F3V-15K6 Datasheet HTML 2Page - STMicroelectronics DSM2180F3V-15K6 Datasheet HTML 3Page - STMicroelectronics DSM2180F3V-15K6 Datasheet HTML 4Page - STMicroelectronics DSM2180F3V-15K6 Datasheet HTML 5Page - STMicroelectronics DSM2180F3V-15K6 Datasheet HTML 6Page - STMicroelectronics DSM2180F3V-15K6 Datasheet HTML 7Page - STMicroelectronics DSM2180F3V-15K6 Datasheet HTML 8Page - STMicroelectronics DSM2180F3V-15K6 Datasheet HTML 9Page - STMicroelectronics DSM2180F3V-15K6 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 63 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
DSM2180F3
6/63
A programmable security bit in the DSM protects
its contents from unauthorized viewing and copy-
ing. When set, the security bit will block access of
programming devices (JTAG or others) to the
DSM Flash memory and PLD configuration. The
only way to defeat the security bit is to erase the
entire DSM device, after which the device is blank
and may be used again. The DSP will always have
access to Flash memory contents through the 8-bit
data port even while the security bit is set.
Table 1. DSM2180F3 DSP Memory System Devices
Table 2. Compatible Analog Devices DSPs
Part Number
ISP Flash
Memory
Flash Partitioning
PLD
I/O Ports
VCC and I/O
Mem Speed
DSM2180F3-90
128K Bytes Eight 16K Byte Sectors 16 macro cells
Up to 16
5V ±10%
90 ns
DSP Part Numbers
Operating Voltage, VCC
I/O Capability
ADSP- 2181, 2184, 2185, 2186
5.0
5.0V


Similar Part No. - DSM2180F3V-15K6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
DSM2180F3V-15 STMICROELECTRONICS-DSM2180F3V-15 Datasheet
690Kb / 63P
   DSM (Digital Signal Processor System Memory) For Analog Devices ADSP-218X Family (3.3V Supply)
More results

Similar Description - DSM2180F3V-15K6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
DSM2180F3 STMICROELECTRONICS-DSM2180F3 Datasheet
809Kb / 63P
   DSM (Digital Signal Processor System Memory) For Analog Devices ADSP-218X Family (5V Supply)
DSM2180F3V STMICROELECTRONICS-DSM2180F3V Datasheet
690Kb / 63P
   DSM (Digital Signal Processor System Memory) For Analog Devices ADSP-218X Family (3.3V Supply)
DSM2190F4V STMICROELECTRONICS-DSM2190F4V Datasheet
530Kb / 61P
   DSM (Digital Signal Processor System Memory) For Analog Devices ADSP-2191 DSPs (3.3V Supply)
DSM2150F5V STMICROELECTRONICS-DSM2150F5V Datasheet
1Mb / 73P
   DSM (Digital Signal Processor System Memory) for Analog Devices DSPs (3.3V Supply)
logo
Analog Devices
ADSP-218X AD-ADSP-218X Datasheet
119Kb / 21P
   ADSP-218x Family EZ-ICE Hardware Installation
logo
New Japan Radio
NJU26040-16A NJRC-NJU26040-16A Datasheet
153Kb / 8P
   Digital Signal Processor for 2ch Speaker System
logo
A1 PROs co., Ltd.
A88 A1PROS-A88 Datasheet
839Kb / 23P
   Digital Image Signal Processor (ISP) for Security Camera System
logo
Analog Devices
ADSP-2115BPZ-100 AD-ADSP-2115BPZ-100 Datasheet
667Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
logo
New Japan Radio
NJU26124 NJRC-NJU26124 Datasheet
278Kb / 22P
   Digital Signal Processor for TV
logo
Samsung semiconductor
S5L986F02 SAMSUNG-S5L986F02 Datasheet
480Kb / 35P
   DIGITAL SIGNAL PROCESSOR FOR DISCMAN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com