Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT3626HV4-GT2 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CAT3626HV4-GT2
Description  6-Channel LED Driver with I2C Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT3626HV4-GT2 Datasheet(HTML) 1 Page - ON Semiconductor

  CAT3626HV4-GT2 Datasheet HTML 1Page - ON Semiconductor CAT3626HV4-GT2 Datasheet HTML 2Page - ON Semiconductor CAT3626HV4-GT2 Datasheet HTML 3Page - ON Semiconductor CAT3626HV4-GT2 Datasheet HTML 4Page - ON Semiconductor CAT3626HV4-GT2 Datasheet HTML 5Page - ON Semiconductor CAT3626HV4-GT2 Datasheet HTML 6Page - ON Semiconductor CAT3626HV4-GT2 Datasheet HTML 7Page - ON Semiconductor CAT3626HV4-GT2 Datasheet HTML 8Page - ON Semiconductor CAT3626HV4-GT2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
© Semiconductor Components Industries, LLC, 2010
March, 2010 − Rev. 5
1
Publication Order Number:
CAT3626/D
CAT3626
6-Channel LED Driver with
I2Ct Interface
Description
The CAT3626 is a high efficiency 1x/1.5x fractional charge pump
with programmable dimming current in six LED channels. To ensure
uniform brightness in LCD backlight applications, each LED channel
delivers an accurate regulated current.
Low noise and input ripple is achieved by operating at a constant
switching frequency of 1 MHz which allows the use of small external
ceramic capacitors. The 1x/1.5x fractional charge pump supports a
wide range of input voltages from 3 V to 5.5 V with efficiency up to
91%, and is ideal for Li−Ion battery powered devices.
The LED channels are configured into three independent pairs, each
containing 2 matched channels. Each pair can be separately
programmed from zero to 32 mA, in 0.5 mA resolution steps, using
the I2C serial interface. Any individual channel can be disabled while
others remain active. When the enable input (EN) is low, the device is
in shutdown mode drawing zero current.
The device is available in a 16−pad TQFN package with a max
height of 0.8 mm.
Features
Drives 6 LED Channels
Independent Current on 3 Pairs of LEDs
I2C Serial Interface Programming
Adjustable Current to 32 mA in 0.5 mA Step
Power Efficiency up to 91%
Fractional Pump 1x/1.5x
Low Noise Input Ripple
Fixed High Frequency Operation 1 MHz
“Zero” Current Shutdown Mode
Soft Start and Current Limiting
Short Circuit Protection
Thermal Shutdown Protection
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
Applications
RGB LEDs
LCD and Keypad Backlighting
Cellular Phones, PDAs
Digital Cameras
http://onsemi.com
TQFN−16
HV4 SUFFIX
CASE 510AE
PIN CONNECTIONS
G626
AXXX
YMCC
MARKING DIAGRAMS
Device
Package
Shipping
ORDERING INFORMATION
CAT3626HV4−T2
(Note 1)
TQFN−16
(Pb−Free)
2,000/
Tape & Reel
1. Matte−Tin Plated Finish (RoHS−compliant).
2. NiPdAu Plated Finish (RoHS−compliant).
LEDC2
GND
C2+
C2−
LEDA1
SDA
SCL
EN
1
(4 x 4 mm) (Top View)
CDAJ
AXXX
YMCC
CAT3626HV4−GT2
(Note 2)
TQFN−16
(Pb−Free)
GND
G626 = CAT3626HV4−T2
CDAJ = CAT3626HV4−GT2
A = Assembly Location
XXX = Last Three Digits of Assembly Lot Number
Y = Production Year (Last Digit)
M = Production Month (1−9, A, B, C)
CC = Country of Origin (Two Digit)


Similar Part No. - CAT3626HV4-GT2

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT3626HV4-GT2 CATALYST-CAT3626HV4-GT2 Datasheet
256Kb / 15P
   6-Channel LED Driver with I2C??Interface
logo
ON Semiconductor
CAT3626HV4-GT2 ONSEMI-CAT3626HV4-GT2 Datasheet
216Kb / 15P
   6-Channel LED Driver with I2C??Interface
Doc. No. MD-5014 Rev. E
More results

Similar Description - CAT3626HV4-GT2

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT3626 CATALYST-CAT3626 Datasheet
807Kb / 14P
   6-Channel LED Driver with I2C Interface
CAT3626 CATALYST-CAT3626_08 Datasheet
256Kb / 15P
   6-Channel LED Driver with I2C??Interface
logo
ON Semiconductor
CAT3626HV4-T2 ONSEMI-CAT3626HV4-T2 Datasheet
216Kb / 15P
   6-Channel LED Driver with I2C??Interface
Doc. No. MD-5014 Rev. E
logo
ATMEL Corporation
MSLB9061 ATMEL-MSLB9061 Datasheet
1Mb / 16P
   Compact, 6-channel LED Driver Board with I2C Interface
logo
Shanghai awinic technol...
AW2013 AWINIC-AW2013 Datasheet
886Kb / 19P
   AW2013 3-channel LED Driver with I2C Compatible Interface
logo
Texas Instruments
TPIC2810 TI-TPIC2810 Datasheet
257Kb / 18P
[Old version datasheet]   8-BIT LED DRIVER WITH I2C INTERFACE
logo
National Semiconductor ...
LM27966 NSC-LM27966 Datasheet
674Kb / 13P
   White LED Driver with I2C Compatible Interface
logo
ATMEL Corporation
MSLB9082 ATMEL-MSLB9082 Datasheet
2Mb / 20P
   Compact, 8-channel, 20W LED Driver Board with I2C Interface
logo
Monolithic Power System...
MP3332 MPS-MP3332 Datasheet
1Mb / 27P
   Dual-Channel Flash LED Driver, 1.5A/Ch with I2C Interface
logo
Analog Devices
ADP8861 AD-ADP8861 Datasheet
702Kb / 40P
   Charge Pump, 7-Channel Smart LED Driver with I2C Interface
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com