Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT3636 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CAT3636
Description  6-Channel Quad-Mode Fractional LED Driver in TQFN 3x3
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT3636 Datasheet(HTML) 1 Page - ON Semiconductor

  CAT3636 Datasheet HTML 1Page - ON Semiconductor CAT3636 Datasheet HTML 2Page - ON Semiconductor CAT3636 Datasheet HTML 3Page - ON Semiconductor CAT3636 Datasheet HTML 4Page - ON Semiconductor CAT3636 Datasheet HTML 5Page - ON Semiconductor CAT3636 Datasheet HTML 6Page - ON Semiconductor CAT3636 Datasheet HTML 7Page - ON Semiconductor CAT3636 Datasheet HTML 8Page - ON Semiconductor CAT3636 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
© Semiconductor Components Industries, LLC, 2010
May, 2010 − Rev. 7
1
Publication Order Number:
CAT3636/D
CAT3636
6-Channel Quad-Mode[
Fractional LED Driver in
TQFN 3x3
Description
The CAT3636 is a high efficiency Quad−Mode fractional charge
pump that can drive up to six LEDs programmable by a one wire
digital interface. The inclusion of a 1.33x fractional charge pump
mode increases device efficiency by up to 10% over traditional 1.5x
charge pumps with no added external capacitors.
Low noise input ripple is achieved by operating at a constant
switching frequency which allows the use of small external ceramic
capacitors. The multi−fractional charge pump supports a wide range of
input voltages from 2.5 V to 5.5 V.
The EN/SET logic input functions as a chip enable and a “1−wire”
addressable interface for control and current setting of all LEDs. Three
groups of two LEDs can be configured with independent LED currents
between 0.25 mA and 32 mA.
The device is available in a tiny 16−lead TQFN 3 mm x 3 mm
package with a max height of 0.8 mm.
ON Semiconductor’s Quad−Mode® 1.33x charge pump switching
architecture is patented.
Features
High Efficiency 1.33x Charge Pump
Quad−Mode Charge Pump: 1x, 1.33x, 1.5x, 2x
Drives up to 6 LEDs at 32 mA Each
1−Wire EZDimt LED Current Programming
Power Efficiency up to 92%
Low Noise Input Ripple in All Modes
“Zero” Current Shutdown Mode
Soft Start and Current Limiting
Short Circuit Protection
Thermal Shutdown Protection
Tiny 3 mm x 3 mm, 16−lead TQFN Package
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
Applications
LCD Display Backlight
Color RGB LEDs
Cellular Phones
Digital Still Cameras
Handheld Devices
http://onsemi.com
TQFN−16
HV3 SUFFIX
CASE 510AD
PIN CONNECTIONS
C2−
C2+
C1−
C1+
LEDC2
LEDC1
LEDB2
LEDB1
1
(Top View)
JAAA
AXXX
YWW
MARKING DIAGRAMS
Device
Package
Shipping
ORDERING INFORMATION
CAT3636HV3−T2
(Note 1)
TQFN−16
(Pb−Free)
2,000/
Tape & Reel
1. Matte−Tin Plated Finish (RoHS−compliant).
2. NiPdAu Plated Finish (RoHS−compliant).
JAAR
AXXX
YWW
CAT3636HV3−GT2
(Note 2)
TQFN−16
(Pb−Free)
JAAA = CAT3636HV3−T2
JAAR = CAT3636HV3−GT2
A = Assembly Location
XXX = Last Three Digits of Assembly Lot Number
Y = Production Year (Last Digit)
WW = Production Week (Two Digits)


Similar Part No. - CAT3636

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT3636 CATALYST-CAT3636 Datasheet
436Kb / 15P
   6-Channel Quad-ModeTM Fractional LED Driver in TQFN3x3
CAT3636 CATALYST-CAT3636 Datasheet
344Kb / 16P
   6-Channel Quad-ModeTM Fractional LED Driver in TQFN3x3
CAT3636HV3-T2 CATALYST-CAT3636HV3-T2 Datasheet
398Kb / 16P
   6-Channel Quad-ModeTM Fractional LED Driver in TQFN3x3
logo
ON Semiconductor
CAT3636HV3-T2 ONSEMI-CAT3636HV3-T2 Datasheet
328Kb / 16P
   6-Channel Quad-Mode Fractional LED Driver in TQFN3x3
Doc. No. MD-5020 Rev. F
logo
Catalyst Semiconductor
CAT3636HV32 CATALYST-CAT3636HV32 Datasheet
436Kb / 15P
   6-Channel Quad-ModeTM Fractional LED Driver in TQFN3x3
More results

Similar Description - CAT3636

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT3636HV3-T2 ONSEMI-CAT3636HV3-T2 Datasheet
328Kb / 16P
   6-Channel Quad-Mode Fractional LED Driver in TQFN3x3
Doc. No. MD-5020 Rev. F
logo
Catalyst Semiconductor
CAT3636 CATALYST-CAT3636_08 Datasheet
344Kb / 16P
   6-Channel Quad-ModeTM Fractional LED Driver in TQFN3x3
CAT3636 CATALYST-CAT3636 Datasheet
436Kb / 15P
   6-Channel Quad-ModeTM Fractional LED Driver in TQFN3x3
CAT3636 CATALYST-CAT3636_07 Datasheet
398Kb / 16P
   6-Channel Quad-ModeTM Fractional LED Driver in TQFN3x3
logo
ON Semiconductor
CAT3637HV3-GT2 ONSEMI-CAT3637HV3-GT2 Datasheet
270Kb / 14P
   6-Channel Programmable High Efficiency Quad-Mode LED Driver
Doc. No. MD-5033 Rev. C
CAT3637 ONSEMI-CAT3637 Datasheet
227Kb / 14P
   6-Channel Programmable High Efficiency Quad-Mode LED Driver
April, 2010 ??Rev. 3
logo
Catalyst Semiconductor
CAT3637 CATALYST-CAT3637 Datasheet
283Kb / 14P
   6-Channel Programmable High Efficiency Quad-Mode??LED Driver
logo
ON Semiconductor
CAT3649 ONSEMI-CAT3649 Datasheet
304Kb / 14P
   6-Channel Quad-Mode LED Driver with 32 Dimming Levels & PWM
November, 2010 ??Rev. 2
CAT4106 ONSEMI-CAT4106_14 Datasheet
219Kb / 15P
   6 W Quad Channel DC/DC LED Driver
June, 2014 ??Rev. 4
CAT3643 ONSEMI-CAT3643 Datasheet
214Kb / 15P
   3-Channel Ultra High Efficiency Quad-Mode LED Driver
May, 2010 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com