Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT3616HV4-T2 Datasheet(PDF) 5 Page - ON Semiconductor

Part # CAT3616HV4-T2
Description  6-Channel Charge Pump LED Driver with EZDim
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT3616HV4-T2 Datasheet(HTML) 5 Page - ON Semiconductor

  CAT3616HV4-T2 Datasheet HTML 1Page - ON Semiconductor CAT3616HV4-T2 Datasheet HTML 2Page - ON Semiconductor CAT3616HV4-T2 Datasheet HTML 3Page - ON Semiconductor CAT3616HV4-T2 Datasheet HTML 4Page - ON Semiconductor CAT3616HV4-T2 Datasheet HTML 5Page - ON Semiconductor CAT3616HV4-T2 Datasheet HTML 6Page - ON Semiconductor CAT3616HV4-T2 Datasheet HTML 7Page - ON Semiconductor CAT3616HV4-T2 Datasheet HTML 8Page - ON Semiconductor CAT3616HV4-T2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
CAT3616
http://onsemi.com
5
TYPICAL CHARACTERISTICS
(VIN = 3.6 V, IOUT = 90 mA (6 LEDs at 15 mA), EN = VIN, ENM = ENS = GND,
CIN = C1 = C2 = COUT = 1 mF, TAMB = 25°C, unless otherwise specified.)
Figure 3. Efficiency vs. Input Voltage
(6 LEDs On)
Figure 4. Efficiency vs. Total LED Current
(6 LEDs)
INPUT VOLTAGE (V)
TOTAL LED CURRENT (mA)
3.0
3.2
3.4
3.6
3.8
4.0
4.2
40
50
60
70
80
90
100
200
150
100
50
0
40
50
60
70
80
90
100
Figure 5. Quiescent Current vs. Input Voltage
(1x Mode)
Figure 6. Quiescent Current vs. Temperature
(1x Mode)
INPUT VOLTAGE (V)
TEMPERATURE (°C)
4.2
4.0
3.8
3.6
3.4
3.2
3.0
0
0.2
0.4
0.6
0.8
120
80
40
0
−40
0
0.2
0.4
0.6
0.8
Figure 7. Quiescent Current vs. Input Voltage
(1.5x Mode)
Figure 8. Quiescent Current vs. Temperature
(1.5x Mode)
INPUT VOLTAGE (V)
TEMPERATURE (°C)
4.2
4.0
3.8
3.6
3.4
3.2
3.0
0
1
2
3
4
5
120
80
40
0
−40
0
1
2
3
4
5
1.5x Mode
1x Mode
20 mA per LED
15 mA per LED
VIN = 3.2 V (1.5x Mode)
VIN = 4 V (1x Mode)
6 LEDs OFF
6 LEDs OFF
6 LEDs OFF
6 LEDs OFF


Similar Part No. - CAT3616HV4-T2

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT3616HV4-T2 CATALYST-CAT3616HV4-T2 Datasheet
537Kb / 14P
   6-Channel Charge Pump LED Driver with EZDimTM
CAT3616HV4-T2 CATALYST-CAT3616HV4-T2 Datasheet
368Kb / 14P
   6-Channel Charge Pump LED Driver with EZDimTM
More results

Similar Description - CAT3616HV4-T2

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT3616 CATALYST-CAT3616 Datasheet
537Kb / 14P
   6-Channel Charge Pump LED Driver with EZDimTM
CAT3616 CATALYST-CAT3616_08 Datasheet
368Kb / 14P
   6-Channel Charge Pump LED Driver with EZDimTM
logo
Rohm
BD2606MVV ROHM-BD2606MVV Datasheet
1Mb / 20P
   6-Channel Charge Pump White LED Driver
logo
Asahi Kasei Microsystem...
AK7864 AKM-AK7864 Datasheet
217Kb / 12P
   3 channel LED driver with Charge Pump
AK7864A AKM-AK7864A Datasheet
294Kb / 13P
   3 channel LED driver with Charge Pump
logo
Catalyst Semiconductor
CAT3606 CATALYST-CAT3606_08 Datasheet
367Kb / 12P
   6-Channel Low Noise Charge Pump White LED Driver
logo
Allegro MicroSystems
A8434 ALLEGRO-A8434 Datasheet
446Kb / 11P
   6-Channel High Efficiency Charge Pump White LED Driver
logo
SG Micro Corp
SGM3144 SGMICRO-SGM3144_16 Datasheet
2Mb / 12P
   6-Channel PWM Dimming Charge Pump White LED Driver
logo
ON Semiconductor
CAT3606 ONSEMI-CAT3606 Datasheet
259Kb / 11P
   6-Channel Low Noise Charge Pump White LED Driver
January, 2010 ??Rev. 3
logo
Eutech Microelectronics...
EUP3654 EUTECH-EUP3654 Datasheet
82Kb / 1P
   6 Channel, 1X/1.5X Charge Pump White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com