Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT3614 Datasheet(PDF) 5 Page - ON Semiconductor

Part # CAT3614
Description  4-Channel 1-Wire LED Driver in 3 x 3 mm Package
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT3614 Datasheet(HTML) 5 Page - ON Semiconductor

  CAT3614 Datasheet HTML 1Page - ON Semiconductor CAT3614 Datasheet HTML 2Page - ON Semiconductor CAT3614 Datasheet HTML 3Page - ON Semiconductor CAT3614 Datasheet HTML 4Page - ON Semiconductor CAT3614 Datasheet HTML 5Page - ON Semiconductor CAT3614 Datasheet HTML 6Page - ON Semiconductor CAT3614 Datasheet HTML 7Page - ON Semiconductor CAT3614 Datasheet HTML 8Page - ON Semiconductor CAT3614 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
CAT3614
http://onsemi.com
5
TYPICAL CHARACTERISTICS
(VIN = 3.6 V, IOUT = 80 mA (4 LEDs at 20 mA), C1 = C2 = CIN = COUT = 1 mF, TAMB = 25°C unless otherwise specified.)
Figure 9. LED Current Change vs. Input
Voltage
Figure 10. LED Current Change vs.
Temperature
INPUT VOLTAGE (V)
TEMPERATURE (°C)
4.2
4.0
3.8
3.6
3.4
3.2
3.0
−5
−1
0
1
2
3
4
5
80
60
40
20
0
−20
−40
−5
−3
0
1
2
3
4
5
Figure 11. Oscillator Frequency vs. Input
Voltage
Figure 12. Oscillator Frequency vs.
Temperature
INPUT VOLTAGE (V)
TEMPERATURE (°C)
4.0
3.8
3.6
3.4
3.2
3.0
0.7
0.8
0.9
1.0
1.1
1.2
1.3
120
80
40
0
−40
0.7
0.8
0.9
1.0
1.1
1.2
1.3
Figure 13. Output Resistance vs. Input Voltage
(1x Mode)
Figure 14. Output Resistance vs. Input Voltage
(1.5x Mode)
INPUT VOLTAGE (V)
INPUT VOLTAGE (V)
4.2
4.0
3.8
3.6
3.4
3.2
3.0
0
0.2
0.4
0.6
0.8
1.0
4.2
4.0
3.8
3.6
3.4
3.2
3.0
1.0
1.5
2.0
2.5
3.0
3.5
4.0
1x Mode
1.5x Mode
−2
−3
−4
−1
−2
−4
4 LEDs at 20 mA


Similar Part No. - CAT3614

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT3614 CATALYST-CAT3614 Datasheet
867Kb / 28P
   Catalyst Semiconductor
CAT3614 CATALYST-CAT3614 Datasheet
452Kb / 12P
   4-Channel 1-Wire LED Driver in 3x3mm Package
CAT3614 CATALYST-CAT3614 Datasheet
217Kb / 13P
   4-Channel 1-Wire LED Driver in 3 x 3mm Package
CAT3614HS2-T2 CATALYST-CAT3614HS2-T2 Datasheet
452Kb / 12P
   4-Channel 1-Wire LED Driver in 3x3mm Package
CAT3614HV2-GT2 CATALYST-CAT3614HV2-GT2 Datasheet
217Kb / 13P
   4-Channel 1-Wire LED Driver in 3 x 3mm Package
More results

Similar Description - CAT3614

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT3614 CATALYST-CAT3614_08 Datasheet
217Kb / 13P
   4-Channel 1-Wire LED Driver in 3 x 3mm Package
logo
ON Semiconductor
CAT3614HV2-T2 ONSEMI-CAT3614HV2-T2 Datasheet
197Kb / 13P
   4-Channel 1-Wire LED Driver in 3 x 3mm Package
Doc. No. MD-5035, Rev.C
CAT3603 ONSEMI-CAT3603 Datasheet
168Kb / 11P
   3-Channel LED Driver in 3 x 3 mm Package
January, 2010 ??Rev. 5
CAT3603HV2 ONSEMI-CAT3603HV2 Datasheet
381Kb / 12P
   3-Channel LED Driver in 3 x 3mm Package
Doc. No. MD-5017 Rev. F
logo
Catalyst Semiconductor
CAT3614 CATALYST-CAT3614 Datasheet
452Kb / 12P
   4-Channel 1-Wire LED Driver in 3x3mm Package
CAT3603 CATALYST-CAT3603 Datasheet
510Kb / 12P
   3-Channel LED Driver in 3x3mm Package
logo
List of Unclassifed Man...
AND124G ETC-AND124G Datasheet
51Kb / 2P
   Standard LED T-1 Package (3 mm)
logo
Everlight Electronics C...
484-10UTC-S400-A6 EVERLIGHT-484-10UTC-S400-A6 Datasheet
208Kb / 6P
   3 mm Round LED (T-1 3/4 )
logo
Vishay Siliconix
TLHW5100 VISHAY-TLHW5100 Datasheet
175Kb / 5P
   White LED in 5mm (T 1 3/4) Waterclear Package
Rev. 1.5, 31-Aug-04
TLDR4900 VISHAY-TLDR4900 Datasheet
74Kb / 5P
   High Intensity LED in 3 mm Clear Package
Rev. A1, 04-Feb-99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com