Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT3606HV4-T2 Datasheet(PDF) 9 Page - ON Semiconductor

Part # CAT3606HV4-T2
Description  6-Channel Low Noise Charge Pump White LED Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT3606HV4-T2 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button CAT3606HV4-T2 Datasheet HTML 3Page - ON Semiconductor CAT3606HV4-T2 Datasheet HTML 4Page - ON Semiconductor CAT3606HV4-T2 Datasheet HTML 5Page - ON Semiconductor CAT3606HV4-T2 Datasheet HTML 6Page - ON Semiconductor CAT3606HV4-T2 Datasheet HTML 7Page - ON Semiconductor CAT3606HV4-T2 Datasheet HTML 8Page - ON Semiconductor CAT3606HV4-T2 Datasheet HTML 9Page - ON Semiconductor CAT3606HV4-T2 Datasheet HTML 10Page - ON Semiconductor CAT3606HV4-T2 Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
CAT3606
http://onsemi.com
9
TYPICAL CHARACTERISTICS
(VIN = 3.6 V, EN = VIN, ENM = ENS = GND, CIN = COUT = 1 mF, TAMB = 25°C, unless otherwise specified.)
Figure 21. Foldback Current Limiting
OUTPUT CURRENT (mA)
500
400
300
200
100
0
0
1
2
3
4
5
1x Mode
Figure 22. RSET Pin Voltage vs. Temperature
−50
−25
0
25
50
75
100
125
1.16
1.18
1.20
1.22
1.24
Figure 23. PWM Dimming at 1 kHz on ENM and ENS
50mA/div
Current
Tot. LED
1V/div
VOUT
ENM & ENS
5V/div
200 msec/div
TEMPERATURE (°C)
Recommended Layout
When the driver is in the 1.5x charge pump mode, the
1 MHz switching frequency operation requires to minimize
trace length and impedance to ground on all 4 capacitors. A
ground plane should cover the area on the bottom side of the
PCB opposite to the IC and the bypass capacitors.
Capacitors Cin and Cout require short connection to ground
which can be done with multiple vias as shown on Figure 24.
A square copper area matches the QFN16 exposed pad
(GND) and must be connected to the ground plane
underneath. The use of multiple via will improve the heat
dissipation.
Figure 24. PCB Layout


Similar Part No. - CAT3606HV4-T2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT3606HV4-T2 ONSEMI-CAT3606HV4-T2 Datasheet
360Kb / 12P
   6-Channel Low Noise Charge Pump White LED Driver
Doc. No. MD-5009 Rev. D
More results

Similar Description - CAT3606HV4-T2

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT3606 CATALYST-CAT3606_08 Datasheet
367Kb / 12P
   6-Channel Low Noise Charge Pump White LED Driver
CAT3606 CATALYST-CAT3606 Datasheet
598Kb / 11P
   6-Channel Low Noise Charge Pump White LED Driver
logo
ON Semiconductor
CAT3606HV4-T2 ONSEMI-CAT3606HV4-T2 Datasheet
360Kb / 12P
   6-Channel Low Noise Charge Pump White LED Driver
Doc. No. MD-5009 Rev. D
logo
Rohm
BD2606MVV ROHM-BD2606MVV Datasheet
1Mb / 20P
   6-Channel Charge Pump White LED Driver
logo
Allegro MicroSystems
A8434 ALLEGRO-A8434 Datasheet
446Kb / 11P
   6-Channel High Efficiency Charge Pump White LED Driver
logo
SG Micro Corp
SGM3144 SGMICRO-SGM3144_16 Datasheet
2Mb / 12P
   6-Channel PWM Dimming Charge Pump White LED Driver
logo
Eutech Microelectronics...
EUP3654 EUTECH-EUP3654 Datasheet
82Kb / 1P
   6 Channel, 1X/1.5X Charge Pump White LED Driver
logo
California Micro Device...
CM9156A CALMIRCO-CM9156A Datasheet
561Kb / 15P
   Charge Pump White LED Driver
CM9156B CALMIRCO-CM9156B Datasheet
545Kb / 13P
   Charge-Pump White LED Driver
logo
Orister Corporation
RS9360A ORISTER-RS9360A Datasheet
483Kb / 8P
   Charge-Pump White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com