Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT863STBI-G Datasheet(PDF) 1 Page - ON Semiconductor

Part # CAT863STBI-G
Description  3-Pin Microprocessor Power Supply Supervisors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT863STBI-G Datasheet(HTML) 1 Page - ON Semiconductor

  CAT863STBI-G Datasheet HTML 1Page - ON Semiconductor CAT863STBI-G Datasheet HTML 2Page - ON Semiconductor CAT863STBI-G Datasheet HTML 3Page - ON Semiconductor CAT863STBI-G Datasheet HTML 4Page - ON Semiconductor CAT863STBI-G Datasheet HTML 5Page - ON Semiconductor CAT863STBI-G Datasheet HTML 6Page - ON Semiconductor CAT863STBI-G Datasheet HTML 7Page - ON Semiconductor CAT863STBI-G Datasheet HTML 8Page - ON Semiconductor CAT863STBI-G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
CAT853, CAT863
CATCAT859, CAT869
© 2009 SCILLC. All rights reserved.
1
Doc. No. MD-3026, Rev. G
Characteristics subject to change without notice
3-Pin Microprocessor Power Supply Supervisors
FEATURES
Precision monitoring of +3.3 V (-5%, -10%), 5 V
(-10% Power Supplies)
Active low reset output
Reset valid down to VCC = 1.0 V
6 µA power supply current
Power supply transient immunity
Industrial temperature range: -40ºC to +85ºC
RoHS-compliant SOT-23 package
APPLICATIONS
Computers
Servers
Laptops
Cable modems
Wireless communications
Embedded control systems
White goods
Power meters
Intelligent instruments
PDAs and handheld equipment
DESCRIPTION
The CAT853, CAT863, CAT859, and CAT869 are
supervisory circuits that monitor power supplies in
digital systems.
These devices generate a reset signal, which is
asserted while the power supply voltage is below a
preset threshold level and for at least 140 ms after the
power supply level has risen above that level. Industry
standard threshold levels are offered to support
+3.3 V or 5.0 V systems.
The CAT859 and CAT869 feature a RESET
¯¯¯¯¯¯ push-pull
output (active low) for the two pinout options.
The CAT853 and CAT863 feature an open drain
RESET
¯¯¯¯¯¯ output (active low). Both require a pull-up
resistor on the RESET output.
Fast transients on the power supply are ignored and
the output is guaranteed to be in the correct state at
VCC levels as low as 1.0 V.
For Ordering Information details, see page 9.
PIN CONFIGURATION
SOT-23 3-Lead
SOT-23 3-Lead
2
CAT853
CAT859
GND
RESET
VCC
1
3
CAT863
CAT869
GND
RESET
VCC
1
2
3
THRESHOLD SUFFIX SELECTOR
Nominal Threshold
Voltage
Threshold Suffix
Designation
4.38 V
M
4.20 V
F
3.08 V
T
2.93 V
S
2.4 V
C
PIN DESCRIPTION
Pin Name
Function
RESET
¯¯¯¯¯¯
Active low reset. RESET
¯¯¯¯¯¯ is asserted if VCC falls below the reset threshold and remains low for at
least 140 ms after VCC rises above the reset threshold
GND
Ground
VCC
Power supply voltage that is monitored


Similar Part No. - CAT863STBI-G

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT863STBI-G CATALYST-CAT863STBI-G Datasheet
536Kb / 9P
   3-Pin Microprocessor Power Supply Supervisors
logo
ON Semiconductor
CAT863STBI-GT3 ONSEMI-CAT863STBI-GT3 Datasheet
117Kb / 9P
   3-Pin Microprocessor Power Supply Supervisors
May, 2012 ??Rev. 10
More results

Similar Description - CAT863STBI-G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT853MTBI-GT3 ONSEMI-CAT853MTBI-GT3 Datasheet
117Kb / 9P
   3-Pin Microprocessor Power Supply Supervisors
May, 2012 ??Rev. 10
CAT810STBI-T10 ONSEMI-CAT810STBI-T10 Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT810JTBI ONSEMI-CAT810JTBI Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT803TTBI ONSEMI-CAT803TTBI Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT853TTBI-T3 ONSEMI-CAT853TTBI-T3 Datasheet
117Kb / 9P
   3-Pin Microprocessor Power Supply Supervisors
May, 2012 ??Rev. 10
CAT803 ONSEMI-CAT803_14 Datasheet
106Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
August, 2014 ??Rev. 34
logo
Catalyst Semiconductor
CAT803 CATALYST-CAT803 Datasheet
790Kb / 14P
   3-Pin Microprocessor Power Supply Supervisors
logo
ON Semiconductor
CAT809TTBI-T3 ONSEMI-CAT809TTBI-T3 Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT810SEUR-T ONSEMI-CAT810SEUR-T Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT809LTBI ONSEMI-CAT809LTBI Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
logo
Catalyst Semiconductor
CAT853 CATALYST-CAT853 Datasheet
536Kb / 9P
   3-Pin Microprocessor Power Supply Supervisors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com