Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT823YTDI-GT3 Datasheet(PDF) 8 Page - ON Semiconductor

Part # CAT823YTDI-GT3
Description  System Supervisory Voltage Reset with Watchdog and Manual Reset
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT823YTDI-GT3 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button CAT823YTDI-GT3 Datasheet HTML 4Page - ON Semiconductor CAT823YTDI-GT3 Datasheet HTML 5Page - ON Semiconductor CAT823YTDI-GT3 Datasheet HTML 6Page - ON Semiconductor CAT823YTDI-GT3 Datasheet HTML 7Page - ON Semiconductor CAT823YTDI-GT3 Datasheet HTML 8Page - ON Semiconductor CAT823YTDI-GT3 Datasheet HTML 9Page - ON Semiconductor CAT823YTDI-GT3 Datasheet HTML 10Page - ON Semiconductor CAT823YTDI-GT3 Datasheet HTML 11Page - ON Semiconductor CAT823YTDI-GT3 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
CAT823, CAT824, CAT825
Doc. No. MD-3027 Rev. D
8
© 2010 SCILLC. All rights reserved.
Characteristics subject to change without notice
WATCHDOG TIMER
The CAT823 and CAT824 provide a Watchdog input
(WDI).
The watchdog timer function forces RESET
¯¯¯¯¯¯
(and RESET in the CAT824) signals active when the
WDI input does not have a transition from low-to-high
or high-to-low within 1.12 seconds. Timeout of the
watchdog starts
when
RESET
¯¯¯¯¯¯
(RESET
on
the
CAT824) becomes inactive. If a transition occurs on
the WDI input pin prior to the watchdog time-out, the
watchdog timer is reset and begins to time-out again.
If the watchdog timer is allowed to time-out, then the
reset output(s) will go active for tRP and once released
will repeat the watchdog timeout process.
Figure 3 below shows a typical implementation of a
watchdog function. Any processor signal that repeats
dependant on the normal operation of the processor
or directed by the software operating on the processor
can be used to strobe the watchdog input. The most
reliable is a dedicated I/O output transitioned by a
specific software instruction.
The watchdog can be disabled by floating (or tri-
stating) the WDI input (see Figure 4). If the watchdog
is disabled the WDI pin will be pulled low for the first
7/8
th’s of the watchdog period (t
WD) and pulled high for
the last 1/8
th of the watchdog period. This pulling low
of the WDI input and then high is used to detect an
open or tri-state condition and will continue to repeat
until the WDI input is driven high or low.
For most efficient operation of devices with the
watchdog function the WDI input should be held low
the majority of the time and only strobed high as
required to reset the watchdog timer.
Figure 3. Watchdog Timer
Figure 4. Watchdog Disable Circuit
RESET
CAT823
PIC
µC
DECODER
ADDRESS
VCC
GND
WDI
MR
MCLR
Supply
Voltage
µC
OUTPUT
VCC
Tristate
150kΩ
1
10kΩ
RESET
CAT823
VCC
GND
WDI
MR


Similar Part No. - CAT823YTDI-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT823YTDI-GT3 ONSEMI-CAT823YTDI-GT3 Datasheet
141Kb / 12P
   System Supervisory Voltage Reset
May, 2012 ??Rev. 8
CAT823YTDI-GT3 ONSEMI-CAT823YTDI-GT3 Datasheet
137Kb / 12P
   System Supervisory Voltage Reset
May, 2012 ??Rev. 8
More results

Similar Description - CAT823YTDI-GT3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT823 CATALYST-CAT823 Datasheet
208Kb / 14P
   System Supervisory Voltage Reset with Watchdog and Manual Reset
CAT823 CATALYST-CAT823_08 Datasheet
216Kb / 14P
   System Supervisory Voltage Reset with Watchdog and Manual Reset
logo
ams AG
AS1916 AMSCO-AS1916 Datasheet
401Kb / 13P
   Microprocessor Supervisory Circuits with Manual Reset and Watchdog
AS1916 AMSCO-AS1916_04 Datasheet
832Kb / 15P
   Microprocessor Supervisory Circuits with Manual Reset and Watchdog
AS1910 AMSCO-AS1910_1 Datasheet
384Kb / 15P
   Dual-Voltage Microprocessor Supervisory Circuits with Manual Reset and Watchdog
logo
EM Microelectronic - MA...
EM6323 EMMICRO-EM6323 Datasheet
501Kb / 10P
   Reset Circuit with Manual Reset and Watchdog
logo
Taiwan Semiconductor Co...
TS823 TSC-TS823_09 Datasheet
182Kb / 8P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
TS823 TSC-TS823 Datasheet
115Kb / 6P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
TS823 TSC-TS823_07 Datasheet
316Kb / 8P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
logo
Maxim Integrated Produc...
MAX6864UK16D1L MAXIM-MAX6864UK16D1L Datasheet
495Kb / 17P
   Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 4; 12/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com