Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT823STDI-GT3 Datasheet(PDF) 7 Page - ON Semiconductor

Part # CAT823STDI-GT3
Description  System Supervisory Voltage Reset with Watchdog and Manual Reset
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT823STDI-GT3 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button CAT823STDI-GT3 Datasheet HTML 3Page - ON Semiconductor CAT823STDI-GT3 Datasheet HTML 4Page - ON Semiconductor CAT823STDI-GT3 Datasheet HTML 5Page - ON Semiconductor CAT823STDI-GT3 Datasheet HTML 6Page - ON Semiconductor CAT823STDI-GT3 Datasheet HTML 7Page - ON Semiconductor CAT823STDI-GT3 Datasheet HTML 8Page - ON Semiconductor CAT823STDI-GT3 Datasheet HTML 9Page - ON Semiconductor CAT823STDI-GT3 Datasheet HTML 10Page - ON Semiconductor CAT823STDI-GT3 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
CAT823, CAT824, CAT825
© 2010 SCILLC. All rights reserved.
7
Doc. No. MD-3027, Rev. D
Characteristics subject to change without notice
FUNCTIONAL DESCRIPTION
PROCESSOR RESET
The
CAT823-825
detect
supply
voltage
(VCC)
conditions that are below the specified voltage trip
value (VRST) and provide a reset output to maintain
correct system operation. On power-up, RESET
¯¯¯¯¯¯ (and
RESET if available) are kept active for a minimum
delay tRP of 140ms after the supply voltage (VCC) rises
above VRST to allow the power supply and processor
to stabilize. When VCC drops below the voltage trip
value (VRST), the reset output signals RESET
¯¯¯¯¯¯ (and
RESET) are pulled active.
RESET
¯¯¯¯¯¯ (and RESET if
available) is specifically designed to provide the reset
input signals for processors. This provides reliable
and consistent operation as power is turned on, off or
during
brownout
conditions
by
maintaining
the
processor operation in known conditions.
MANUAL RESET
The CAT823 and CAT825 each have a Manual Reset
(MR
¯¯¯) input to allow for alternative control of the reset
outputs.
The MR
¯¯¯ input is designed for direct con-
nection to a pushbutton (see Figure 1). The MR
¯¯¯ input
is internally pulled up by 52k
Ω resistor and must be
pulled low to cause the reset outputs to go active.
Internally, this input is debounced and timed such that
RESET
¯¯¯¯¯¯ (and RESET) signals of at least 140ms
minimum will be generated. The min 140ms tRP delay
commences as the Manual Reset input is released
from the low level. (see Figure 2)
Figure 1. Pushbutton RESET
Figure 2. Timing Diagram – Pushbutton RESET
VIL
VIH
VOH
tRP
tPDLY
tPB
VOL
RESET
RESET
MR
RESET
CAT825
VCC
RESET
GND
MR
Supply
Voltage


Similar Part No. - CAT823STDI-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT823STDI-GT3 ONSEMI-CAT823STDI-GT3 Datasheet
141Kb / 12P
   System Supervisory Voltage Reset
May, 2012 ??Rev. 8
CAT823STDI-GT3 ONSEMI-CAT823STDI-GT3 Datasheet
137Kb / 12P
   System Supervisory Voltage Reset
May, 2012 ??Rev. 8
More results

Similar Description - CAT823STDI-GT3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT823 CATALYST-CAT823 Datasheet
208Kb / 14P
   System Supervisory Voltage Reset with Watchdog and Manual Reset
CAT823 CATALYST-CAT823_08 Datasheet
216Kb / 14P
   System Supervisory Voltage Reset with Watchdog and Manual Reset
logo
ams AG
AS1916 AMSCO-AS1916 Datasheet
401Kb / 13P
   Microprocessor Supervisory Circuits with Manual Reset and Watchdog
AS1916 AMSCO-AS1916_04 Datasheet
832Kb / 15P
   Microprocessor Supervisory Circuits with Manual Reset and Watchdog
AS1910 AMSCO-AS1910_1 Datasheet
384Kb / 15P
   Dual-Voltage Microprocessor Supervisory Circuits with Manual Reset and Watchdog
logo
EM Microelectronic - MA...
EM6323 EMMICRO-EM6323 Datasheet
501Kb / 10P
   Reset Circuit with Manual Reset and Watchdog
logo
Taiwan Semiconductor Co...
TS823 TSC-TS823_09 Datasheet
182Kb / 8P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
TS823 TSC-TS823 Datasheet
115Kb / 6P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
TS823 TSC-TS823_07 Datasheet
316Kb / 8P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
logo
Maxim Integrated Produc...
MAX6864UK16D1L MAXIM-MAX6864UK16D1L Datasheet
495Kb / 17P
   Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 4; 12/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com