Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT706TVI-G Datasheet(PDF) 7 Page - ON Semiconductor

Part # CAT706TVI-G
Description  關P Supervisory Circuits
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT706TVI-G Datasheet(HTML) 7 Page - ON Semiconductor

Back Button CAT706TVI-G Datasheet HTML 3Page - ON Semiconductor CAT706TVI-G Datasheet HTML 4Page - ON Semiconductor CAT706TVI-G Datasheet HTML 5Page - ON Semiconductor CAT706TVI-G Datasheet HTML 6Page - ON Semiconductor CAT706TVI-G Datasheet HTML 7Page - ON Semiconductor CAT706TVI-G Datasheet HTML 8Page - ON Semiconductor CAT706TVI-G Datasheet HTML 9Page - ON Semiconductor CAT706TVI-G Datasheet HTML 10Page - ON Semiconductor CAT706TVI-G Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
CAT705, CAT706, CAT813
© 2010 SCILLC. All rights reserved.
7
Doc. No. MD-3030, Rev. D
Characteristics subject to change without notice
FUNCTIONAL DESCRIPTION
PROCESSOR RESET
The CAT705, CAT706 & CAT813 detect supply
voltage (VCC) conditions that are below the specified
voltage trip value (VRST) and provide a reset output to
maintain correct system operation. On power-up,
RESET
¯¯¯¯¯¯ (or RESET for the CAT813) are kept active for
a minimum delay tRP of 140ms after the supply voltage
(VCC) rises above VRST to allow the power supply and
processor to stabilize. When VCC drops below the
voltage trip value (VRST), the reset output signals
RESET
¯¯¯¯¯¯ (or RESET) are pulled active.
RESET
¯¯¯¯¯¯ (or
RESET) is specifically designed to provide the reset
input signals for processors. This provides reliable
and consistent operation as power is turned on, off or
during
brownout
conditions
by
maintaining
the
processor operation in known conditions.
MANUAL RESET
The CAT705, CAT706 & CAT813 each have a Manual
Reset (MR
¯¯¯) input to allow for alternative control of the
reset outputs.
The MR
¯¯¯ input is designed for direct
connection to a pushbutton (see Figure 1). The MR
¯¯¯
input is internally pulled up by 52k
Ω resistor and must
be pulled low to cause the reset output to go active.
Internally, this input is debounced and timed such that
RESET
¯¯¯¯¯¯ (or RESET) signals of at least 140ms
minimum will be generated. The min 140ms tRP delay
commences as the Manual Reset input is released
from the low level. (see Figure 2)
WDO
PFO
VCC
WDI
GND
PFI
MR
RESET/RESET
CAT705
CAT706
CAT813
Figure 1. Pushbutton RESET
Figure 2. Timing Diagram – Pushbutton RESET
VIL
VIH
VOH
tRP
tPDLY
tPB
VOL
RESET
RESET
MR


Similar Part No. - CAT706TVI-G

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT706TVI-G CATALYST-CAT706TVI-G Datasheet
229Kb / 14P
   關P Supervisory Circuits
logo
ON Semiconductor
CAT706TVI-GT3 ONSEMI-CAT706TVI-GT3 Datasheet
137Kb / 12P
   uP Supervisory Circuits
April, 2012 ??Rev. 7
More results

Similar Description - CAT706TVI-G

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC706P MICREL-MIC706P Datasheet
185Kb / 8P
   關P Supervisory Circuits
logo
Catalyst Semiconductor
CAT705 CATALYST-CAT705 Datasheet
229Kb / 14P
   關P Supervisory Circuits
logo
Micrel Semiconductor
MIC70 MICREL-MIC70 Datasheet
177Kb / 8P
   關P Supervisory Circuits
logo
Maxim Integrated Produc...
MAX705 MAXIM-MAX705_V01 Datasheet
898Kb / 12P
   Low-Cost, 關P Supervisory Circuits
2018
MAX6351 MAXIM-MAX6351_V01 Datasheet
1Mb / 11P
   Dual/Triple-Voltage 關P Supervisory Circuits
2014
MAX6351 MAXIM-MAX6351_05 Datasheet
327Kb / 11P
   Dual/Triple-Voltage 關P Supervisory Circuits
Rev 6; 12/05
MAX6351 MAXIM-MAX6351 Datasheet
107Kb / 8P
   Dual/Triple-Voltage 關P Supervisory Circuits
Rev 1; 10/99
logo
PulseCore Semiconductor
ASM161 PULSECORE-ASM161 Datasheet
189Kb / 9P
   關P Supervisory Circuit
logo
Micrel Semiconductor
MIC706P MICREL-MIC706P_06 Datasheet
159Kb / 7P
   關P Supervisory Circuit
MIC1832 MICREL-MIC1832_06 Datasheet
149Kb / 7P
   關P Supervisory Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com