Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT812 Datasheet(PDF) 7 Page - ON Semiconductor

Part # CAT812
Description  4-Pin Microprocessor Power Supply Supervisors with Manual Reset
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT812 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button CAT812 Datasheet HTML 3Page - ON Semiconductor CAT812 Datasheet HTML 4Page - ON Semiconductor CAT812 Datasheet HTML 5Page - ON Semiconductor CAT812 Datasheet HTML 6Page - ON Semiconductor CAT812 Datasheet HTML 7Page - ON Semiconductor CAT812 Datasheet HTML 8Page - ON Semiconductor CAT812 Datasheet HTML 9Page - ON Semiconductor CAT812 Datasheet HTML 10Page - ON Semiconductor CAT812 Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
CAT811, CAT812
VALID RESET WITH V
UNDER 1.0V
CC
To ensure that the CAT811 RESET
¯¯¯¯¯¯ pin is in a known
state when VCC is under 1.0V, a 100kΩ pull-down
resistor
between
RESET
¯¯¯¯¯¯
pin
and
GND
is
recommended; the value is not critical. For the
CAT812, a pull-up resistor from RESET pin to VCC is
needed.
Figure 3. RESET
¯¯¯¯¯¯ Valid with VCC under 1.0V
VCC
GND
100kΩ
CAT811
MR
RESET
Power
Supply
VCC
GND
100kΩ
CAT812
MR
RESET
Power
Supply
Figure 4. RESET Valid with VCC under 1.1V
BI-DIRECTIONAL RESET PIN INTERFACING
The CAT811/812 can interface with µP/µC bi-
directional reset pins by connecting a 4.7kΩ resistor in
series with the CAT811/812 reset output and the
µP/µC bi-directional reset pin.
GND
4.7kΩ
CAT811
CAT811
MR
GND
BUF
RESET
INPUT
RESET
RESET
Power
Supply
µP
(for example: 68HC11)
Buffered
Bi-directional I/O Pin
VCC
Figure 5. Bi-directional Reset Pin Interfacing
© 2010 SCILLC. All rights reserved.
7
Doc. No. MD-3005 Rev. U
Characteristics subject to change without notice


Similar Part No. - CAT812

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT812 CATALYST-CAT812 Datasheet
867Kb / 28P
   Catalyst Semiconductor
CAT812 CATALYST-CAT812 Datasheet
92Kb / 9P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
CAT812 CATALYST-CAT812 Datasheet
228Kb / 11P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
logo
ON Semiconductor
CAT812 ONSEMI-CAT812 Datasheet
118Kb / 9P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
October, 2012 ??Rev. 2
logo
Catalyst Semiconductor
CAT812J CATALYST-CAT812J Datasheet
92Kb / 9P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
More results

Similar Description - CAT812

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT811 CATALYST-CAT811_05 Datasheet
92Kb / 9P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
logo
ON Semiconductor
CAT811LTBI ONSEMI-CAT811LTBI Datasheet
118Kb / 9P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
October, 2012 ??Rev. 2
CAT811RTBI ONSEMI-CAT811RTBI Datasheet
118Kb / 9P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
October, 2012 ??Rev. 2
logo
Catalyst Semiconductor
CAT811 CATALYST-CAT811_08 Datasheet
228Kb / 11P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
logo
Diodes Incorporated
APX811 DIODES-APX811 Datasheet
223Kb / 2P
   Tiny microprocessor supervisors with manual reset
logo
Catalyst Semiconductor
CAT811 CATALYST-CAT811 Datasheet
59Kb / 11P
   4-Pin Microprocessor Power Supply Supervisors
logo
Diodes Incorporated
APX811 DIODES-APX811_09 Datasheet
175Kb / 10P
   4-Pin Microprocessor Supervisor With Manual Reset
APX811/812 Rev. 2
logo
ON Semiconductor
CAT853MTBI-GT3 ONSEMI-CAT853MTBI-GT3 Datasheet
117Kb / 9P
   3-Pin Microprocessor Power Supply Supervisors
May, 2012 ??Rev. 10
CAT810STBI-T10 ONSEMI-CAT810STBI-T10 Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT810JTBI ONSEMI-CAT810JTBI Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com