Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT93C57VET2 Datasheet(PDF) 8 Page - ON Semiconductor

Part # CAT93C57VET2
Description  2-Kb Microwire Serial CMOS EEPROM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT93C57VET2 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button CAT93C57VET2 Datasheet HTML 4Page - ON Semiconductor CAT93C57VET2 Datasheet HTML 5Page - ON Semiconductor CAT93C57VET2 Datasheet HTML 6Page - ON Semiconductor CAT93C57VET2 Datasheet HTML 7Page - ON Semiconductor CAT93C57VET2 Datasheet HTML 8Page - ON Semiconductor CAT93C57VET2 Datasheet HTML 9Page - ON Semiconductor CAT93C57VET2 Datasheet HTML 10Page - ON Semiconductor CAT93C57VET2 Datasheet HTML 11Page - ON Semiconductor CAT93C57VET2 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
CAT93C56, CAT93C57
http://onsemi.com
8
Write
After receiving a WRITE command (Figure 5), address
and the data, the CS (Chip Select) pin must be deselected for
a minimum of tCSMIN. The falling edge of CS will start the
self clocking clear and data store cycle of the memory
location specified in the instruction. The clocking of the SK
pin is not necessary after the device has entered the self
clocking mode. The ready/busy status of the CAT93C56/57
can be determined by selecting the device and polling the
DO pin. Since this device features Auto−Clear before write,
it is NOT necessary to erase a memory location before it is
written into.
Erase
Upon receiving an ERASE command and address, the CS
(Chip Select) pin must be deasserted for a minimum of
tCSMIN (Figure 6). The falling edge of CS will start the self
clocking clear cycle of the selected memory location. The
clocking of the SaK pin is not necessary after the device has
entered the self clocking mode. The ready/busy status of the
CAT93C56/57 can be determined by selecting the device
and polling the DO pin. Once cleared, the content of a
cleared location returns to a logical “1” state.
SK
CS
DI
DO
STANDBY
HIGH−Z
HIGH−Z
10
1
BUSY
READY
STATUS
VERIFY
Figure 5. Write Instruction Timing
AN AN−1
A0
DN
D0
tCSMIN
tHZ
tSV
tEW
SK
CS
DI
DO
STANDBY
HIGH−Z
HIGH−Z
1
BUSY
READY
STATUS VERIFY
11
Figure 6. Erase Instruction Timing
AN
AN−1
A0
tCS
tSV
tHZ
tEW


Similar Part No. - CAT93C57VET2

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT93C57VET2E CATALYST-CAT93C57VET2E Datasheet
411Kb / 9P
   2K-Bit Microwire Serial EEPROM
More results

Similar Description - CAT93C57VET2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT93C56LI-G ONSEMI-CAT93C56LI-G Datasheet
155Kb / 17P
   2-Kb Microwire Serial CMOS EEPROM
August, 2009 ??Rev. 18
logo
Catalyst Semiconductor
CAT93C56 CATALYST-CAT93C56_07 Datasheet
374Kb / 18P
   2-Kb Microwire Serial CMOS EEPROM
logo
ON Semiconductor
CAV93C56 ONSEMI-CAV93C56 Datasheet
136Kb / 10P
   2 Kb Microwire Serial CMOS EEPROM
December, 2013 ??Rev. 0
CAT93C66V-TE13 ONSEMI-CAT93C66V-TE13 Datasheet
175Kb / 16P
   4 kb Microwire Serial CMOS EEPROM
April, 2012 ??Rev. 11
logo
Catalyst Semiconductor
CAT93C66 CATALYST-CAT93C66_07 Datasheet
261Kb / 17P
   4-Kb Microwire Serial CMOS EEPROM
logo
ON Semiconductor
CAT93C66 ONSEMI-CAT93C66 Datasheet
438Kb / 17P
   4-Kb Microwire Serial CMOS EEPROM
Doc. No. MD-1089 Rev. T
CAT93C66P ONSEMI-CAT93C66P Datasheet
175Kb / 16P
   4 kb Microwire Serial CMOS EEPROM
April, 2012 ??Rev. 11
CAV93C66 ONSEMI-CAV93C66 Datasheet
134Kb / 10P
   4 Kb Microwire Serial CMOS EEPROM
December, 2013 ??Rev. P0
CAT93C66VE ONSEMI-CAT93C66VE Datasheet
175Kb / 16P
   4 kb Microwire Serial CMOS EEPROM
April, 2012 ??Rev. 11
CAT93C66 ONSEMI-CAT93C66_15 Datasheet
116Kb / 13P
   4 kb Microwire Serial CMOS EEPROM
August, 2015 ??Rev. 13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com