Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT93C57LET2 Datasheet(PDF) 9 Page - ON Semiconductor

Part # CAT93C57LET2
Description  2-Kb Microwire Serial CMOS EEPROM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT93C57LET2 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button CAT93C57LET2 Datasheet HTML 5Page - ON Semiconductor CAT93C57LET2 Datasheet HTML 6Page - ON Semiconductor CAT93C57LET2 Datasheet HTML 7Page - ON Semiconductor CAT93C57LET2 Datasheet HTML 8Page - ON Semiconductor CAT93C57LET2 Datasheet HTML 9Page - ON Semiconductor CAT93C57LET2 Datasheet HTML 10Page - ON Semiconductor CAT93C57LET2 Datasheet HTML 11Page - ON Semiconductor CAT93C57LET2 Datasheet HTML 12Page - ON Semiconductor CAT93C57LET2 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
CAT93C56, CAT93C57
http://onsemi.com
9
Erase All
Upon receiving an ERAL command (Figure 7), the CS
(Chip Select) pin must be deselected for a minimum of
tCSMIN. The falling edge of CS will start the self clocking
clear cycle of all memory locations in the device. The
clocking of the SK pin is not necessary after the device has
entered the self clocking mode. The ready/busy status of the
CAT93C56/57 can be determined by selecting the device
and polling the DO pin. Once cleared, the contents of all
memory bits return to a logical “1” state.
Write All
Upon receiving a WRAL command and data, the CS
(Chip Select) pin must be deselected for a minimum of
tCSMIN (Figure 8). The falling edge of CS will start the self
clocking data write to all memory locations in the device.
The clocking of the SK pin is not necessary after the device
has entered the self clocking mode. The ready/busy status of
the CAT93C56/57 can be determined by selecting the device
and polling the DO pin. It is not necessary for all memory
locations to be cleared before the WRAL command is
executed.
SK
CS
DI
DO
STANDBY
HIGH−Z
HIGH−Z
10
1
BUSY
READY
STATUS VERIFY
00
Figure 7. ERAL Instruction Timing
tCS
tHZ
tSV
tEW
STATUS VERIFY
SK
CS
DI
DO
STANDBY
HIGH−Z
10
1
BUSY
READY
0
0
Figure 8. WRAL Instruction Timing
DN
D0
tCSMIN
tSV
tHZ
tEW


Similar Part No. - CAT93C57LET2

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT93C57LET2E CATALYST-CAT93C57LET2E Datasheet
411Kb / 9P
   2K-Bit Microwire Serial EEPROM
More results

Similar Description - CAT93C57LET2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT93C56LI-G ONSEMI-CAT93C56LI-G Datasheet
155Kb / 17P
   2-Kb Microwire Serial CMOS EEPROM
August, 2009 ??Rev. 18
logo
Catalyst Semiconductor
CAT93C56 CATALYST-CAT93C56_07 Datasheet
374Kb / 18P
   2-Kb Microwire Serial CMOS EEPROM
logo
ON Semiconductor
CAV93C56 ONSEMI-CAV93C56 Datasheet
136Kb / 10P
   2 Kb Microwire Serial CMOS EEPROM
December, 2013 ??Rev. 0
CAT93C66V-TE13 ONSEMI-CAT93C66V-TE13 Datasheet
175Kb / 16P
   4 kb Microwire Serial CMOS EEPROM
April, 2012 ??Rev. 11
logo
Catalyst Semiconductor
CAT93C66 CATALYST-CAT93C66_07 Datasheet
261Kb / 17P
   4-Kb Microwire Serial CMOS EEPROM
logo
ON Semiconductor
CAT93C66 ONSEMI-CAT93C66 Datasheet
438Kb / 17P
   4-Kb Microwire Serial CMOS EEPROM
Doc. No. MD-1089 Rev. T
CAT93C66P ONSEMI-CAT93C66P Datasheet
175Kb / 16P
   4 kb Microwire Serial CMOS EEPROM
April, 2012 ??Rev. 11
CAV93C66 ONSEMI-CAV93C66 Datasheet
134Kb / 10P
   4 Kb Microwire Serial CMOS EEPROM
December, 2013 ??Rev. P0
CAT93C66VE ONSEMI-CAT93C66VE Datasheet
175Kb / 16P
   4 kb Microwire Serial CMOS EEPROM
April, 2012 ??Rev. 11
CAT93C66 ONSEMI-CAT93C66_15 Datasheet
116Kb / 13P
   4 kb Microwire Serial CMOS EEPROM
August, 2015 ??Rev. 13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com