Electronic Components Datasheet Search |
|
CAT28F001T-12TT Datasheet(PDF) 3 Page - ON Semiconductor |
|
CAT28F001T-12TT Datasheet(HTML) 3 Page - ON Semiconductor |
3 / 18 page CAT28F001 3 Doc. No. MD-1078, Rev. K © 2008 SCILLC. All rights reserved. Characteristics subject to change without notice ABSOLUTE MAXIMUM RATINGS* Temperature Under Bias ................... –55 °C to +95°C Storage Temperature ....................... –65 °C to +150°C Voltage on Any Pin with Respect to Ground(1) ........... –2.0V to +VCC + 2.0V (Except A9, RP, OE, VCC and VPP) Voltage on Pin A9, RP AND OE with Respect to Ground(1) ................... –2.0V to +13.5V VPP with Respect to Ground during Program/Erase(1) .............. –2.0V to +14.0V VCC with Respect to Ground(1) ............ –2.0V to +7.0V Package Power Dissipation Capability (TA = 25 °C) .................................. 1.0 W Lead Soldering Temperature (10 secs) ............ 300 °C Output Short Circuit Current(2) ........................ 100 mA RELIABILITY CHARACTERISTICS Symbol Parameter Min. Max. Units Test Method NEND(3) Endurance 100K Cycles/Byte MIL-STD-883, Test Method 1033 TDR(3) Data Retention 10 Years MIL-STD-883, Test Method 1008 VZAP(3) ESD Susceptibility 2000 Volts MIL-STD-883, Test Method 3015 ILTH(3)(4) Latch-Up 100 mA JEDEC Standard 17 CAPACITANCE TA = 25°C, f = 1.0 MHz Limits Symbol Test Min Max. Units Conditions CIN(3) Input Pin Capacitance 8 pF VIN = 0V COUT(3) Output Pin Capacitance 12 pF VOUT = 0V CVPP(3) VPP Supply Capacitance 25 pF VPP = 0V Note: (1) The minimum DC input voltage is –0.5V. During transitions, inputs may undershoot to –2.0V for periods of less than 20 ns. Maximum DC voltage on output pins is VCC +0.5V, which may overshoot to VCC + 2.0V for periods of less than 20ns. (2) Output shorted for no more than one second. No more than one output shorted at a time. (3) This parameter is tested initially and after a design or process change that affects the parameter. (4) Latch-up protection is provided for stresses up to 100 mA on address and data pins from –1V to VCC +1V. *COMMENT Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions outside of those listed in the operational sections of this specification is not implied. Exposure to any absolute maximum rating for extended periods may affect device performance and reliability. |
Similar Part No. - CAT28F001T-12TT |
|
Similar Description - CAT28F001T-12TT |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |