Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT28LV64GA-20T Datasheet(PDF) 2 Page - ON Semiconductor

Part # CAT28LV64GA-20T
Description  64 kb CMOS Parallel EEPROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT28LV64GA-20T Datasheet(HTML) 2 Page - ON Semiconductor

  CAT28LV64GA-20T Datasheet HTML 1Page - ON Semiconductor CAT28LV64GA-20T Datasheet HTML 2Page - ON Semiconductor CAT28LV64GA-20T Datasheet HTML 3Page - ON Semiconductor CAT28LV64GA-20T Datasheet HTML 4Page - ON Semiconductor CAT28LV64GA-20T Datasheet HTML 5Page - ON Semiconductor CAT28LV64GA-20T Datasheet HTML 6Page - ON Semiconductor CAT28LV64GA-20T Datasheet HTML 7Page - ON Semiconductor CAT28LV64GA-20T Datasheet HTML 8Page - ON Semiconductor CAT28LV64GA-20T Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
CAT28LV64
http://onsemi.com
2
PIN CONFIGURATIONS
5
7
6
10
9
12
11
8
13
14 15 16 17 18 19 20
4 3 2 1 32 31 30
29
27
28
24
25
22
23
26
21
A8
A9
A11
NC
OE
A10
CE
I/O7
I/O6
A6
A5
A4
A3
A2
A1
A0
NC
I/O0
PLCC Package (N, G)
DIP Package (P, L)
SOIC Package (J, K, W, X)
5
4
7
6
3
2
1
10
9
12
11
8
22
23
20
21
24
25
26
17
18
15
16
19
14
13
27
28
5
4
7
6
3
2
1
10
9
12
11
8
22
23
20
21
24
25
26
17
18
15
16
19
14
13
27
28
TSOP Package (8 mm x 13.4 mm) (H13)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
OE
A11
A9
A8
WE
VCC
NC
NC
NC
A12
A7
A6
A5
A4
A3
A2
A1
A0
I/O0
I/O1
I/O2
VSS
WE
VCC
NC
A8
A9
A11
OE
A10
CE
I/O7
I/O6
I/O5
I/O4
I/O3
NC
A12
A7
A6
A5
A4
A3
A2
A1
A0
I/O0
I/O1
I/O2
VSS
WE
VCC
NC
A8
A9
A11
OE
A10
CE
I/O7
I/O6
I/O5
I/O4
I/O3
A12
A7
A6
A5
A4
A3
A10
CE
I/O7
I/O6
I/O5
I/O4
I/O3
GND
I/O2
I/O1
I/O0
A0
A1
A2
(Top Views)


Similar Part No. - CAT28LV64GA-20T

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT28LV64GA-20T CATALYST-CAT28LV64GA-20T Datasheet
527Kb / 12P
   64K-Bit CMOS PARALLEL EEPROM
logo
ON Semiconductor
CAT28LV64GA-20T ONSEMI-CAT28LV64GA-20T Datasheet
144Kb / 15P
   64 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 7
More results

Similar Description - CAT28LV64GA-20T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT28LV64T13I-15 ONSEMI-CAT28LV64T13I-15 Datasheet
144Kb / 15P
   64 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 7
CAT28LV65 ONSEMI-CAT28LV65 Datasheet
159Kb / 15P
   64 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 7
CAT28C16AXI90 ONSEMI-CAT28C16AXI90 Datasheet
118Kb / 10P
   16 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 6
CAT28C17A ONSEMI-CAT28C17A Datasheet
140Kb / 12P
   16 kb CMOS Parallel EEPROM
December, 2009 ??Rev. 4
CAT28C257 ONSEMI-CAT28C257 Datasheet
143Kb / 13P
   256 kb CMOS Parallel EEPROM
December, 2009 ??Rev. 6
CAT28C16ALI12 ONSEMI-CAT28C16ALI12 Datasheet
143Kb / 10P
   16 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 6
CAT28C16AL20 ONSEMI-CAT28C16AL20 Datasheet
137Kb / 10P
   16 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 6
CAT28C16A ONSEMI-CAT28C16A Datasheet
137Kb / 10P
   16 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 6
CAT24C64LI ONSEMI-CAT24C64LI Datasheet
185Kb / 15P
   64 kb I2C CMOS Serial EEPROM
August, 2013 ??Rev. 17
CAT25640VI ONSEMI-CAT25640VI Datasheet
189Kb / 19P
   64-Kb SPI Serial CMOS EEPROM
May, 2012 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com