Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC68HSC05P1A Datasheet(PDF) 89 Page - Freescale Semiconductor, Inc

Part # MC68HSC05P1A
Description  General Release Specification
Download  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HSC05P1A Datasheet(HTML) 89 Page - Freescale Semiconductor, Inc

Back Button MC68HSC05P1A Datasheet HTML 85Page - Freescale Semiconductor, Inc MC68HSC05P1A Datasheet HTML 86Page - Freescale Semiconductor, Inc MC68HSC05P1A Datasheet HTML 87Page - Freescale Semiconductor, Inc MC68HSC05P1A Datasheet HTML 88Page - Freescale Semiconductor, Inc MC68HSC05P1A Datasheet HTML 89Page - Freescale Semiconductor, Inc MC68HSC05P1A Datasheet HTML 90Page - Freescale Semiconductor, Inc MC68HSC05P1A Datasheet HTML 91Page - Freescale Semiconductor, Inc MC68HSC05P1A Datasheet HTML 92Page - Freescale Semiconductor, Inc MC68HSC05P1A Datasheet HTML 93Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 124 page
background image
Instruction Set
Instruction Set Summary
MC68HC05P1A Rev. 3.0
General Release Specification
Instruction Set
BIH
rel
Branch if IRQ Pin High
PC
← (PC) + 2 + rel ? IRQ = 1
—————
REL
2F
rr
3
BIL
rel
Branch if IRQ Pin Low
PC
← (PC) + 2 + rel ? IRQ = 0
—————
REL
2E
rr
3
BIT #
opr
BIT
opr
BIT
opr
BIT
opr,X
BIT
opr,X
BIT ,X
Bit Test Accumulator with Memory Byte
(A)
∧ (M)
— — ¤
¤ —
IMM
DIR
EXT
IX2
IX1
IX
A5
B5
C5
D5
E5
F5
ii
dd
hh ll
ee ff
ff
2
3
4
5
4
3
BLO
rel
Branch if Lower (Same as BCS)
PC
← (PC) + 2 + rel ? C = 1
—————
REL
25
rr
3
BLS
rel
Branch if Lower or Same
PC
← (PC) + 2 + rel ? C ∨ Z = 1 —————
REL
23
rr
3
BMC
rel
Branch if Interrupt Mask Clear
PC
← (PC) + 2 + rel ? I = 0
—————
REL
2C
rr
3
BMI
rel
Branch if Minus
PC
← (PC) + 2 + rel ? N = 1
—————
REL
2B
rr
3
BMS
rel
Branch if Interrupt Mask Set
PC
← (PC) + 2 + rel ? I = 1
—————
REL
2D
rr
3
BNE
rel
Branch if Not Equal
PC
← (PC) + 2 + rel ? Z = 0
—————
REL
26
rr
3
BPL
rel
Branch if Plus
PC
← (PC) + 2 + rel ? N = 0
—————
REL
2A
rr
3
BRA
rel
Branch Always
PC
← (PC) + 2 + rel ? 1 = 1
—————
REL
20
rr
3
BRCLR
n opr rel Branch if Bit n Clear
PC
← (PC) + 2 + rel ? Mn = 0
———— ¤
DIR (b0)
DIR (b1)
DIR (b2)
DIR (b3)
DIR (b4)
DIR (b5)
DIR (b6)
DIR (b7)
01
03
05
07
09
0B
0D
0F
dd rr
dd rr
dd rr
dd rr
dd rr
dd rr
dd rr
dd rr
5
5
5
5
5
5
5
5
BRN
rel
Branch Never
PC
← (PC) + 2 + rel ? 1 = 0
—————
REL
21
rr
3
BRSET
n opr rel Branch if Bit n Set
PC
← (PC) + 2 + rel ? Mn = 1
———— ¤
DIR (b0)
DIR (b1)
DIR (b2)
DIR (b3)
DIR (b4)
DIR (b5)
DIR (b6)
DIR (b7)
00
02
04
06
08
0A
0C
0E
dd rr
dd rr
dd rr
dd rr
dd rr
dd rr
dd rr
dd rr
5
5
5
5
5
5
5
5
BSET
n opr
Set Bit n
Mn
← 1
—————
DIR (b0)
DIR (b1)
DIR (b2)
DIR (b3)
DIR (b4)
DIR (b5)
DIR (b6)
DIR (b7)
10
12
14
16
18
1A
1C
1E
dd
dd
dd
dd
dd
dd
dd
dd
5
5
5
5
5
5
5
5
BSR
rel
Branch to Subroutine
PC
← (PC) + 2; push (PCL)
SP
← (SP) – 1; push (PCH)
SP
← (SP) – 1
PC
← (PC) + rel
—————
REL
AD
rr
6
CLC
Clear Carry Bit
C
← 0
———— 0
INH
98
2
CLI
Clear Interrupt Mask
I
← 0
— 0 — — —
INH
9A
2
Table 9-6. Instruction Set Summary (Continued)
Source
Form
Operation
Description
Effect on
CCR
HIN Z C
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC68HSC05P1A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC68HSC05P1 NXP-MC68HSC05P1 Datasheet
308Kb / 16P
   MC68HC05P1 HCMOS Microcontroller Unit
REV. 1
logo
Freescale Semiconductor...
MC68HSC05P1DW FREESCALE-MC68HSC05P1DW Datasheet
254Kb / 16P
   HCMOS Microcontroller Unit
logo
NXP Semiconductors
MC68HSC05P1DW NXP-MC68HSC05P1DW Datasheet
308Kb / 16P
   MC68HC05P1 HCMOS Microcontroller Unit
REV. 1
logo
Freescale Semiconductor...
MC68HSC05P1P FREESCALE-MC68HSC05P1P Datasheet
254Kb / 16P
   HCMOS Microcontroller Unit
logo
NXP Semiconductors
MC68HSC05P1P NXP-MC68HSC05P1P Datasheet
308Kb / 16P
   MC68HC05P1 HCMOS Microcontroller Unit
REV. 1
More results

Similar Description - MC68HSC05P1A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
68HC705H12 MOTOROLA-68HC705H12 Datasheet
1Mb / 196P
   General Release Specification
logo
Freescale Semiconductor...
MC68HC08LN56 FREESCALE-MC68HC08LN56 Datasheet
1Mb / 246P
   General Release Specification
logo
Motorola, Inc
68HC05PD6 MOTOROLA-68HC05PD6 Datasheet
815Kb / 165P
   SPECIFICATION (General Release)
logo
NXP Semiconductors
MC68HC705MC4 NXP-MC68HC705MC4 Datasheet
1Mb / 180P
   General Release Specification
REV. 2.0
logo
Freescale Semiconductor...
MC68HC705CT4 FREESCALE-MC68HC705CT4 Datasheet
970Kb / 152P
   General Release Specification
logo
Motorola, Inc
68HC05L5 MOTOROLA-68HC05L5 Datasheet
942Kb / 200P
   General Release Specification
logo
Freescale Semiconductor...
68HC05P4A FREESCALE-68HC05P4A_1 Datasheet
2Mb / 83P
   SPECIFICATION (General Release)
logo
NXP Semiconductors
MC68HC05RC8 NXP-MC68HC05RC8 Datasheet
1Mb / 122P
   General Release Specification
REV. 3.0
logo
Freescale Semiconductor...
68HC05CC1 FREESCALE-68HC05CC1 Datasheet
11Mb / 140P
   SPECIFICATION (General Release)
68HC05P9A FREESCALE-68HC05P9A_1 Datasheet
1Mb / 90P
   SPECIFICATION(General Release)
68HC08KL8 FREESCALE-68HC08KL8 Datasheet
2Mb / 256P
   General Release Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com