Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC68HCL05P1A Datasheet(PDF) 80 Page - Freescale Semiconductor, Inc

Part # MC68HCL05P1A
Description  General Release Specification
Download  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HCL05P1A Datasheet(HTML) 80 Page - Freescale Semiconductor, Inc

Back Button MC68HCL05P1A Datasheet HTML 76Page - Freescale Semiconductor, Inc MC68HCL05P1A Datasheet HTML 77Page - Freescale Semiconductor, Inc MC68HCL05P1A Datasheet HTML 78Page - Freescale Semiconductor, Inc MC68HCL05P1A Datasheet HTML 79Page - Freescale Semiconductor, Inc MC68HCL05P1A Datasheet HTML 80Page - Freescale Semiconductor, Inc MC68HCL05P1A Datasheet HTML 81Page - Freescale Semiconductor, Inc MC68HCL05P1A Datasheet HTML 82Page - Freescale Semiconductor, Inc MC68HCL05P1A Datasheet HTML 83Page - Freescale Semiconductor, Inc MC68HCL05P1A Datasheet HTML 84Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 124 page
background image
Instruction Set
General Release Specification
MC68HC05P1A Rev. 3.0
Instruction Set
9.3.5 Indexed, No Offset
Indexed instructions with no offset are 1-byte instructions that can
access data with variable addresses within the first 256 memory
locations. The index register contains the low byte of the effective
address of the operand. The CPU automatically uses $00 as the high
byte, so these instructions can address locations $0000–$00FF.
Indexed, no offset instructions are often used to move a pointer through
a table or to hold the address of a frequently used RAM or I/O location.
9.3.6 Indexed, 8-Bit Offset
Indexed, 8-bit offset instructions are 2-byte instructions that can access
data with variable addresses within the first 511 memory locations. The
CPU adds the unsigned byte in the index register to the unsigned byte
following the opcode. The sum is the effective address of the operand.
These instructions can access locations $0000–$01FE.
Indexed 8-bit offset instructions are useful for selecting the kth element
in an n-element table. The table can begin anywhere within the first 256
memory locations and could extend as far as location 510 ($01FE). The
k value is typically in the index register, and the address of the beginning
of the table is in the byte following the opcode.
9.3.7 Indexed,16-Bit Offset
Indexed, 16-bit offset instructions are 3-byte instructions that can access
data with variable addresses at any location in memory. The CPU adds
the unsigned byte in the index register to the two unsigned bytes
following the opcode. The sum is the effective address of the operand.
The first byte after the opcode is the high byte of the 16-bit offset; the
second byte is the low byte of the offset.
Indexed, 16-bit offset instructions are useful for selecting the kth element
in an n-element table anywhere in memory.
As with direct and extended addressing, the Freescale assembler
determines the shortest form of indexed addressing.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC68HCL05P1A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC68HCL05P1 NXP-MC68HCL05P1 Datasheet
308Kb / 16P
   MC68HC05P1 HCMOS Microcontroller Unit
REV. 1
logo
Freescale Semiconductor...
MC68HCL05P1DW FREESCALE-MC68HCL05P1DW Datasheet
254Kb / 16P
   HCMOS Microcontroller Unit
logo
NXP Semiconductors
MC68HCL05P1DW NXP-MC68HCL05P1DW Datasheet
308Kb / 16P
   MC68HC05P1 HCMOS Microcontroller Unit
REV. 1
logo
Freescale Semiconductor...
MC68HCL05P1P FREESCALE-MC68HCL05P1P Datasheet
254Kb / 16P
   HCMOS Microcontroller Unit
logo
NXP Semiconductors
MC68HCL05P1P NXP-MC68HCL05P1P Datasheet
308Kb / 16P
   MC68HC05P1 HCMOS Microcontroller Unit
REV. 1
More results

Similar Description - MC68HCL05P1A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
68HC705H12 MOTOROLA-68HC705H12 Datasheet
1Mb / 196P
   General Release Specification
logo
Freescale Semiconductor...
MC68HC08LN56 FREESCALE-MC68HC08LN56 Datasheet
1Mb / 246P
   General Release Specification
logo
Motorola, Inc
68HC05PD6 MOTOROLA-68HC05PD6 Datasheet
815Kb / 165P
   SPECIFICATION (General Release)
logo
NXP Semiconductors
MC68HC705MC4 NXP-MC68HC705MC4 Datasheet
1Mb / 180P
   General Release Specification
REV. 2.0
logo
Freescale Semiconductor...
MC68HC705CT4 FREESCALE-MC68HC705CT4 Datasheet
970Kb / 152P
   General Release Specification
logo
Motorola, Inc
68HC05L5 MOTOROLA-68HC05L5 Datasheet
942Kb / 200P
   General Release Specification
logo
Freescale Semiconductor...
68HC05P4A FREESCALE-68HC05P4A_1 Datasheet
2Mb / 83P
   SPECIFICATION (General Release)
logo
NXP Semiconductors
MC68HC05RC8 NXP-MC68HC05RC8 Datasheet
1Mb / 122P
   General Release Specification
REV. 3.0
logo
Freescale Semiconductor...
68HC05CC1 FREESCALE-68HC05CC1 Datasheet
11Mb / 140P
   SPECIFICATION (General Release)
68HC05P9A FREESCALE-68HC05P9A_1 Datasheet
1Mb / 90P
   SPECIFICATION(General Release)
68HC08KL8 FREESCALE-68HC08KL8 Datasheet
2Mb / 256P
   General Release Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com