Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC68HCL05P1A Datasheet(PDF) 58 Page - Freescale Semiconductor, Inc

Part # MC68HCL05P1A
Description  General Release Specification
Download  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HCL05P1A Datasheet(HTML) 58 Page - Freescale Semiconductor, Inc

Back Button MC68HCL05P1A Datasheet HTML 54Page - Freescale Semiconductor, Inc MC68HCL05P1A Datasheet HTML 55Page - Freescale Semiconductor, Inc MC68HCL05P1A Datasheet HTML 56Page - Freescale Semiconductor, Inc MC68HCL05P1A Datasheet HTML 57Page - Freescale Semiconductor, Inc MC68HCL05P1A Datasheet HTML 58Page - Freescale Semiconductor, Inc MC68HCL05P1A Datasheet HTML 59Page - Freescale Semiconductor, Inc MC68HCL05P1A Datasheet HTML 60Page - Freescale Semiconductor, Inc MC68HCL05P1A Datasheet HTML 61Page - Freescale Semiconductor, Inc MC68HCL05P1A Datasheet HTML 62Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 124 page
background image
Input/Output Ports
General Release Specification
MC68HC05P1A Rev. 3.0
Input/Output Ports
7.5 Port C
Port C is an 8-bit bidirectional port that does not share any of its pins with
other subsystems. The port C data register is located at address $0002,
and its data direction register (DDR) is located at address $0006. Reset
does not affect the data registers but clears the DDRs, thereby setting
all of the port pins to input mode. Writing a 1 to a DDR bit sets the
corresponding port pin to output mode (see Figure 7-3). Two port C
pins, PC0 and PC1, can source and sink a higher current than a typical
I/O pin. See Section 10. Electrical Specifications regarding current
specifications.
Figure 7-3. Port C I/O Circuitry
READ $0002
WRITE $0002
READ $0006
DATA
REGISTER BIT
I/O
PIN
OUTPUT
INTERNAL HC05
DATA BUS
RESET
(RST)
WRITE $0006
DATA
DIRECTION
REGISTER BIT
HIGH CURRENT
CAPABILITY, PC0
AND PC1 ONLY
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC68HCL05P1A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC68HCL05P1 NXP-MC68HCL05P1 Datasheet
308Kb / 16P
   MC68HC05P1 HCMOS Microcontroller Unit
REV. 1
logo
Freescale Semiconductor...
MC68HCL05P1DW FREESCALE-MC68HCL05P1DW Datasheet
254Kb / 16P
   HCMOS Microcontroller Unit
logo
NXP Semiconductors
MC68HCL05P1DW NXP-MC68HCL05P1DW Datasheet
308Kb / 16P
   MC68HC05P1 HCMOS Microcontroller Unit
REV. 1
logo
Freescale Semiconductor...
MC68HCL05P1P FREESCALE-MC68HCL05P1P Datasheet
254Kb / 16P
   HCMOS Microcontroller Unit
logo
NXP Semiconductors
MC68HCL05P1P NXP-MC68HCL05P1P Datasheet
308Kb / 16P
   MC68HC05P1 HCMOS Microcontroller Unit
REV. 1
More results

Similar Description - MC68HCL05P1A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
68HC705H12 MOTOROLA-68HC705H12 Datasheet
1Mb / 196P
   General Release Specification
logo
Freescale Semiconductor...
MC68HC08LN56 FREESCALE-MC68HC08LN56 Datasheet
1Mb / 246P
   General Release Specification
logo
Motorola, Inc
68HC05PD6 MOTOROLA-68HC05PD6 Datasheet
815Kb / 165P
   SPECIFICATION (General Release)
logo
NXP Semiconductors
MC68HC705MC4 NXP-MC68HC705MC4 Datasheet
1Mb / 180P
   General Release Specification
REV. 2.0
logo
Freescale Semiconductor...
MC68HC705CT4 FREESCALE-MC68HC705CT4 Datasheet
970Kb / 152P
   General Release Specification
logo
Motorola, Inc
68HC05L5 MOTOROLA-68HC05L5 Datasheet
942Kb / 200P
   General Release Specification
logo
Freescale Semiconductor...
68HC05P4A FREESCALE-68HC05P4A_1 Datasheet
2Mb / 83P
   SPECIFICATION (General Release)
logo
NXP Semiconductors
MC68HC05RC8 NXP-MC68HC05RC8 Datasheet
1Mb / 122P
   General Release Specification
REV. 3.0
logo
Freescale Semiconductor...
68HC05CC1 FREESCALE-68HC05CC1 Datasheet
11Mb / 140P
   SPECIFICATION (General Release)
68HC05P9A FREESCALE-68HC05P9A_1 Datasheet
1Mb / 90P
   SPECIFICATION(General Release)
68HC08KL8 FREESCALE-68HC08KL8 Datasheet
2Mb / 256P
   General Release Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com