Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT64LC40VI-GT3 Datasheet(PDF) 7 Page - ON Semiconductor

Part # CAT64LC40VI-GT3
Description  4 kb SPI Serial EEPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT64LC40VI-GT3 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button CAT64LC40VI-GT3 Datasheet HTML 3Page - ON Semiconductor CAT64LC40VI-GT3 Datasheet HTML 4Page - ON Semiconductor CAT64LC40VI-GT3 Datasheet HTML 5Page - ON Semiconductor CAT64LC40VI-GT3 Datasheet HTML 6Page - ON Semiconductor CAT64LC40VI-GT3 Datasheet HTML 7Page - ON Semiconductor CAT64LC40VI-GT3 Datasheet HTML 8Page - ON Semiconductor CAT64LC40VI-GT3 Datasheet HTML 9Page - ON Semiconductor CAT64LC40VI-GT3 Datasheet HTML 10Page - ON Semiconductor CAT64LC40VI-GT3 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
CAT64LC40
http://onsemi.com
7
An alternative to get RDY/BSY status is from the DO pin.
During a write cycle, asserting a LOW input to the CS pin
will cause the DO pin to output the RDY/BSY status.
Bringing CS HIGH will bring the DO pin back to a high
impedance state again. After the device has completed a
WRITE cycle, the DO pin will output a logical “1” when the
device is deselected. The rising edge of the first “1” input on
the DI pin will reset DO back to the high impedance state
again.
The WRITE operation can be halted anywhere in the
operation by the RESET input. If a RESET pulse occurs
during a WRITE operation, the device will abort the
operation and output a READY status.
NOTE: Data may be corrupted if a RESET occurs while the
device is BUSY. If the reset occurs before the BUSY period,
no writing will be initiated. However, if RESET occurs after
the BUSY period, new data will have been written over the
old data.
SK
DI
CS
DO
RESET
1
ADDRESS*
D15
D0
RDY/BUSY
00
0
11
0
0
Figure 7. RESET During BUSY Instruction Timing
tWR
*Please check instruction set table for address.
SK
DI
CS
DO
RESET
1
HIGH−Z
HIGH
RDY/BUSY
00
Figure 8. EWEN Instruction Timing
10
0
1
1


Similar Part No. - CAT64LC40VI-GT3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT64LC40VITE13 CATALYST-CAT64LC40VITE13 Datasheet
64Kb / 9P
   1K/2K/4K-Bit SPI Serial E2PROM
CAT64LC40VITE13 CATALYST-CAT64LC40VITE13 Datasheet
300Kb / 12P
   1K/2K/4K-Bit SPI Serial EEPROM
More results

Similar Description - CAT64LC40VI-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NV25010 ONSEMI-NV25010 Datasheet
271Kb / 15P
   EEPROM Serial 1/2/4-Kb SPI
June, 2018 ??Rev. 1
NV25010WF ONSEMI-NV25010WF Datasheet
191Kb / 12P
   EEPROM Serial 1/2/4-Kb SPI
June, 2018 ??Rev. 1
NV25320WF ONSEMI-NV25320WF Datasheet
196Kb / 13P
   EEPROM Serial 32-Kb SPI
June, 2018 ??Rev. 1
NV25640WF ONSEMI-NV25640WF Datasheet
195Kb / 13P
   EEPROM Serial 64-Kb SPI
June, 2018 ??Rev. 1
CAT25128 ONSEMI-CAT25128_18 Datasheet
388Kb / 22P
   EEPROM Serial 128-Kb SPI
June, 2018 ??Rev. 9
CAT25010 ONSEMI-CAT25010_18 Datasheet
308Kb / 17P
   EEPROM Serial 1/2/4-Kb SPI
June, 2018 ??Rev. 26
CAV25010 ONSEMI-CAV25010_18 Datasheet
265Kb / 14P
   EEPROM Serial 1/2/4-Kb SPI
June, 2018 ??Rev. 1
NV25128WF ONSEMI-NV25128WF Datasheet
211Kb / 13P
   EEPROM Serial 128-Kb SPI
June, 2018 ??Rev. 1
NV25512WF ONSEMI-NV25512WF Datasheet
210Kb / 13P
   EEPROM Serial 512-Kb SPI
June, 2018 ??Rev. 2
CAT25512 ONSEMI-CAT25512_18 Datasheet
395Kb / 20P
   EEPROM Serial 512-Kb SPI
June, 2018 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com