Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT28LV256LI25 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CAT28LV256LI25
Description  256K-Bit CMOS PARALLEL EEPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT28LV256LI25 Datasheet(HTML) 1 Page - ON Semiconductor

  CAT28LV256LI25 Datasheet HTML 1Page - ON Semiconductor CAT28LV256LI25 Datasheet HTML 2Page - ON Semiconductor CAT28LV256LI25 Datasheet HTML 3Page - ON Semiconductor CAT28LV256LI25 Datasheet HTML 4Page - ON Semiconductor CAT28LV256LI25 Datasheet HTML 5Page - ON Semiconductor CAT28LV256LI25 Datasheet HTML 6Page - ON Semiconductor CAT28LV256LI25 Datasheet HTML 7Page - ON Semiconductor CAT28LV256LI25 Datasheet HTML 8Page - ON Semiconductor CAT28LV256LI25 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
Doc. No. MD-1071, Rev. E
© 2009 SCILLC. All rights reserved.
Characteristics subject to change without notice
s CMOS and TTL Compatible I/O
s Automatic Page Write Operation:
– 1 to 64 Bytes in 10ms
– Page Load Timer
s End of Write Detection:
– Toggle Bit
DATA
DATA
DATA
DATA
DATA Polling
s Hardware and Software Write Protection
s 100,000 Program/Erase Cycles
s 100 Year Data Retention
FEATURES
s 3.0V to 3.6V Supply
s Read Access Times: 200/250/300 ns
s Low Power CMOS Dissipation:
– Active: 15 mA Max.
– Standby: 150
µA Max.
s Simple Write Operation:
– On-Chip Address and Data Latches
– Self-Timed Write Cycle with Auto-Clear
s Fast Write Cycle Time:
– 10ms Max.
s Commercial, Industrial and Automotive
Temperature Ranges
DESCRIPTION
The CAT28LV256 is a fast, low power, low voltage
CMOS Parallel E2PROM organized as 32K x 8-bits. It
requires a simple interface for in-system programming.
On-chip address and data latches, self-timed write cycle
with auto-clear and VCC power up/down write protection
eliminate additional timing and protection hardware.
DATA Polling and Toggle status bits signal the start and
end of the self-timed write cycle. Additionally, the
CAT28LV256 features hardware and software write
protection.
The CAT28LV256 is manufactured using Catalyst’s
advanced CMOS floating gate technology. It is designed
to endure 100,000 program/erase cycles and has a data
retention of 100 years. The device is available in JEDEC–
approved 28-pin DIP, 28-pin TSOP or 32-pin PLCC
packages.
BLOCK DIAGRAM
28LV256 F01
ADDR. BUFFER
& LATCHES
ADDR. BUFFER
& LATCHES
INADVERTENT
WRITE
PROTECTION
CONTROL
LOGIC
TIMER
ROW
DECODER
COLUMN
DECODER
HIGH VOLTAGE
GENERATOR
A6–A14
CE
OE
WE
A0–A5
I/O0–I/O7
I/O BUFFERS
32,768 x 8
E2PROM
ARRAY
64 BYTE PAGE
REGISTER
VCC
DATA POLLING
AND
TOGGLE BIT
256K-Bit CMOS PARALLEL EEPROM
CAT28LV256


Similar Part No. - CAT28LV256LI25

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT28LV256LI-20T CATALYST-CAT28LV256LI-20T Datasheet
68Kb / 12P
   256K-Bit CMOS PARALLEL E2PROM
CAT28LV256LI-25T CATALYST-CAT28LV256LI-25T Datasheet
68Kb / 12P
   256K-Bit CMOS PARALLEL E2PROM
CAT28LV256LI-30T CATALYST-CAT28LV256LI-30T Datasheet
68Kb / 12P
   256K-Bit CMOS PARALLEL E2PROM
More results

Similar Description - CAT28LV256LI25

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT28C257 CATALYST-CAT28C257_04 Datasheet
527Kb / 12P
   256K-Bit CMOS PARALLEL EEPROM
CAT28C256 CATALYST-CAT28C256_04 Datasheet
530Kb / 12P
   256K-Bit Parallel EEPROM
CAT28C257 CATALYST-CAT28C257 Datasheet
75Kb / 10P
   256K-Bit CMOS PARALLEL E2PROM
CAT28HT256 CATALYST-CAT28HT256 Datasheet
218Kb / 10P
   256K-Bit CMOS PARALLEL E2PROM
CAT28LV256 CATALYST-CAT28LV256 Datasheet
53Kb / 10P
   256K-Bit CMOS PARALLEL E2PROM
CAT28LV256 CATALYST-CAT28LV256_04 Datasheet
68Kb / 12P
   256K-Bit CMOS PARALLEL E2PROM
CAT24FC256 CATALYST-CAT24FC256_05 Datasheet
641Kb / 12P
   256K-Bit I2C Serial CMOS EEPROM
CAT24FC256 CATALYST-CAT24FC256 Datasheet
421Kb / 12P
   256K-Bit I2C Serial CMOS EEPROM
CAT24WC256 CATALYST-CAT24WC256 Datasheet
406Kb / 10P
   256K-Bit I2C Serial CMOS EEPROM
CAT24WC257 CATALYST-CAT24WC257 Datasheet
417Kb / 10P
   256K-Bit I2C Serial CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com