Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTML0730 Datasheet(PDF) 2 Page - Tyco Electronics

Part # PTML0730
Description  Accessories Miniature Relay PT
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

PTML0730 Datasheet(HTML) 2 Page - Tyco Electronics

  PTML0730 Datasheet HTML 1Page - Tyco Electronics PTML0730 Datasheet HTML 2Page - Tyco Electronics PTML0730 Datasheet HTML 3Page - Tyco Electronics PTML0730 Datasheet HTML 4Page - Tyco Electronics PTML0730 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Datasheet
Rev. EK1
Issued 2005/11
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information
only to be used together
with the 'Definitions' at
schrackrelays.com in the
‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
2
Accessories Miniature Relay PT (Continued)
Technical data (Continued)
2-pole
4-pole
Wire cross section
single wire
1 x 4.0 mm2
fine wire
2 x 2.5 mm2
with bootlace crimp (DIN 46228/1)
2 x 1.5 mm2
Insertion cycles
A (10)
Max. Insertion Force total
100 N
Mounting distance
0, dense packing
Weight
44 g
60 g
Packaging unit
10 pcs
DIN-rail socket with screw type terminals, In/Out arrangement
Type
Part Number
PT 78 722
DIN-rail socket with screw type terminals,
In/Out arrangement 2 pole
0-1415526-1
PT 78 742
DIN-rail socket with screw type terminals,
In/Out arrangement 4 pole
1-1415526-1
Accessories for PT 78 722, PT 78 742
Type
Part Number
PT 17 021
Plastic retaining clip, relay height 29/35 mm
2-1415526-1
PT 28 800
Metal retaining clip PT, relay height 29 mm
5-1419111-9
ZG 28 801
Metal retaining clip, relay height 36 mm
1-1393162-5
PT 17 040
Marking tag
6-1415037-1
PT DIN-rail socket with screw type terminals PT 78 720/730/740/741
Approvals
V REG.-Nr. 115719, Z E135149
Technical data
2-pole
3-pole
4-pole
Rated current
12 A
10 A
6 A
Limiting continuous current
see derating curve
Rated voltage / max.switching voltage AC
240/400 VAC
Dielectric strength coil-contact circuit
2500 Vrms
2500 Vrms
2500 Vrms
open contact circuit
1200 Vrms
1200 Vrms
1200 Vrms
adjacent contact circuits
2500 Vrms
2500 Vrms
2000 Vrms
Clearance / creepage coil-contact circuit
W 3/4 mm
W 2.6/4 mm
W 1.8/3 mm
Material group of insulation parts
W IIIa
Insulation to IEC 60664-1
Type of insulation coil-contact circuit
basic
basic
basic
open contact circuit
functional
functional
functional
adjacent contact circuits
basic
basic
functional
Rated insulation voltage
250 V
Pollution degree
2
Rated voltage system
230/400 V
Overvoltage category
III
F0234-B
S0427-BBE


Similar Part No. - PTML0730

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PTML0730 MACOM-PTML0730 Datasheet
212Kb / 3P
   Accessories Industrial Power Relay RT / RP / SR2M
PTML0730 MACOM-PTML0730 Datasheet
530Kb / 7P
   Accessories Miniature Relay PT
PTML0730 MACOM-PTML0730 Datasheet
201Kb / 4P
   Accessories Industrial Power Relay RT / RP / SR2M
More results

Similar Description - PTML0730

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PT7872P MACOM-PT7872P Datasheet
530Kb / 7P
   Accessories Miniature Relay PT
PT380024 MACOM-PT380024 Datasheet
721Kb / 4P
   Miniature Relay PT
PT78702 MACOM-PT78702 Datasheet
658Kb / 4P
   Miniature Relay PT
2-1415529-1 MACOM-2-1415529-1 Datasheet
721Kb / 4P
   Miniature Relay PT
PT270024 MACOM-PT270024_05 Datasheet
294Kb / 4P
   Miniature Relay PT
2-1415039-1 MACOM-2-1415039-1 Datasheet
721Kb / 4P
   Miniature Relay PT
2-1393154-0 MACOM-2-1393154-0 Datasheet
721Kb / 4P
   Miniature Relay PT
RY78626 MACOM-RY78626 Datasheet
114Kb / 2P
   Accessories Miniature PCB Relay RYII
TM78700 MACOM-TM78700 Datasheet
81Kb / 1P
   Accessories Miniature Power Relay PCLH and similar design
2-1415535-0 MACOM-2-1415535-0 Datasheet
264Kb / 3P
   Relay Package PT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com