Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RPMG0730 Datasheet(PDF) 1 Page - Tyco Electronics

Part # RPMG0730
Description  Accessories Miniature PCB Relay RYII
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RPMG0730 Datasheet(HTML) 1 Page - Tyco Electronics

  RPMG0730 Datasheet HTML 1Page - Tyco Electronics RPMG0730 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Datasheet
Rev. EK1
Issued 2005/11
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information
only to be used together
with the 'Definitions' at
schrackrelays.com in the
‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
1
1
Accessories Miniature PCB Relay RYII
I Accessories for Miniature PCB Relay RYII, pinning 3.2 mm
I Socket with PCB- or screw terminals
I No reduction of protection class or creepage/clearance with
plastic retainer
I Easy replacement of relays
I Socket can be used as connector for diagnosis function
I
I Sockets and accessories: RoHS compliant (Directive 2002/95/EC)
LED- and protection modules: not RoHS compliant
I Not suitable for MSR-type
F0226-A
F0127-A
S0321-BA
RYII Socket with screw-type terminals for DIN-rail mounting
Approvals
Z E135149
Technical data
RY 78 626
Rated current
12 A
Rated voltage / max.switching voltage AC
240/400 VAC
Dielectric strength coil-contact circuit
5000 Vrms
Clearance / creepage coil-contact circuit
W 8/8 mm
Material group of insulation parts
W IIIa
Insulation to IEC 60664-1
Type of insulation coil-contact circuit
reinforced
open contact circuit
functional
Rated insulation voltage
250 V
Pollution degree
2
Rated voltage system
230/400 V
Overvoltage category
III
RoHS - Directive 2002/95/EC
Sockets, retainers and marking tags:
compliant
Degree of protection DIN 40050
IP20
Ambient temperature range
-25...+85°C
Terminals
screw
Terminal screw torque acc. IEC 61984
0.5 Nm
max.
0.7 Nm
Wire cross section
single wire
2 x 2.5 mm2
fine wire
2 x 2.5 mm2
with bootlace crimp (DIN 46228/1)
2 x 1.5 mm2
Insertion cyclesA (10)
A (10)
Max. Insertion Force total
100 N
Mounting distance
0, dense packing
Weight
31 g
Packaging unit
10 pcs
Socket with screw-type terminals for DIN-rail mounting
Product code
Part Number
RY 78 626
Socket with screw-type terminals for DIN-rail
7-1393161-8
mounting, pinning 3.2 mm
Accessories for RY 78 626
RY 16 046
Plastic retaining clip
7-1393161-1
RY 16 040
Marking tag
6-1393161-8
RY 78 626 pinning 3.2 mm


Similar Part No. - RPMG0730

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RPMG0730 MACOM-RPMG0730 Datasheet
95Kb / 2P
   Accessories PCB Relay Card Relay E
RPMG0730 MACOM-RPMG0730 Datasheet
201Kb / 4P
   Accessories Industrial Power Relay RT / RP / SR2M
More results

Similar Description - RPMG0730

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-1393225-0 MACOM-1-1393225-0 Datasheet
411Kb / 4P
   Miniature Power PCB RYII & RYII Reflow Solderable
logo
TE Connectivity Ltd
RYII TEC-RYII Datasheet
411Kb / 4P
   Miniature Power PCB RYII & RYII Reflow Solderable
logo
Tyco Electronics
2-1393225-9 MACOM-2-1393225-9 Datasheet
517Kb / 4P
   Miniature Power PCB RYII & RYII Reflow Solderable
RY611012R MACOM-RY611012R Datasheet
460Kb / 4P
   Miniature Power PCB RYII & RYII Reflow Solderable
2-1393225-2 MACOM-2-1393225-2 Datasheet
517Kb / 4P
   Miniature Power PCB RYII & RYII Reflow Solderable
2-1393224-6 MACOM-2-1393224-6 Datasheet
517Kb / 4P
   Miniature Power PCB RYII & RYII Reflow Solderable
2-1393225-6 MACOM-2-1393225-6 Datasheet
517Kb / 4P
   Miniature Power PCB RYII & RYII Reflow Solderable
2-1393224-4 MACOM-2-1393224-4 Datasheet
517Kb / 4P
   Miniature Power PCB RYII & RYII Reflow Solderable
2-1393224-5 MACOM-2-1393224-5 Datasheet
517Kb / 4P
   Miniature Power PCB RYII & RYII Reflow Solderable
2-1393224-8 MACOM-2-1393224-8 Datasheet
517Kb / 4P
   Miniature Power PCB RYII & RYII Reflow Solderable
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com