Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL-2611 Datasheet(PDF) 10 Page - QT Optoelectronics

Part # HCPL-2611
Description  HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QT [QT Optoelectronics]
Direct Link  http://www.fairchildsemi.com/
Logo QT - QT Optoelectronics

HCPL-2611 Datasheet(HTML) 10 Page - QT Optoelectronics

Back Button HCPL-2611 Datasheet HTML 2Page - QT Optoelectronics HCPL-2611 Datasheet HTML 3Page - QT Optoelectronics HCPL-2611 Datasheet HTML 4Page - QT Optoelectronics HCPL-2611 Datasheet HTML 5Page - QT Optoelectronics HCPL-2611 Datasheet HTML 6Page - QT Optoelectronics HCPL-2611 Datasheet HTML 7Page - QT Optoelectronics HCPL-2611 Datasheet HTML 8Page - QT Optoelectronics HCPL-2611 Datasheet HTML 9Page - QT Optoelectronics HCPL-2611 Datasheet HTML 10Page - QT Optoelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
HIGH SPEED-10 MBit/s
LOGIC GATE OPTOCOUPLERS
8/10/99
200002A
Corporate Headquarters
North American Sales
European Sales
QT Optoelectronics
QT Optoelectronics
Quality Technologies Deutschland GmbH
610 North Mary Avenue
16775 Addison Rd.,Suite 200
Max-Huber-Strasse 8
Sunnyvale, CA 94086
Addison, TX 75001
D-85737 Ismaning, Germany
(408) 720-1440 Phone
(972) 447-1300 Phone
49 [0] 89/96.30.51 Phone
(408) 720-0848 Fax
(972) 447-0784 Fax
49 [0] 89/96.54.74 Fax
European Sales
Asia/Pacific Sales
European Sales
QT Optoelectronics
QT Optoelectronics
Quality Technologies (U.K) Ltd.
“Le Levant”
B613, 6th Floor
10, Prebendal Court, Oxford Road
2, rue du Nouveau Bercy
East Wing, Wisma Tractors
Aylesbury, Buckinghamshire
F-94277-CHARENTON-LE PONT Cedex
Jalan SS16/1, Subang Jaya
HP19-3EY United Kingdom
FRANCE
47500 Petaling Jaya
44 [0] 1296/30.44.99 Phone
33 [0] 1.45.18.78.78 Phone
Selangor Darul Eshan, Malaysia
44 [0] 1296/39.24.32 Fax
33 [0] 1.43.75.77.57 Fax
603/735-2417 Phone
603/736-3382 Fax
Call QT Optoelectronics for more information or the phone number of your nearest distributor.
United States 800-533-6786 • France 33 [0] 1.45.18.78.78 • Germany 49 [0] 89/96.30.51 • United Kingdom 44 [0] 1296 394499 • Asia/Pacific 603-7352417
www.qtopto.com
R2
.R2
Opto Plus Reliability Conditioning
S
.S
Surface Mount Lead Bend
SD
.SD
Surface Mount; Tape and reel
W
.W
0.4” Lead Spacing
Order
Entry
Option
Identifier
Description
4.0 ± 0.1
Ø1.55 ± 0.05
User Direction of Feed
4.0 ± 0.1
1.75 ± 0.10
7.5 ± 0.1
16.0 ± 0.3
12.0 ± 0.1
0.30 ± 0.05
13.2 ± 0.2
4.90 ± 0.20
0.1 MAX
10.30 ± 0.20
10.30 ± 0.20
Ø1.6 ± 0.1
QT Carrier Tape Specifications (“D” Taping Orientation)
ORDERING INFORMATION
SINGLE-CHANNEL
DUAL-CHANNEL
6N137
HCPL-2630
HCPL-2601
HCPL-2631
HCPL-2611


Similar Part No. - HCPL-2611

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-2611 HP-HCPL-2611 Datasheet
256Kb / 20P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-2611 HP-HCPL-2611 Datasheet
246Kb / 15P
   High CMR Line Receiver Optocouplers
HCPL-2611 HP-HCPL-2611 Datasheet
252Kb / 16P
   HCMOS Compatible, High CMR, 10 MBd Optocouplers
HCPL-2611 HP-HCPL-2611 Datasheet
261Kb / 10P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
logo
Fairchild Semiconductor
HCPL-2611 FAIRCHILD-HCPL-2611 Datasheet
584Kb / 12P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
More results

Similar Description - HCPL-2611

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HCPL-2601 FAIRCHILD-HCPL-2601 Datasheet
489Kb / 12P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
6N137 FAIRCHILD-6N137_06 Datasheet
598Kb / 12P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL0601R2 FAIRCHILD-HCPL0601R2 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
logo
ON Semiconductor
HCPL0600 ONSEMI-HCPL0600 Datasheet
436Kb / 16P
   High Speed-10 MBit/s Logic Gate Optocouplers
October, 2019 ??Rev. 2
logo
Fairchild Semiconductor
HCPL0637R2 FAIRCHILD-HCPL0637R2 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
6N137 FAIRCHILD-6N137 Datasheet
584Kb / 12P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
HCPL0600 FAIRCHILD-HCPL0600 Datasheet
710Kb / 17P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL-0600 FAIRCHILD-HCPL-0600_04 Datasheet
224Kb / 13P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
HCPL0661 FAIRCHILD-HCPL0661 Datasheet
288Kb / 17P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL0611R2 FAIRCHILD-HCPL0611R2 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com