Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT28F020 Datasheet(PDF) 5 Page - ON Semiconductor

Part # CAT28F020
Description  2 Megabit CMOS Flash Memory
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT28F020 Datasheet(HTML) 5 Page - ON Semiconductor

  CAT28F020 Datasheet HTML 1Page - ON Semiconductor CAT28F020 Datasheet HTML 2Page - ON Semiconductor CAT28F020 Datasheet HTML 3Page - ON Semiconductor CAT28F020 Datasheet HTML 4Page - ON Semiconductor CAT28F020 Datasheet HTML 5Page - ON Semiconductor CAT28F020 Datasheet HTML 6Page - ON Semiconductor CAT28F020 Datasheet HTML 7Page - ON Semiconductor CAT28F020 Datasheet HTML 8Page - ON Semiconductor CAT28F020 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
CAT28F020
5
Doc. No. MD-1029, Rev. F
© 2009 SCILLC. All rights reserved.
Characteristics subject to change without notice
SUPPLY CHARACTERISTICS
Figure 1. A.C. Testing Input/Output Waveform(3)(4)(5)
Testing Load Circuit (example)
A.C. CHARACTERISTICS, Read Operation
VCC = +5V ±10%, unless otherwise specified. (See Note 8)
JEDEC
Standard
28F020-90(7)
28F020-12(7)
Symbol
Symbol
Parameter
Min
Typ
Max
Min
Typ Max
Unit
tAVAV
tRC
Read Cycle Time
90
120
ns
tELQV
tCE
CE Access Time
90
120
ns
tAVQV
tACC
Address Access Time
90
120
ns
tGLQV
tOE
OE Access Time
35
50
ns
tAXQX
tOH
Output Hold from Address
OE/CE Change
0
0
ns
tGLQX
tOLZ(1)(6)
OE to Output in Low-Z
0
0
ns
tELQX
tLZ(1)(6)
CE to Output in Low-Z
0
0
ns
tGHQZ
tDF(1)(2)
OE High to Output High-Z
30
30
ns
tEHQZ
tDF(1)(2)
CE High to Output High-Z
40
40
ns
tWHGL(1)
-
Write Recovery Time Before Read
6
6
µs
1.3V
DEVICE
UNDER
TEST
1N914
3.3K
CL = 100 pF
OUT
CL INCLUDES JIG CAPACITANCE
INPUT PULSE LEVELS
REFERENCE POINTS
2.0 V
0.8 V
2.4 V
0.45 V
Note:
1.
This parameter is tested initially and after a design or process change that affects the parameter.
2.
Output floating (High-Z) is defined as the state where the external data line is no longer driven by the output buffer.
3.
Input Rise and Fall Times (10% to 90%) < 10 ns.
4.
Input Pulse Levels = 0.45 V and 2.4 V. For High Speed Input Pulse Levels 0.0 V and 3.0 V.
5.
Input and Output Timing Reference = 0.8 V and 2.0 V. For High Speed Input and Output Timing Reference = 1.5 V.
6.
Low-Z is defined as the state where the external data may be driven by the output buffer but may not be valid.
7.
For load and reference points, see Fig. 1.
8.
CAT28F020-90, VCCMIN = 4.75 V.
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Pn
i
Mp
y
Tx
a
Mt
i
n
U
C
C
Ve
g
a
t
l
o
V
y
l
p
p
u
S
C
C
V
0
9
-
0
2
0
F
8
25
7
.
45
.
5V
2
1
-
0
2
0
F
8
25
.
45
.
5V
L
P
P
Vs
n
o
i
t
a
r
e
p
O
d
a
e
R
g
n
i
r
u
D
P
P
V0
5
.
6V
H
P
P
Vm
a
r
g
o
r
P
/
e
s
a
r
E
/
d
a
e
R
g
n
i
r
u
D
P
P
V4
.
1
16
.
2
1V


Similar Part No. - CAT28F020

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT28F020 CATALYST-CAT28F020 Datasheet
100Kb / 14P
   2 Megabit CMOS Flash Memory
CAT28F020 CATALYST-CAT28F020 Datasheet
431Kb / 15P
   2 Megabit CMOS Flash Memory
logo
ON Semiconductor
CAT28F020 ONSEMI-CAT28F020 Datasheet
113Kb / 16P
   2 Megabit CMOS Flash Memory
Doc. No. MD-1029, Rev. F
CAT28F020 ONSEMI-CAT28F020 Datasheet
113Kb / 16P
   2 Megabit CMOS Flash Memory
Doc. No. MD-1029, Rev. F
CAT28F020 ONSEMI-CAT28F020 Datasheet
113Kb / 16P
   2 Megabit CMOS Flash Memory
Doc. No. MD-1029, Rev. F
More results

Similar Description - CAT28F020

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT28F020 CATALYST-CAT28F020 Datasheet
100Kb / 14P
   2 Megabit CMOS Flash Memory
logo
ON Semiconductor
CAT28F020GI-12TE13 ONSEMI-CAT28F020GI-12TE13 Datasheet
113Kb / 16P
   2 Megabit CMOS Flash Memory
Doc. No. MD-1029, Rev. F
CAT28F020P-15 ONSEMI-CAT28F020P-15 Datasheet
113Kb / 16P
   2 Megabit CMOS Flash Memory
Doc. No. MD-1029, Rev. F
logo
Catalyst Semiconductor
CAT28F020 CATALYST-CAT28F020_04 Datasheet
431Kb / 15P
   2 Megabit CMOS Flash Memory
logo
ON Semiconductor
CAT28F020N-15 ONSEMI-CAT28F020N-15 Datasheet
113Kb / 16P
   2 Megabit CMOS Flash Memory
Doc. No. MD-1029, Rev. F
logo
Catalyst Semiconductor
CAT28F002 CATALYST-CAT28F002 Datasheet
140Kb / 16P
   2 Megabit CMOS Boot Block Flash Memory
logo
ON Semiconductor
CAT28F010 ONSEMI-CAT28F010 Datasheet
385Kb / 16P
   1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
logo
Catalyst Semiconductor
CAT28F102 CATALYST-CAT28F102 Datasheet
159Kb / 14P
   1 Megabit CMOS Flash Memory
CAT28F010 CATALYST-CAT28F010 Datasheet
100Kb / 14P
   1 Megabit CMOS Flash Memory
logo
ON Semiconductor
CAT28F010GI12 ONSEMI-CAT28F010GI12 Datasheet
113Kb / 16P
   1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com