Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT28C256LI-15T Datasheet(PDF) 1 Page - ON Semiconductor

Part # CAT28C256LI-15T
Description  256 kb Parallel EEPROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT28C256LI-15T Datasheet(HTML) 1 Page - ON Semiconductor

  CAT28C256LI-15T Datasheet HTML 1Page - ON Semiconductor CAT28C256LI-15T Datasheet HTML 2Page - ON Semiconductor CAT28C256LI-15T Datasheet HTML 3Page - ON Semiconductor CAT28C256LI-15T Datasheet HTML 4Page - ON Semiconductor CAT28C256LI-15T Datasheet HTML 5Page - ON Semiconductor CAT28C256LI-15T Datasheet HTML 6Page - ON Semiconductor CAT28C256LI-15T Datasheet HTML 7Page - ON Semiconductor CAT28C256LI-15T Datasheet HTML 8Page - ON Semiconductor CAT28C256LI-15T Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
© Semiconductor Components Industries, LLC, 2009
December, 2009 − Rev. 6
1
Publication Order Number:
CAT28C256/D
CAT28C256
256 kb Parallel EEPROM
Description
The CAT28C256 is a fast, low power, 5 V−only CMOS Parallel
EEPROM organized as 32K x 8−bits. It requires a simple interface for
in−system programming. On−chip address and data latches,
self−timed write cycle with auto−clear and VCC power up/down write
protection eliminate additional timing and protection hardware. DATA
Polling and Toggle status bits signal the start and end of the self−timed
write cycle. Additionally, the CAT28C256 features hardware and
software write protection.
The CAT28C256 is manufactured using ON Semiconductor’s
advanced CMOS floating gate technology. It is designed to endure
100,000 program/erase cycles and has a data retention of 100 years.
The device is available in JEDEC approved 28−pin DIP, 28−pin TSOP
or 32−pin PLCC packages.
Features
Fast Read Access Times: 120/150 ns
Low Power CMOS Dissipation:
– Active: 25 mA Max.
– Standby: 150
mA Max.
Simple Write Operation:
– On−chip Address and Data Latches
– Self−timed Write Cycle with Auto−clear
Fast Write Cycle Time:
− 5 ms Max.
CMOS and TTL Compatible I/O
Hardware and Software Write Protection
Automatic Page Write Operation:
− 1 to 64 Bytes in 5 ms
− Page Load Timer
End of Write Detection:
− Toggle Bit
− DATA Polling
100,000 Program/Erase Cycles
100 Year Data Retention
Commercial, Industrial and Automotive Temperature Ranges
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 14 of this data sheet.
ORDERING INFORMATION
PLCC−32
N, G SUFFIX
CASE 776AK
Address Inputs
A0−A14
Data Inputs/Outputs
I/O0−I/O7
Chip Enable
CE
Output Enable
OE
Write Enable
WE
5 V Supply
VCC
Function
Pin Name
PIN FUNCTION
Ground
VSS
No Connect
NC
PDIP−28
P, L SUFFIX
CASE 646AE
TSOP−28
T13, H13 SUFFIX
CASE 318AE


Similar Part No. - CAT28C256LI-15T

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT28C256LI-15T CATALYST-CAT28C256LI-15T Datasheet
530Kb / 12P
   256K-Bit Parallel EEPROM
More results

Similar Description - CAT28C256LI-15T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT28C256LI12 ONSEMI-CAT28C256LI12 Datasheet
154Kb / 14P
   256 kb Parallel EEPROM
December, 2009 ??Rev. 6
CAT28C256GI12 ONSEMI-CAT28C256GI12 Datasheet
132Kb / 14P
   256 kb Parallel EEPROM
December, 2009 ??Rev. 6
CAT28C256N-20 ONSEMI-CAT28C256N-20 Datasheet
154Kb / 14P
   256 kb Parallel EEPROM
December, 2009 ??Rev. 6
CAT28C257 ONSEMI-CAT28C257 Datasheet
143Kb / 13P
   256 kb CMOS Parallel EEPROM
December, 2009 ??Rev. 6
CAV24C256 ONSEMI-CAV24C256_18 Datasheet
265Kb / 14P
   EEPROM Serial 256-Kb I2C
May, 2018 ??Rev. 1
CAT25256 ONSEMI-CAT25256_18 Datasheet
387Kb / 22P
   EEPROM Serial 256-Kb SPI
June, 2018 ??Rev. 11
CAT24C256 ONSEMI-CAT24C256_18 Datasheet
375Kb / 20P
   EEPROM Serial 256-Kb I2C
May, 2018 ??Rev. 15
CAV24C256 ONSEMI-CAV24C256 Datasheet
157Kb / 11P
   256-Kb CMOS Serial EEPROM
November, 2012 ??Rev. 0
CAT25256 ONSEMI-CAT25256 Datasheet
187Kb / 16P
   256-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
CAT25256 ONSEMI-CAT25256_15 Datasheet
151Kb / 19P
   256-Kb SPI Serial CMOS EEPROM
June, 2015 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com