Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

6N135 Datasheet(PDF) 4 Page - QT Optoelectronics

Part No. 6N135
Description  HIGH SPEED TRANSISTOR OPTOCOUPLERS
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  QT [QT Optoelectronics]
Homepage  http://www.fairchildsemi.com/
Logo QT - QT Optoelectronics

6N135 Datasheet(HTML) 4 Page - QT Optoelectronics

  6N135 Datasheet HTML 1Page - QT Optoelectronics 6N135 Datasheet HTML 2Page - QT Optoelectronics 6N135 Datasheet HTML 3Page - QT Optoelectronics 6N135 Datasheet HTML 4Page - QT Optoelectronics 6N135 Datasheet HTML 5Page - QT Optoelectronics 6N135 Datasheet HTML 6Page - QT Optoelectronics 6N135 Datasheet HTML 7Page - QT Optoelectronics 6N135 Datasheet HTML 8Page - QT Optoelectronics 6N135 Datasheet HTML 9Page - QT Optoelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
200004A
Parameter
Test Conditions
Symbol
Device
Min
Typ**
Max
Unit
TA = 25°C, (RL = 4.1 k$, IF = 16 mA) (Note 6) (Fig. 7)
6N135
0.45
1.5
µs
HCPL-2530
6N136
(RL = 1.9 k$, IF = 16 mA) (Note 7) (Fig. 7)
HCPL-4502
0.45
0.8
µs
Propagation delay
TA = 25°C
HCPL-2503
time to logic low
TPHL
HCPL-2531
(RL = 4.1 k$, IF = 16 mA) (Note 6) (Fig. 7)
6N135
2.0
µs
HCPL-2530
6N136
(RL = 1.9 k$, IF = 16 mA) (Note 7) (Fig. 7)
HCPL-4502
1.0
µs
HCPL-2503
HCPL-2531
TA = 25°C, (RL = 4.1 k$, IF = 16 mA) (Note 6) (Fig. 7)
6N135
0.5
1.5
µs
HCPL-2530
6N136
(RL = 1.9 k$, IF = 16 mA) (Note 7) (Fig. 7)
HCPL-4502
0.3
0.8
µs
TA = 25°C
HCPL-2503
Propagation delay
TPLH
HCPL-2531
time to logic high
(RL = 4.1 k$, IF = 16 mA) (Note 6) (Fig. 7)
6N135
2.0
µs
HCPL-2530
6N136
(RL = 1.9 k$, IF = 16 mA) (Note 7) (Fig. 7)
HCPL-4502
1.0
µs
HCPL-2503
HCPL-2531
(IF = 0 mA, VCM = 10 VP-P,RL = 4.1 k$)
6N135
10,000
V/µs
Common mode
(Note 8) (Fig. 8) TA = 25°C
HCPL-2530
transient
(IF = 0 mA, VCM = 10 VP-P)
|CMH|
6N136
immunity at
TA = 25°C, (RL = 1.9 k$)
HCPL-4502
10,000
V/µs
logic high
(Note 8) (Fig. 8)
HCPL-2503
HCPL-2531
(IF = 16 mA, VCM = 10 VP-P,RL = 4.1 k$)
6N135
10,000
V/µs
Common mode
(Note 8) (Fig. 8) TA = 25°C
HCPL-2530
transient
(IF = 16 mA, VCM = 10 VP-P)
|CML|
6N136
immunity at
(RL = 1.9 k$)
HCPL-4502
10,000
V/µs
logic low
(Note 8) (Fig. 8)
HCPL-2503
HCPL-2531
SWITCHING CHARACTERISTICS (TA = 0 to 70°C unless otherwise specified., VCC = 5 V)
HIGH SPEED
TRANSISTOR OPTOCOUPLERS
SINGLE-CHANNEL
DUAL-CHANNEL
6N135, 6N136
HCPL-2530
HCPL-2503
HCPL-2531
HCPL-4502
** All typicals at TA = 25°C


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn