Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

6N135 Datasheet(PDF) 1 Page - QT Optoelectronics

Part No. 6N135
Description  HIGH SPEED TRANSISTOR OPTOCOUPLERS
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  QT [QT Optoelectronics]
Homepage  http://www.fairchildsemi.com/
Logo QT - QT Optoelectronics

6N135 Datasheet(HTML) 1 Page - QT Optoelectronics

  6N135 Datasheet HTML 1Page - QT Optoelectronics 6N135 Datasheet HTML 2Page - QT Optoelectronics 6N135 Datasheet HTML 3Page - QT Optoelectronics 6N135 Datasheet HTML 4Page - QT Optoelectronics 6N135 Datasheet HTML 5Page - QT Optoelectronics 6N135 Datasheet HTML 6Page - QT Optoelectronics 6N135 Datasheet HTML 7Page - QT Optoelectronics 6N135 Datasheet HTML 8Page - QT Optoelectronics 6N135 Datasheet HTML 9Page - QT Optoelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
FEATURES
• High speed-1 MBit/s
• Superior CMR-10 kV/µs
• Dual-Channel
HCPL-2530/HCPL-2531
• Double working voltage-480V RMS
• CTR guaranteed 0-70°C
• U.L. recognized (File # E90700)
HIGH SPEED
TRANSISTOR OPTOCOUPLERS
DESCRIPTION
The HCPL-4502/HCPL-2503, 6N135/6 and HCPL-2530/HCPL-2531 optocouplers
consist of an AlGaAs LED optically coupled to a high speed photodetector transistor.
A separate connection for the bias of the photodiode improves the speed by several
orders of magnitude over conventional phototransistor optocouplers by reducing the
base-collector capacitance of the input transistor.
An internal noise shield provides superior common mode rejection of 10kV/µs. An
improved package allows superior insulation permitting a 480 V working voltage
compared to industry standard 0f 220 V.
APPLICATIONS
• Line receivers
• Pulse transformer replacement
• Output interface to CMOS-LSTTL-TTL
• Wide bandwidth analog coupling
Parameter
Symbol
Value
Units
Storage Temperature
TSTG
-55 to +125
°C
Operating Temperature
TOPR
-55 to +100
°C
Lead Solder Temperature
TSOL
260 for 10 sec
°C
EMITTER
DC/Average Forward Input Current
Each Channel (Note 1)
IF (avg)
25
mA
Peak Forward Input Current (50% duty cycle, 1 ms P.W.)
IF (pk)
50
mA
Each Channel (Note 2)
Peak Transient Input Current - (
!"1 µs P.W., 300 pps)
IF (trans)
1.0
A
Each Channel
Reverse Input Voltage
Each Channel
VR
5V
Input Power Dissipation
(6N135/6N136 and HCPL-2503/4502)
PD
100
mW
(HCPL-2530/2531 ) Each Channel (Note 3)
45
DETECTOR
Average Output Current
Each Channel
IO (avg)
8
mA
Peak Output Current
Each Channel
IO (pk)
16
mA
Emitter-Base Reverse Voltage
(6N135, 6N136 and HCPL-2503 only)
VEBR
5V
Supply Voltage
VCC
-0.5 to 30
V
Output Voltage
VO
-0.5 to 20
V
Base Current
(6N135, 6N136 and HCPL-2503 only)
IB
5mA
Output power
(6N135, 6N136, HCPL-2503, HCPL-4502) (Note 4)
PD
100
mW
dissipation
(HCPL-2530, HCPL-2531) Each Channel
35
mW
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
1
2
3
4
5
6
7
8
+
_
V
F1
V
CC
V
01
V
02
GND
V
F2
_
+
HCPL-2530/HCPL-2531
1
2
3
4
5
6
7
8
+
_
V
F
V
CC
V
B
V
O
GND
N/C
N/C
6N135, 6N136, HCPL-2503, HCPL-4502
Pin 7 is not connected in
Part Number HCPL-4502
8
1
8
1
8
1
SINGLE-CHANNEL
DUAL-CHANNEL
6N135, 6N136
HCPL-2530
HCPL-2503
HCPL-2531
HCPL-4502
200004A


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn