Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

862-10-121-00-180000 Datasheet(PDF) 1 Page - Mill-Max Mfg. Corp.

Part # 862-10-121-00-180000
Description  DUAL-IN-LINE HEADERS Shrink DIP Headers and Strips Solder Tail
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MILL-MAX [Mill-Max Mfg. Corp.]
Direct Link  http://www.mill-max.com
Logo MILL-MAX - Mill-Max Mfg. Corp.

862-10-121-00-180000 Datasheet(HTML) 1 Page - Mill-Max Mfg. Corp.

  862-10-121-00-180000 Datasheet HTML 1Page - Mill-Max Mfg. Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DUAL-IN-LINE HEADERS
Shrink DIP Headers and Strips
Solder Tail
www.mill-max.com
 516-922-6000
59
Series 162, 862
Ordering Information
A
B
C
16
0.572
0.3
0.39
35
162-XX-316-00-180000
28
0.992
0.4
0.49
20
162-XX-428-00-180000
30
1.062
0.4
0.49
18
162-XX-430-00-180000
48
1.692
0.4
0.49
12
162-XX-448-00-180000
20
0.712
0.6
0.69
28
162-XX-620-00-180000
28
0.992
0.6
0.69
20
162-XX-628-00-180000
40
1.412
0.6
0.69
14
162-XX-640-00-180000
42
1.482
0.6
0.69
13
162-XX-642-00-180000
48
1.692
0.6
0.69
12
162-XX-648-00-180000
52
1.832
0.6
0.69
11
162-XX-652-00-180000
56
1.972
0.6
0.69
10
162-XX-656-00-180000
64
2.252
0.6
0.69
9
162-XX-664-00-180000
68
2.392
0.6
0.69
8
162-XX-668-00-180000
64
2.252
0.75
0.84
8
162-XX-764-00-180000
• High density DIP headers and
strips for devices featuring
.070” lead spacing.
• Series 162 DIP headers use
MM #6218 pins. See page 175
for details.
• Series 862 strip headers use
MM #6218 pins. See page 175
for details.
• Insulators are high temperature
thermoplastic.
.110
.110 .140
.140
B
.019 DIA.
.019 DIA.
.142
.142
.117
.117
.020 DIA.
.020 DIA.
.046 DIA.
.046 DIA.
.057 DIA.
.057 DIA.
.104
.104
.110
.110 .399
.399
SINGLE ROW STRIP HEADER
If desired, we will supply any length up to 21 pins.
862-XX-121-00-180000
21
1.482
Pin Plating
SPECIFY PLATING CODE XX=
10 
90
40 
10
μ” Au
200
μ” Sn/Pb 200μ”Sn
862...180
- - -
.104
-
162...180
RoHS
2002/95/EC
XX=Plating Code
See Below
For Electrical,
Mechanical & Enviromental
Data, See pg. 4
For RoHS compliance
select plating code.


Similar Part No. - 862-10-121-00-180000

ManufacturerPart #DatasheetDescription
logo
WAGO Kontakttechnik Gmb...
862-1503 WAGO-862-1503 Datasheet
811Kb / 6P
   4-Leiter-Geräteanschlussklemme; ohne PE-Kontakt; PE-N-L1; 3-polig; für Schraube und Mutter M3; 4 mm²; 4,00 mm²; schwarz
12.07.2023
862-1503_999-950 WAGO-862-1503_999-950 Datasheet
800Kb / 6P
   4-Leiter-Geräteanschlussklemme; für Anwendungen Ex e II geeignet; ohne PE-Kontakt; PE-N-L1; 3-polig; für Schraube und Mutter M3; 4 mm²; 4,00 mm²; schwarz
12.07.2023
862-1505 WAGO-862-1505 Datasheet
769Kb / 6P
   4-Leiter-Geräteanschlussklemme; ohne PE-Kontakt; PE-N-L1-L2-L3; 5-polig; für Schraube und Mutter M3; 4 mm²; 4,00 mm²; schwarz
12.07.2023
862-1505_999-950 WAGO-862-1505_999-950 Datasheet
783Kb / 6P
   4-Leiter-Geräteanschlussklemme; für Anwendungen Ex e II geeignet; ohne PE-Kontakt; PE-N-L1-L2-L3; 5-polig; für Schraube und Mutter M3; 4 mm²; 4,00 mm²; schwarz
12.07.2023
862-1593 WAGO-862-1593 Datasheet
785Kb / 6P
   4-Leiter-Geräteanschlussklemme; ohne PE-Kontakt; PE-N-L1; 3-polig; 4 mm²; 4,00 mm²; schwarz
12.07.2023
More results

Similar Description - 862-10-121-00-180000

ManufacturerPart #DatasheetDescription
logo
Aries Electronics, Inc.
08-675-190T ARIES-08-675-190T Datasheet
543Kb / 1P
   DIP Program Headers
16004 ARIES-16004 Datasheet
593Kb / 1P
   DIP Program Headers
logo
Precid-Dip Durtal SA
153-90-210-00-001 PREDIP-153-90-210-00-001 Datasheet
42Kb / 1P
   Dual-in-line pin / slotted / turret / solder cup headers / open frame / solder tail / wire-wrap posts
110-91-210-41-105 PREDIP-110-91-210-41-105 Datasheet
36Kb / 1P
   Dual-in-line sockets and headers Open frame / surface mount
150-90-210-00-001 PREDIP-150-90-210-00-001 Datasheet
43Kb / 1P
   Dual-in-line pin headers Open frame Interconnect
logo
Aries Electronics, Inc.
12032 ARIES-12032 Datasheet
558Kb / 1P
   DIP Headers with Coined Contacts
logo
Precid-Dip Durtal SA
110-91-308-41-105161 PREDIP-110-91-308-41-105161 Datasheet
32Kb / 1P
   Dual-in-line sockets and headers / open frame / surface mount pick and place
logo
Aries Electronics, Inc.
04-600-11 ARIES-04-600-11 Datasheet
302Kb / 1P
   DIP Headers with Coined Contacts
logo
Tyco Electronics
5-146134-6 MACOM-5-146134-6 Datasheet
3Mb / 96P
   AMPMODU Headers and Receptacles
logo
Dubilier
DBCIDCB13S04BG1 DUBILIER-DBCIDCB13S04BG1 Datasheet
130Kb / 1P
   FEMALE HEADERS FEMALE HEADERS - 4.5mm PROFILE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com