Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT28C256P-12T Datasheet(PDF) 7 Page - ON Semiconductor

Part # CAT28C256P-12T
Description  256 kb Parallel EEPROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT28C256P-12T Datasheet(HTML) 7 Page - ON Semiconductor

Back Button CAT28C256P-12T Datasheet HTML 3Page - ON Semiconductor CAT28C256P-12T Datasheet HTML 4Page - ON Semiconductor CAT28C256P-12T Datasheet HTML 5Page - ON Semiconductor CAT28C256P-12T Datasheet HTML 6Page - ON Semiconductor CAT28C256P-12T Datasheet HTML 7Page - ON Semiconductor CAT28C256P-12T Datasheet HTML 8Page - ON Semiconductor CAT28C256P-12T Datasheet HTML 9Page - ON Semiconductor CAT28C256P-12T Datasheet HTML 10Page - ON Semiconductor CAT28C256P-12T Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
CAT28C256
http://onsemi.com
7
Page Write
The page write mode of the CAT28C256 (essentially an
extended BYTE WRITE mode) allows from 1 to 64 bytes of
data to be programmed within a single EEPROM write
cycle. This effectively reduces the byte−write time by a
factor of 64.
Following an initial WRITE operation (WE pulsed low,
for tWP, and then high) the page write mode can begin by
issuing sequential WE pulses, which load the address and
data bytes into a 64 byte temporary buffer. The page address
where data is to be written, specified by bits A6 to A14, is
latched on the last falling edge of WE. Each byte within the
page is defined by address bits A0 to A5 (which can be loaded
in any order) during the first and subsequent write cycles.
Each successive byte load cycle must begin within tBLCMAX
of the rising edge of the preceding WE pulse. There is no
page write window limitation as long as WE is pulsed low
within tBLC MAX.
Upon completion of the page write sequence, WE must
stay high a minimum of tBLC MAX for the internal automatic
program cycle to commence. This programming cycle
consists of an erase cycle, which erases any data that existed
in each addressed cell, and a write cycle, which writes new
data back into the cell. A page write will only write data to
the locations that were addressed and will not rewrite the
entire page.
Figure 6. Byte Write Cycle [CE Controlled]
ADDRESS
DATA OUT
DATA IN
DATA VALID
HIGH−Z
WE
OE
CE
tAS
tAH
tCS
tOES
tCW
tOEH
tCH
tBLC
tDS
tDH
tWC
Figure 7. Page Mode Write Cycle
ADDRESS
I/O
BYTE 0
BYTE 1
BYTE 2
BYTE n
BYTE n+1
BYTE n+2
LAST BYTE
WE
CE
OE
tWC
tBLC
tWP


Similar Part No. - CAT28C256P-12T

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT28C256P-12T CATALYST-CAT28C256P-12T Datasheet
75Kb / 10P
   32K-Bit Parallel E2PROM
CAT28C256P-12T CATALYST-CAT28C256P-12T Datasheet
530Kb / 12P
   256K-Bit Parallel EEPROM
More results

Similar Description - CAT28C256P-12T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT28C256LI12 ONSEMI-CAT28C256LI12 Datasheet
154Kb / 14P
   256 kb Parallel EEPROM
December, 2009 ??Rev. 6
CAT28C256GI12 ONSEMI-CAT28C256GI12 Datasheet
132Kb / 14P
   256 kb Parallel EEPROM
December, 2009 ??Rev. 6
CAT28C256N-20 ONSEMI-CAT28C256N-20 Datasheet
154Kb / 14P
   256 kb Parallel EEPROM
December, 2009 ??Rev. 6
CAT28C257 ONSEMI-CAT28C257 Datasheet
143Kb / 13P
   256 kb CMOS Parallel EEPROM
December, 2009 ??Rev. 6
CAV24C256 ONSEMI-CAV24C256_18 Datasheet
265Kb / 14P
   EEPROM Serial 256-Kb I2C
May, 2018 ??Rev. 1
CAT25256 ONSEMI-CAT25256_18 Datasheet
387Kb / 22P
   EEPROM Serial 256-Kb SPI
June, 2018 ??Rev. 11
CAT24C256 ONSEMI-CAT24C256_18 Datasheet
375Kb / 20P
   EEPROM Serial 256-Kb I2C
May, 2018 ??Rev. 15
CAV24C256 ONSEMI-CAV24C256 Datasheet
157Kb / 11P
   256-Kb CMOS Serial EEPROM
November, 2012 ??Rev. 0
CAT25256 ONSEMI-CAT25256 Datasheet
187Kb / 16P
   256-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
CAT25256 ONSEMI-CAT25256_15 Datasheet
151Kb / 19P
   256-Kb SPI Serial CMOS EEPROM
June, 2015 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com