Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT24WC66XA-T2C Datasheet(PDF) 10 Page - ON Semiconductor

Part # CAT24WC66XA-T2C
Description  64-Kb I2C Serial EEPROM with Partial Array Write Protection
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT24WC66XA-T2C Datasheet(HTML) 10 Page - ON Semiconductor

Back Button CAT24WC66XA-T2C Datasheet HTML 3Page - ON Semiconductor CAT24WC66XA-T2C Datasheet HTML 4Page - ON Semiconductor CAT24WC66XA-T2C Datasheet HTML 5Page - ON Semiconductor CAT24WC66XA-T2C Datasheet HTML 6Page - ON Semiconductor CAT24WC66XA-T2C Datasheet HTML 7Page - ON Semiconductor CAT24WC66XA-T2C Datasheet HTML 8Page - ON Semiconductor CAT24WC66XA-T2C Datasheet HTML 9Page - ON Semiconductor CAT24WC66XA-T2C Datasheet HTML 10Page - ON Semiconductor CAT24WC66XA-T2C Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
CAT24WC66
http://onsemi.com
10
PACKAGE DIMENSIONS
SOIC−8, 208 mils
CASE 751BE−01
ISSUE O
E1
eb
SIDE VIEW
TOP VIEW
E
D
PIN#1 IDENTIFICATION
END VIEW
A1
A
L
c
Notes:
(1) All dimensions are in millimeters. Angles in degrees.
(2) Complies with EIAJ EDR-7320.
q
SYMBOL
MIN
NOM
MAX
θ
A
A1
b
c
D
E
E1
e
0.05
0.36
0.19
5.13
7.75
5.13
1.27 BSC
2.03
0.25
0.48
0.25
5.33
8.26
5.38
L
0.51
0.76


Similar Part No. - CAT24WC66XA-T2C

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24WC66XA-TE13 CATALYST-CAT24WC66XA-TE13 Datasheet
60Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM
More results

Similar Description - CAT24WC66XA-T2C

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24C03 CATALYST-CAT24C03 Datasheet
401Kb / 20P
   2-Kb I2C CMOS Serial EEPROM with Partial Array Write Protection
CAT24C03 CATALYST-CAT24C03_06 Datasheet
434Kb / 18P
   2-Kb and 4-Kb I2C Serial EEPROM with Partial Array Write Protection
logo
ON Semiconductor
CAT24C03 ONSEMI-CAT24C03 Datasheet
165Kb / 14P
   2-Kb and 4-Kb I2C Serial EEPROM with Partial Array Write Protection
August, 2009 ??Rev. 3
logo
Catalyst Semiconductor
CAT24C05 CATALYST-CAT24C05 Datasheet
434Kb / 18P
   2-Kb and 4-Kb I2C Serial EEPROM with Partial Array Write Protection
CAT24WC66 CATALYST-CAT24WC66_06 Datasheet
155Kb / 13P
   64K-bit I2C Serial EEPROM with Partial Array Write Protection
CAT24FC65 CATALYST-CAT24FC65 Datasheet
446Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM with Partial Array Write Protection
logo
ON Semiconductor
CAT24S64 ONSEMI-CAT24S64 Datasheet
124Kb / 12P
   EEPROM Serial 64-Kb I2C with Software Write Protect
September, 2018 ??Rev. 2
logo
Catalyst Semiconductor
CAT24WC03 CATALYST-CAT24WC03_05 Datasheet
362Kb / 14P
   2K/4K-Bit Serial EEPROM with Partial Array Write Protection
logo
ON Semiconductor
N24C64 ONSEMI-N24C64_18 Datasheet
213Kb / 14P
   EEPROM Serial 64-Kb I2C
May, 2018 ??Rev. 2
CAV24C64 ONSEMI-CAV24C64_18 Datasheet
339Kb / 17P
   EEPROM Serial 64-Kb I2C
April, 2018 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com