Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

091306-15-20-77-14-11-0 Datasheet(PDF) 1 Page - Mill-Max Mfg. Corp.

Part # 091306-15-20-77-14-11-0
Description  SPRING-LOADED CONNECTORS Discrete Spring-Loaded Contacts
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MILL-MAX [Mill-Max Mfg. Corp.]
Direct Link  http://www.mill-max.com
Logo MILL-MAX - Mill-Max Mfg. Corp.

091306-15-20-77-14-11-0 Datasheet(HTML) 1 Page - Mill-Max Mfg. Corp.

  091306-15-20-77-14-11-0 Datasheet HTML 1Page - Mill-Max Mfg. Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PINS
A HI
C
SIO
N
SPRING-LOADED CONNECTORS
Discrete Spring-Loaded Contacts
www.mill-max.com
 516-922-6000
15
0900-0-00-00-00-00-11-0
Short Stroke, Surface mount
Lowest profile
0900-0
0913
A
.072 DIA.
.072 DIA.
.028
.028
.016
.016
.198
.198
.055
.055
.0275
.0275
.064 DIA.
.064 DIA.
.059 DIA.
.059 DIA.
.042 DIA.
.042 DIA.
0907-X-15-20-75-14-11-0
Standard Stroke, Surface mount
High profile
0907-0
⇒9
A
.072 DIA.
.072 DIA.
.028
.028
.016
.016
.106
.106
.055
.055
.0275
.0275
.064 DIA.
.064 DIA.
.059 DIA.
.059 DIA.
.042 DIA.
.042 DIA.
0900-X-00-00-00-00-11-0
Standard Stroke, Surface mount
Low profile
0900-1
⇒4
0925-0-15-20-73-14-26-0
Standard Stroke
Surface mount
0913-0-15-20-77-14-11-0
Long Stroke
Surface mount
.028
.028
.016
.016
.638
.638
.0275
.0275
.055
.055
.072 DIA.
.072 DIA.
.064 DIA.
.064 DIA.
.059 DIA.
.059 DIA.
.042 DIA.
.042 DIA.
.693
.693
0905-0-00-00-00-00-11-0
Standard Stroke, Surface mount
Highest Profile
0905
0925
Basic Part
Number
Length
A
0900-1
0900-2
0900-3
0900-4
.177
.197
.217
.236
Basic Part
Number
Length
A
0907-0
0907-1
0907-2
0907-3
0907-4
0907-5
0907-6
0907-7
0907-8
0907-9
.255
.275
.295
.315
.335
.350
.370
.390
.410
.430
ORDER CODE: 09XX - X - 15 - 20 - 7X - 14 - XX - 0
Spring Number
MATERIAL SPECIFICATIONS:
SLEEVE & PLUNGER MATERIAL: Copper Alloy
SPRING MATERIAL: Beryllium Copper
SLEEVE & PLUNGER FINISH: 20
μ” Gold over Nickel
SPRING FINISH: 10
μ” Gold over Nickel
DIMENSION IN INCHES:
TOLERANCES ON: LENGTHS:
±.006
DIAMETERS: ±.002
ANGLES:
± 2°
MECHANICAL & ELECTRICAL SPECIFICATIONS:
DURABILITY: 1,000,000 cycles
CURRENT RATING: 2A continuous, 3A peak
CONTACT RESISTANCE: 20 m
Ω max.
73, 74, 75, 77 Springs are not Interchangeable
RoHS
2002/95/EC
73
74
75
77
.0275
.0275
.0275
.045
.055
.055
.055
.090
60 g
50 g
60 g
60 g
25 g
15 g
25 g
25 g
SPRING
NUMBER
Mid.
STROKE
Max.
STROKE
FORCE @
Mid. Stroke
Initial Force
(Pre-load)
0934-0-15-20-74-14-26-0
Standard Stroke
Surface mount
0934
0936
0928-0-15-20-77-14-11-0
Long Stroke
Surface mount
0936-0-15-20-75-14-11-0
Standard Stroke
Surface mount
0928
0927-0-15-20-75-14-11-0
Standard Stroke
Surface mount
0927
.197
.197
.288
.288
.072 DIA.
.072 DIA.
.064 DIA.
.064 DIA.
.059 DIA.
.059 DIA.
.042 DIA.
.042 DIA.
.028
.028
.016
.016
.198
.198
.045
.045
.090
.090


Similar Part No. - 091306-15-20-77-14-11-0

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0913060001 LITTELFUSE-0913060001 Datasheet
3Mb / 24P
   POWR-BLOK??Modules
2012
logo
PHOENIX CONTACT
0913061 PHOENIX-0913061 Datasheet
59Kb / 3P
   Fuse insert - S 20 A/380 V
09/11/2020
logo
Littelfuse
0913063001 LITTELFUSE-0913063001 Datasheet
3Mb / 24P
   POWR-BLOK??Modules
2012
09130633LXN LITTELFUSE-09130633LXN Datasheet
93Kb / 1P
   Starter Terminals
09130633Z LITTELFUSE-09130633Z Datasheet
93Kb / 1P
   Starter Terminals
More results

Similar Description - 091306-15-20-77-14-11-0

ManufacturerPart #DatasheetDescription
logo
Mill-Max Mfg. Corp.
0905 MILL-MAX-0905 Datasheet
145Kb / 1P
   SPRING-LOADED CONNECTORS Discrete Spring-Loaded Contacts
0906-0-15-20-76-14-11-0 MILL-MAX-0906-0-15-20-76-14-11-0 Datasheet
400Kb / 1P
   SPRING-LOADED CONNECTORS Discrete Spring-Loaded Contacts
0950-0-15-20-71-14-11-0 MILL-MAX-0950-0-15-20-71-14-11-0 Datasheet
219Kb / 1P
   SPRING-LOADED CONNECTORS Discrete Spring-Loaded Contacts
0850-0-15-20-83-14-11-0 MILL-MAX-0850-0-15-20-83-14-11-0 Datasheet
205Kb / 1P
   SPRING-LOADED CONNECTORS Discrete Spring-Loaded Contacts
0910-0-57-20-76-14-11-0 MILL-MAX-0910-0-57-20-76-14-11-0 Datasheet
308Kb / 1P
   SPRING-LOADED CONNECTORS Discrete Spring-Loaded Contacts
829 MILL-MAX-829 Datasheet
140Kb / 1P
   SPRING-LOADED CONNECTORS
807-22-001-30-000101 MILL-MAX-807-22-001-30-000101 Datasheet
118Kb / 3P
   Spring-Loaded Insulated Spring Pin Spring-Loaded Header
logo
Precid-Dip Durtal SA
811-SS-007-30-001101 PREDIP-811-SS-007-30-001101 Datasheet
20Kb / 3P
   SPRING-LOADED CONNECTORS & PAD CONNECTORS
802-10-016-30-507101 PREDIP-802-10-016-30-507101 Datasheet
19Kb / 2P
   SPRING-LOADED CONNECTORS & PAD CONNECTORS
8PM-11-0004-02-131 PREDIP-8PM-11-0004-02-131 Datasheet
18Kb / 2P
   SPRING-LOADED CONNECTORS & PAD CONNECTORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com