Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT28C256T13I-12T Datasheet(PDF) 11 Page - ON Semiconductor

Part # CAT28C256T13I-12T
Description  256 kb Parallel EEPROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT28C256T13I-12T Datasheet(HTML) 11 Page - ON Semiconductor

Back Button CAT28C256T13I-12T Datasheet HTML 6Page - ON Semiconductor CAT28C256T13I-12T Datasheet HTML 7Page - ON Semiconductor CAT28C256T13I-12T Datasheet HTML 8Page - ON Semiconductor CAT28C256T13I-12T Datasheet HTML 9Page - ON Semiconductor CAT28C256T13I-12T Datasheet HTML 10Page - ON Semiconductor CAT28C256T13I-12T Datasheet HTML 11Page - ON Semiconductor CAT28C256T13I-12T Datasheet HTML 12Page - ON Semiconductor CAT28C256T13I-12T Datasheet HTML 13Page - ON Semiconductor CAT28C256T13I-12T Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
CAT28C256
http://onsemi.com
11
PACKAGE DIMENSIONS
PLCC 32
CASE 776AK−01
ISSUE O
E1
E2
E
PIN#1 IDENTIFICATION
D
D1
be
b1
D2
A2
A3
SIDE VIEW
TOP VIEW
END VIEW
Notes:
(1) All dimensions are in millimeters.
(2) Complies with JEDEC MS-016.
SYMBOL
MIN
NOM
MAX
A2
A3
b
b1
D
D1
D2
E
E1
e
E2
2.54
0.33
0.66
12.32
12.10
11.36
9.56
14.86
0.38
2.80
0.54
0.82
12.57
13.86
11.50
11.32
15.11
1.27 BSC
13.90
14.04


Similar Part No. - CAT28C256T13I-12T

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT28C256T13I-12T CATALYST-CAT28C256T13I-12T Datasheet
75Kb / 10P
   32K-Bit Parallel E2PROM
CAT28C256T13I-12T CATALYST-CAT28C256T13I-12T Datasheet
530Kb / 12P
   256K-Bit Parallel EEPROM
More results

Similar Description - CAT28C256T13I-12T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT28C256LI12 ONSEMI-CAT28C256LI12 Datasheet
154Kb / 14P
   256 kb Parallel EEPROM
December, 2009 ??Rev. 6
CAT28C256GI12 ONSEMI-CAT28C256GI12 Datasheet
132Kb / 14P
   256 kb Parallel EEPROM
December, 2009 ??Rev. 6
CAT28C256N-20 ONSEMI-CAT28C256N-20 Datasheet
154Kb / 14P
   256 kb Parallel EEPROM
December, 2009 ??Rev. 6
CAT28C257 ONSEMI-CAT28C257 Datasheet
143Kb / 13P
   256 kb CMOS Parallel EEPROM
December, 2009 ??Rev. 6
CAV24C256 ONSEMI-CAV24C256_18 Datasheet
265Kb / 14P
   EEPROM Serial 256-Kb I2C
May, 2018 ??Rev. 1
CAT25256 ONSEMI-CAT25256_18 Datasheet
387Kb / 22P
   EEPROM Serial 256-Kb SPI
June, 2018 ??Rev. 11
CAT24C256 ONSEMI-CAT24C256_18 Datasheet
375Kb / 20P
   EEPROM Serial 256-Kb I2C
May, 2018 ??Rev. 15
CAV24C256 ONSEMI-CAV24C256 Datasheet
157Kb / 11P
   256-Kb CMOS Serial EEPROM
November, 2012 ??Rev. 0
CAT25256 ONSEMI-CAT25256 Datasheet
187Kb / 16P
   256-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
CAT25256 ONSEMI-CAT25256_15 Datasheet
151Kb / 19P
   256-Kb SPI Serial CMOS EEPROM
June, 2015 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com